Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PC910L0NSZ Datasheet(PDF) 12 Page - Sharp Electrionic Components

Part No. PC910L0NSZ
Description  High Speed 10Mb/s, High CMR DIP 8 pin .OPIC Photocoupler
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

PC910L0NSZ Datasheet(HTML) 12 Page - Sharp Electrionic Components

Back Button PC910L0NSZ Datasheet HTML 5Page - Sharp Electrionic Components PC910L0NSZ Datasheet HTML 6Page - Sharp Electrionic Components PC910L0NSZ Datasheet HTML 7Page - Sharp Electrionic Components PC910L0NSZ Datasheet HTML 8Page - Sharp Electrionic Components PC910L0NSZ Datasheet HTML 9Page - Sharp Electrionic Components PC910L0NSZ Datasheet HTML 10Page - Sharp Electrionic Components PC910L0NSZ Datasheet HTML 11Page - Sharp Electrionic Components PC910L0NSZ Datasheet HTML 12Page - Sharp Electrionic Components PC910L0NSZ Datasheet HTML 13Page - Sharp Electrionic Components  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Sheet No.: D2-A05601EN
■ Package specification
12
12.0
6.7
520
±2
(Unit : mm)
PC910L0NSZ Series
● Sleeve package
Package materials
Sleeve : HIPS (with anti-static material)
Stopper : Styrene-Elastomer
Package method
MAX. 50 pcs. of products shall be packaged in a sleeve.
Both ends shall be closed by tabbed and tabless stoppers.
The product shall be arranged in the sleeve with its primary side mark on the tabless stopper side.
MAX. 20 sleeves in one case.
Sleeve outline dimensions


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn