Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PC910L0NSZ Datasheet(PDF) 9 Page - Sharp Electrionic Components

Part No. PC910L0NSZ
Description  High Speed 10Mb/s, High CMR DIP 8 pin .OPIC Photocoupler
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

PC910L0NSZ Datasheet(HTML) 9 Page - Sharp Electrionic Components

Back Button PC910L0NSZ Datasheet HTML 5Page - Sharp Electrionic Components PC910L0NSZ Datasheet HTML 6Page - Sharp Electrionic Components PC910L0NSZ Datasheet HTML 7Page - Sharp Electrionic Components PC910L0NSZ Datasheet HTML 8Page - Sharp Electrionic Components PC910L0NSZ Datasheet HTML 9Page - Sharp Electrionic Components PC910L0NSZ Datasheet HTML 10Page - Sharp Electrionic Components PC910L0NSZ Datasheet HTML 11Page - Sharp Electrionic Components PC910L0NSZ Datasheet HTML 12Page - Sharp Electrionic Components PC910L0NSZ Datasheet HTML 13Page - Sharp Electrionic Components  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Sheet No.: D2-A05601EN
✩ For additional design assistance, please review our corresponding Optoelectronic Application Notes.
9
PC910L0NSZ Series
■ Design Considerations
Transistor of detector side in bipolar configuration may be damaged by static electricity due to its minute de-
sign.
When handling these devices, general countermeasure against static electricity should be taken to avoid
breakdown of devices or degradation of characteristics.
● Notes about static electricity
In order to stabilize power supply line, we should certainly recommend to connect a by-pass capacitor of
0.01
µF or more between VCC and GND near the device.
In case that some sudden big noise caused by voltage variation is provided between primary and secondary
terminals of photocoupler some current caused by it is floating capacitance may be generated and result in
false operation since current may go through LED or current may change.
If the photocoupler may be used under the circumstances where noise will be generated we recommend to
use the bypass capacitors at the both ends of LED.
The detector which is used in this device, has parasitic diode between each pins and GND.
There are cases that miss operation or destruction possibly may be occurred if electric potential of any pin
becomes below GND level even for instant.
Therefore it shall be recommended to design the circuit that electric potential of any pin does not become
below GND level.
This product is not designed against irradiation and incorporates non-coherent LED.
● Design guide
● Degradation
In general, the emission of the LED used in photocouplers will degrade over time.
In the case of long term operation, please take the general LED degradation (50% degradation over 5years)
into the design consideration.
Please decide the input current which become 2times of MAX. IFHL.
Low level input current
High level input current
High level enable input voltage
Low level enable input voltage
Supply voltage
Fan out (TTL load)
Operating temperature
Parameter
IFL
IFH
VEH
VEL
VCC
N
Topr
Symbol
0
8
2.0
0
4.5
−40
MIN.
250
15
VCC
0.8
5.5
8
70
MAX.
TYP.
µA
mA
V
V
V
˚C
Unit
● Recommended operating conditions


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn