Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PC910L0NSZ Datasheet(PDF) 8 Page - Sharp Electrionic Components

Part No. PC910L0NSZ
Description  High Speed 10Mb/s, High CMR DIP 8 pin .OPIC Photocoupler
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

PC910L0NSZ Datasheet(HTML) 8 Page - Sharp Electrionic Components

Back Button PC910L0NSZ Datasheet HTML 4Page - Sharp Electrionic Components PC910L0NSZ Datasheet HTML 5Page - Sharp Electrionic Components PC910L0NSZ Datasheet HTML 6Page - Sharp Electrionic Components PC910L0NSZ Datasheet HTML 7Page - Sharp Electrionic Components PC910L0NSZ Datasheet HTML 8Page - Sharp Electrionic Components PC910L0NSZ Datasheet HTML 9Page - Sharp Electrionic Components PC910L0NSZ Datasheet HTML 10Page - Sharp Electrionic Components PC910L0NSZ Datasheet HTML 11Page - Sharp Electrionic Components PC910L0NSZ Datasheet HTML 12Page - Sharp Electrionic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Sheet No.: D2-A05601EN
8
PC910L0NSZ Series
Fig.10 Output Voltage vs. Forward Current
Fig.12 Propagation Delay Time vs.
Ambient Temperature
Fig.11 Propagation Delay Time vs. Forward
Current
Remarks : Please be aware that all data in the graph are just for reference and not for guarantee.
0
1
2
6
0
3
12
6
4
3
5
4
5
Forward current IF (mA)
VCC
=5.0V
VO
=0.8V
VE
=2.0V
Ta
=25˚C
RL
=350Ω
RL
=1kΩ
RL
=4kΩ
0
100
20
40
60
80
−50
0
−25
75
50
25
100
Ambient temperature Ta (˚C)
IF
=7.5mA
VCC
=5.0V
RL
=350Ω
tPLH
tPHL
0
100
20
40
60
80
510
1520
Forward current IF (mA)
Ta
=25˚C
VCC
=5.0V
RL
=350Ω
tPLH
tPHL


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn