Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT79RV3081E-25PFB Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT79RV3081E-25PFB
Description  RISController with FPA
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT79RV3081E-25PFB Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT79RV3081E-25PFB Datasheet HTML 7Page - Integrated Device Technology IDT79RV3081E-25PFB Datasheet HTML 8Page - Integrated Device Technology IDT79RV3081E-25PFB Datasheet HTML 9Page - Integrated Device Technology IDT79RV3081E-25PFB Datasheet HTML 10Page - Integrated Device Technology IDT79RV3081E-25PFB Datasheet HTML 11Page - Integrated Device Technology IDT79RV3081E-25PFB Datasheet HTML 12Page - Integrated Device Technology IDT79RV3081E-25PFB Datasheet HTML 13Page - Integrated Device Technology IDT79RV3081E-25PFB Datasheet HTML 14Page - Integrated Device Technology IDT79RV3081E-25PFB Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
5.5
11
IDT79R3081 RISController
MILITARY AND COMMERCIAL TEMPERATURE RANGES
PIN NAME
I/O
DESCRIPTION
Int(5:3)
I
Processor Interrupt: During normal operation, these signals are logically the same as the
Int(5:0) SInt(2:0)
signals of the R3000. During processor reset, these signals perform mode initialization of the CPU, but in a
different (simpler) fashion than the interrupt signals of the R3000.
There are two types of interrupt inputs: the
SInt inputs are internally synchronized by the processor, and may
be driven by an asynchronous external agent. The direct interrupt inputs are not internally synchronized, and
thus must be externally synchronized to the CPU. The direct interrupt inputs have one cycle lower latency than
the synchronized interrupts. Note that the interrupt used by the on-chip FPA will not be monitored externally.
ClkIn
I
Master Clock Input: This input clock can be provided at the execution frequency of the CPU (1x clock mode)
or at twice that frequency (2x clock mode), as selected at reset.
Reset
I
Master Processor Reset: This signal initializes the CPU. Mode selection is performed during the last cycle
of
Reset.
Rsvd(4:1)
I/O
Reserved: These four signal pins are reserved for testing and for future revisions of this device. Users must not
connect these pins. Note that Rsvd(0) of the R3051 is now used for the
CohReq input pin.
PIN DESCRIPTION (Continued):
ABSOLUTE MAXIMUM RATINGS
(1, 3)
Symbol
Rating
Commercial
Military
Unit
VTERM
Terminal Voltage
–0.5 to +7.0
–0.5 to +7.0
V
with Respect
to GND
TC
Operating Case
0 to +85
–55 to +125
°C
Temperature
TBIAS
Case Temperature
–55 to +125
–65 to +135
°C
Under Bias
TSTG
Storage
–55 to +125
–65 to +155
°C
Temperature
VIN
Input Voltage
–0.5 to +7.0
–0.5 to +7.0
V
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
2. VIN minimum = –3.0V for pulse width less than 15ns.
VIN should not exceed VCC +0.5V.
3. Not more than one output should be shorted at a time. Duration of the short
should not exceed 30 seconds.
2889 tbl 05
OUTPUT LOADING FOR AC TESTING
Signal
CLD
SysClk
50 pf
All Others
25 pf
2889 tbl 08
Symbol
Parameter
Min.
Max.
Unit
VIH
Input HIGH Voltage
3.0
V
VIL
Input LOW Voltage
0
V
VIHS
Input HIGH Voltage
3.0
V
VILS
Input LOW Voltage
0
V
2889 tbl 06
AC TEST CONDITIONS—RV3081
+
To Device
Under Test
CLD
–4mA
+4mA
VREF
+1.5V
2889 drw 08
AC TEST CONDITIONS—R3081
2889 tbl 06
Symbol
Parameter
Min.
Max.
Unit
VIH
Input HIGH Voltage
3.0
V
VIL
Input LOW Voltage
0
V
VIHS
Input HIGH Voltage
3.5
V
VILS
Input LOW Voltage
0
V
2889 tbl 04
RECOMMENDED OPERATING
TEMPERATURE AND SUPPLY VOLTAGE
2889 tbl 07
Grade
Temperature(Case)
GND
VCC
Military
–55
°C to +125°C
0V
5.0
±10%
Commercial
0
°C to +85°C
0V
5.0
±5%
Commercial
0
°C to +85°C
0V
3.3
±5%


Similar Part No. - IDT79RV3081E-25PFB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT79RV3041 IDT-IDT79RV3041 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79RV3041 IDT-IDT79RV3041 Datasheet
271Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79RV3041-16 IDT-IDT79RV3041-16 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79RV3041-20 IDT-IDT79RV3041-20 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79RV3041-25 IDT-IDT79RV3041-25 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
More results

Similar Description - IDT79RV3081E-25PFB

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
F48P24A-V12-19 VICOR-F48P24A-V12-19 Datasheet
268Kb / 4P
   FPA Evaluation Board
logo
Integrated Device Techn...
IDT79R3041 IDT-IDT79R3041 Datasheet
390Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79R3041 IDT-IDT79R3041_08 Datasheet
271Kb / 34P
   INTEGRATED RISController??FOR LOW-COST SYSTEMS
IDT79R4650 IDT-IDT79R4650 Datasheet
533Kb / 25P
   Low-Cost 64-bit RISController w/DSP Capability
logo
Renesas Technology Corp
IDT79RC4640 RENESAS-IDT79RC4640 Datasheet
780Kb / 24P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
December 5, 2008
logo
Integrated Device Techn...
IDT79RC4650 IDT-IDT79RC4650 Datasheet
659Kb / 25P
   Low-Cost 64-bit RISController w/DSP Capability
79RC32364 IDT-79RC32364 Datasheet
481Kb / 21P
   RISController Embedded 32-bit Microprocessor, based on RISCore32300
IDT79R4640 IDT-IDT79R4640 Datasheet
205Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
IDT79RC4640 IDT-IDT79RC4640_08 Datasheet
594Kb / 23P
   Low-Cost Embedded 64-bit RISController w/ DSP Capability
logo
VITALCONN ELECTRONICS H...
J21TG07K1NP01 VITALCONN-J21TG07K1NP01 Datasheet
479Kb / 3P
   RJ45 WITH SINGLE USB3.0 , WITH SINGLE TYPE C , WITH LEDs WITH MAGNETIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com