Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

82379AB Datasheet(PDF) 28 Page - Intel Corporation

Part # 82379AB
Description  SYSTEM I/O APIC(SIO.A) AND
Download  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82379AB Datasheet(HTML) 28 Page - Intel Corporation

Back Button 82379AB Datasheet HTML 24Page - Intel Corporation 82379AB Datasheet HTML 25Page - Intel Corporation 82379AB Datasheet HTML 26Page - Intel Corporation 82379AB Datasheet HTML 27Page - Intel Corporation 82379AB Datasheet HTML 28Page - Intel Corporation 82379AB Datasheet HTML 29Page - Intel Corporation 82379AB Datasheet HTML 30Page - Intel Corporation 82379AB Datasheet HTML 31Page - Intel Corporation 82379AB Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 137 page
background image
82378ZB (SIO) AND 82379AB (SIO.A)
28
Configuration
Offset
Register
Register
Access
Bus Access
A8h
Fast-Off Timer (FTMR)
R/W
PCI Only
A9h
Reserved
--
PCI Only
AAh - ABh
SMI Request (SMIREQ)
R/W
PCI Only
ACh
Clock Throttle STPCLK# Low Timer (CTLTMRL)
R/W
PCI Only
ADh
Reserved
--
PCI Only
AEh
Clock Throttle STPCLK# High Timer (CTLTMRH)
R/W
PCI Only
AF
−FFh
Reserved
--
PCI Only
Table 4. ISA-Compatible Registers
Address
Address
Type
Name
Block
FEDC BA98
7654
3210
0000h
0000
0000
000x
0000
r/w
DMA1 CH0 Base and Current Address
DMA
0001h
0000
0000
000x
0001
r/w
DMA1 CH0 Base and Current Count
DMA
0002h
0000
0000
000x
0010
r/w
DMA1 CH1 Base and Current Address
DMA
0003h
0000
0000
000x
0011
r/w
DMA1 CH1 Base and Current Count
DMA
0004h
0000
0000
000x
0100
r/w
DMA1 CH2 Base and Current Address
DMA
0005h
0000
0000
000x
0101
r/w
DMA1 CH2 Base and Current Count
DMA
0006h
0000
0000
000x
0110
r/w
DMA1 CH3 Base and Current Address
DMA
0007h
0000
0000
000x
0111
r/w
DMA1 CH3 Base and Current Count
DMA
0008h
0000
0000
000x
1000
r/w
DMA1 Status(r) Command(w) Register
DMA
0009h
0000
0000
000x
1001
wo
DMA1 Write Request Register
DMA
000Ah
0000
0000
000x
1010
wo
DMA1 Write Single Mask Bit
DMA
000Bh
0000
0000
000x
1011
wo
DMA1 Write Mode Register
DMA
000Ch
0000
0000
000x
1100
wo
DMA1 Clear Byte Pointer
DMA
000Dh
0000
0000
000x
1101
wo
DMA1 Master Clear
DMA
000Eh
0000
0000
000x
1110
wo
DMA1 Clear Mask Register
DMA
000Fh
0000
0000
000x
1111
r/w
DMA1 Read/Write All Mask Register Bits
DMA
0020h
0000
0000
001x
xx00
r/w
INT 1 Control Register
PIC
0021h
0000
0000
001x
xx01
r/w
INT 1 Mask Register
PIC
0040h
0000
0000
010x
0000
r/w
Timer Counter 1 - Counter 0 Count
TC
0041h
0000
0000
010x
0001
r/w
Timer Counter 1 - Counter 1 Count
TC


Similar Part No. - 82379AB

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8237 FILTRAN-8237 Datasheet
257Kb / 2P
   LAN 10 BASE-T Surface Mount Interface Modules
logo
API Technologies Corp
8237 APITECH-8237 Datasheet
1Mb / 2P
   10 Base-T Surface Mount Interface Modules
logo
Belden Inc.
8237 BELDEN-8237 Datasheet
138Kb / 2P
   50 Ohm Wireless Transmission Coax, RG-8, 13 AWG Str BC, 95% BC Braid,PVC Jkt, CMH
04-13-2023
8237-010100 BELDEN-8237-010100 Datasheet
138Kb / 2P
   50 Ohm Wireless Transmission Coax, RG-8, 13 AWG Str BC, 95% BC Braid,PVC Jkt, CMH
04-13-2023
8237-0101000 BELDEN-8237-0101000 Datasheet
138Kb / 2P
   50 Ohm Wireless Transmission Coax, RG-8, 13 AWG Str BC, 95% BC Braid,PVC Jkt, CMH
04-13-2023
More results

Similar Description - 82379AB

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
ERC-019-01-02 SAMTEC-ERC-019-01-02 Datasheet
639Kb / 1P
   HIGH SPEED I/O SYSTEM
logo
List of Unclassifed Man...
SIS5595 ETC-SIS5595 Datasheet
2Mb / 216P
   Pentium PCI System I/O Chipset
FDC37N958FR ETC1-FDC37N958FR Datasheet
999Kb / 316P
   Notebook I/O Controller with Enhanced Keyboard and System Control
logo
M-System Co.,Ltd.
R7F4DH MSYSTEM-R7F4DH Datasheet
1Mb / 77P
   Remote I/O R7F4D Series HI-SPEED LINK SYSTEM I/O MODULE
R7HL MSYSTEM-R7HL Datasheet
1Mb / 55P
   Remote I/O R7 Series HI-SPEED LINK SYSTEM I/O MODULE
R7K4DH-1-DAC32B MSYSTEM-R7K4DH-1-DAC32B Datasheet
322Kb / 8P
   Remote I/O R7K4D Series HI-SPEED LINK SYSTEM I/O MODULE
logo
WAGO Kontakttechnik Gmb...
706-7753-602-100 WAGO-706-7753-602-100 Datasheet
127Kb / 3P
   System cable; for WAGO-I/O-SYSTEM, 753 Series
23.11.2021
706-7753-306-300 WAGO-706-7753-306-300 Datasheet
307Kb / 4P
   System cable; for WAGO-I/O-SYSTEM, 750 Series
23.11.2021
logo
M-System Co.,Ltd.
R7K4DH-1-DAC32D MSYSTEM-R7K4DH-1-DAC32D Datasheet
321Kb / 8P
   Remote I/O R7K4D Series HI-SPEED LINK SYSTEM I/O MODULE
R7G4HH-A-YVF4 MSYSTEM-R7G4HH-A-YVF4 Datasheet
278Kb / 11P
   Remote I/O R7G4H Series HI-SPEED LINK SYSTEM I/O MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com