Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5258 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5258
Description  Nonvolatile, IC-Compatible 64-Position, Digital Potentiometer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5258 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5258_15 Datasheet HTML 15Page - Analog Devices AD5258_15 Datasheet HTML 16Page - Analog Devices AD5258_15 Datasheet HTML 17Page - Analog Devices AD5258_15 Datasheet HTML 18Page - Analog Devices AD5258_15 Datasheet HTML 19Page - Analog Devices AD5258_15 Datasheet HTML 20Page - Analog Devices AD5258_15 Datasheet HTML 21Page - Analog Devices AD5258_15 Datasheet HTML 22Page - Analog Devices AD5258_15 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
AD5258
Rev. D | Page 19 of 24
ESD PROTECTION OF DIGITAL PINS AND
RESISTOR TERMINALS
The AD5258 VDD, VLOGIC, and GND power supplies define the
boundary conditions for proper 3-terminal and digital input
operation. Supply signals present on Terminal A, Terminal B,
and Terminal W that exceed VDD or GND are clamped by the
internal forward-biased ESD protection diodes (see Figure 40).
Digital Input SCL and Digital Input SDA are clamped by ESD
protection diodes with respect to VLOGIC and GND as shown in
Figure 41.
GND
A
W
B
VDD
Figure 40. Maximum Terminal Voltages Set by VDD and GND
GND
SCL
SDA
VLOGIC
Figure 41. Maximum Terminal Voltages Set by VLOGIC and GND
POWER-UP SEQUENCE
Because the ESD protection diodes limit the voltage compliance
at Terminal A, Terminal B, and Terminal W (see Figure 40), it is
important to power GND/VDD/VLOGIC before applying any volt-
age to Terminal A, Terminal B, and Terminal W; otherwise, the
diode is forward-biased such that VDD and VLOGIC are powered
unintentionally and may affect the user’s circuit. The ideal
power-up sequence is in the following order: GND, VDD,
VLOGIC, digital inputs, and then VA, VB, VW. The relative order
of powering VA, VB, VW and the digital inputs is not important
as long as they are powered after GND, VDD, and VLOGIC.
LAYOUT AND POWER SUPPLY BYPASSING
It is good practice to employ compact, minimum lead length
layout design. The leads to the inputs should be as direct as
possible with minimum conductor length. Ground paths
should have low resistance and low inductance.
Similarly, it is also good practice to bypass the power supplies
with quality capacitors for optimum stability. Supply leads to
the device should be bypassed with disc or chip ceramic capaci-
tors of 0.01 µF to 0.1 µF. In addition, low ESR 1 µF to 10 µF
tantalum or electrolytic capacitors should be applied at the
supplies to minimize any transient disturbance and low fre-
quency ripple (see Figure 42). As well, the digital ground
should be joined remotely to the analog ground at one point
to minimize the ground bounce.
VDD
GND
VDD
C2
10µF
C1
0.1µF
AD5258
+
Figure 42. Power Supply Bypassing
MULTIPLE DEVICES ON ONE BUS
The AD5258 has two configurable address pins, AD0 and AD1.
The state of these two pins is registered upon power-up and
decoded into a corresponding I2C-compatible 7-bit address (see
Table 5). This allows up to four devices on the bus to be written
to or read from independently.


Similar Part No. - AD5258_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5258BRMZ1 AD-AD5258BRMZ1 Datasheet
534Kb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. D
AD5258BRMZ1-R7 AD-AD5258BRMZ1-R7 Datasheet
534Kb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. D
AD5258BRMZ1-R71 AD-AD5258BRMZ1-R71 Datasheet
1Mb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. 0
AD5258BRMZ1-RL7 AD-AD5258BRMZ1-RL7 Datasheet
534Kb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. D
AD5258BRMZ10 AD-AD5258BRMZ10 Datasheet
1Mb / 75P
   ADSP-BF506F EZ-KIT Lite짰 Evaluation System Manual
Revision 1.0 December2009
More results

Similar Description - AD5258_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5258 AD-AD5258 Datasheet
1Mb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. 0
AD5258BRMZ1-RL7 AD-AD5258BRMZ1-RL7 Datasheet
534Kb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. D
AD5259 AD-AD5259_15 Datasheet
606Kb / 24P
   Nonvolatile, IC-Compatible 256-Position, Digital Potentiometer
REV. C
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
AD5259 AD-AD5259 Datasheet
245Kb / 14P
   Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
Rev. PrJ 7/22/04
AD5245 AD-AD5245_15 Datasheet
687Kb / 20P
   256-Position IC-Compatible Digital Potentiometer
REV. B
logo
Maxim Integrated Produc...
DS3908 MAXIM-DS3908 Datasheet
219Kb / 11P
   Dual, 64-Position Nonvolatile Digital Potentiometer with Buffered Outputs
Rev 0; 4/06
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
logo
Maxim Integrated Produc...
DS4301 MAXIM-DS4301 Datasheet
155Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
Rev 0; 8/03
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
   Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com