Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD5258 Datasheet(PDF) 11 Page - Analog Devices

Part No. AD5258
Description  Nonvolatile, IC-Compatible 64-Position, Digital Potentiometer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5258 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5258_15 Datasheet HTML 7Page - Analog Devices AD5258_15 Datasheet HTML 8Page - Analog Devices AD5258_15 Datasheet HTML 9Page - Analog Devices AD5258_15 Datasheet HTML 10Page - Analog Devices AD5258_15 Datasheet HTML 11Page - Analog Devices AD5258_15 Datasheet HTML 12Page - Analog Devices AD5258_15 Datasheet HTML 13Page - Analog Devices AD5258_15 Datasheet HTML 14Page - Analog Devices AD5258_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
AD5258
Rev. D | Page 11 of 24
–54
–60
–48
–42
–36
–30
–24
–18
–12
–6
0
1k
10k
100k
1M
FREQUENCY (Hz)
0x20
0x10
0x08
0x04
0x02
0x01
Figure 23. Gain vs. Frequency vs. Code, RAB = 50 k
Ω
0x20
0x10
0x08
0x04
0x02
0x01
–54
–60
–48
–42
–36
–30
–24
–18
–12
–6
0
1k
10k
100k
1M
FREQUENCY (Hz)
Figure 24. Gain vs. Frequency vs. Code, RAB = 100 k
Ω
10k
1k
100
10
01
2
34
5
VIH (V)
VDD = VLOGIC = 5V
VDD = VLOGIC = 3V
Figure 25. Logic Supply Current vs. Input Voltage
80
60
40
20
0
100
1k
1M
100k
10k
FREQUENCY (Hz)
CODE = MIDSCALE, VA = VLOGIC, VB = 0V
PSRR @ VLOGIC = 5V DC ± 10% p-p AC
PSRR @ VLOGIC = 3V DC ± 10% p-p AC
Figure 26. Power Supply Rejection Ratio vs. Frequency


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn