Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD5258 Datasheet(PDF) 8 Page - Analog Devices

Part No. AD5258
Description  Nonvolatile, IC-Compatible 64-Position, Digital Potentiometer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5258 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5258_15 Datasheet HTML 4Page - Analog Devices AD5258_15 Datasheet HTML 5Page - Analog Devices AD5258_15 Datasheet HTML 6Page - Analog Devices AD5258_15 Datasheet HTML 7Page - Analog Devices AD5258_15 Datasheet HTML 8Page - Analog Devices AD5258_15 Datasheet HTML 9Page - Analog Devices AD5258_15 Datasheet HTML 10Page - Analog Devices AD5258_15 Datasheet HTML 11Page - Analog Devices AD5258_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD5258
Data Sheet
Rev. D | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
VDD = VLOGIC = 5.5 V, RAB = 10 kΩ, TA = 25°C, unless otherwise noted.
0.5
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0
8
16
24
32
40
48
56
64
CODE (Decimal)
5.5V
2.7V
Figure 5. R-INL vs. Code vs. Supply Voltages
0.25
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0
8
16
24
32
40
48
56
64
CODE (Decimal)
5.5V
2.7V
Figure 6. R-DNL vs. Code vs. Supply Voltages
0.10
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0
8
16
24
32
40
48
56
64
CODE (Decimal)
–40°C
+25ºC
+85ºC
Figure 7. INL vs. Code vs. Temperature
0.10
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0
8
16
24
32
40
48
56
64
CODE (Decimal)
–40°C
+25°C
+85°C
Figure 8. DNL vs. Code vs. Temperature
0.10
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0
8
16
24
32
40
48
56
64
5.5V
2.7V
CODE (Decimal)
Figure 9. INL vs. Code vs. Supply Voltages
0.10
–0.10
–0.08
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
0.08
0
8
16
24
32
40
48
56
64
CODE (Decimal)
5.5V
2.7V
Figure 10. DNL vs. Code vs. Supply Voltages


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn