Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

82371FB Datasheet(PDF) 68 Page - Intel Corporation

Part # 82371FB
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82371FB Datasheet(HTML) 68 Page - Intel Corporation

Back Button 82371FB Datasheet HTML 64Page - Intel Corporation 82371FB Datasheet HTML 65Page - Intel Corporation 82371FB Datasheet HTML 66Page - Intel Corporation 82371FB Datasheet HTML 67Page - Intel Corporation 82371FB Datasheet HTML 68Page - Intel Corporation 82371FB Datasheet HTML 69Page - Intel Corporation 82371FB Datasheet HTML 70Page - Intel Corporation 82371FB Datasheet HTML 71Page - Intel Corporation 82371FB Datasheet HTML 72Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 122 page
background image
82371FB (PIIX) AND 82371SB (PIIX3)
E
68
Bit
Description
3
Counter 2 Select. When bit 3=1, Counter 2 is selected for the latch command selected with
bits 4 and 5. When bit 3=0, status and/or count will not be latched.
2
Counter 1 Select. When bit 2=1, Counter 1 is selected for the latch command selected with
bits 4 and 5. When bit 2=0, status and/or count will not be latched.
1
Counter 0 Select. When bit 1=1, Counter 0 is selected for the latch command selected with
bits 4 and 5. When bit 1=0, status and/or count will not be latched.
0
Reserved. Must be 0.
Counter Latch Command
The Counter Latch Command latches the current count value at the time the command is received. If a
Counter is latched once and then, some time later, latched again before the count is read, the second
Counter Latch Command is ignored. The count read will be the count at the time the first Counter Latch
Command was issued. If the counter is programmed for two byte counts, two bytes must be read. The two
bytes do not have to be read successively (read, write, or programming operations for other counters may be
inserted between the reads). Note that the Timer Counter Register bit definitions are different during the
Counter Latch Command than for a normal Timer Counter Register write. Note that, If a counter is
programmed to read/write two-byte counts, a program must not transfer control between reading the first and
second byte to another routine that also reads from that same counter. Otherwise, an incorrect count will be
read.
Bit
Description
7:6
Counter Selection. Bits 6 and 7 are used to select the counter for latching.
Bit[7:6]
Function
00
latch counter 0 select
01
latch counter 1 select
10
latch counter 2 select
11
Read Back Command select
5:4
Counter Latch Command. When bits[5:4]=00, the Counter Latch Command is selected
during a write to the Timer Control Word Register. Following the Counter Latch Command, I/O
reads from the selected counter’s I/O addresses produce the current latched count.
3:0
Reserved. Must be 0.
2.5.2.2.
Interval Timer Status Byte Format Register
I/O Address:
Counter 0—040h; Counter 1—041h; Counter 2—042h
Default Value:
Bits[6:0]=X; Bit 7=0
Attribute:
Read Only
Each counter's status byte can be read following an Interval Timer Read Back Command. If latch status is
chosen (bit 4=0, Read Back Command) as a read back option for a given counter, the next read from the
counter's Counter Access Ports Register returns the status byte.
Bit
Description
7
Counter OUT Pin State. 1=Pin is 1; 0=Pin is 0.


Similar Part No. - 82371FB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82371AB INTEL-82371AB Datasheet
1Mb / 284P
   PCI-TO-ISA / IDE XCELERATOR PIIX4
More results

Similar Description - 82371FB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82371AB INTEL-82371AB Datasheet
1Mb / 284P
   PCI-TO-ISA / IDE XCELERATOR PIIX4
I82371MX INTEL-I82371MX Datasheet
1Mb / 133P
   INTEL 430MX PCISET 82371MX MOBILE PCI I/O IDE XCELERATOR (MPIIX)
logo
Advantech Co., Ltd.
PCA-6104-0C2E ADVANTECH-PCA-6104-0C2E Datasheet
131Kb / 1P
   PCI/ISA Backplanes
PCA-6115QP2X-0A2E ADVANTECH-PCA-6115QP2X-0A2E Datasheet
176Kb / 1P
   PCI/ISA Backplanes
PCA-6120P4-0B2E ADVANTECH-PCA-6120P4-0B2E Datasheet
128Kb / 1P
   PCI/ISA Backplanes
PCA-6104-0C1 ADVANTECH-PCA-6104-0C1 Datasheet
174Kb / 1P
   ISA/PCI Backplanes
PCA-6103P2V-0A2E ADVANTECH-PCA-6103P2V-0A2E Datasheet
138Kb / 1P
   PCI/ISA Backplanes
logo
Silicon image
SII0680A SILICONIMAGE-SII0680A Datasheet
781Kb / 124P
   PCI to IDE/ATA
logo
Nuvoton Technology Corp...
W83628AG NUVOTON-W83628AG Datasheet
857Kb / 65P
   PCI TO ISA BRIDGE
logo
Motorola, Inc
PV1000 MOTOROLA-PV1000 Datasheet
303Kb / 3P
   PCI/ISA Processor Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com