Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

82371FB Datasheet(PDF) 9 Page - Intel Corporation

Part # 82371FB
Description  82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82371FB Datasheet(HTML) 9 Page - Intel Corporation

Back Button 82371FB Datasheet HTML 5Page - Intel Corporation 82371FB Datasheet HTML 6Page - Intel Corporation 82371FB Datasheet HTML 7Page - Intel Corporation 82371FB Datasheet HTML 8Page - Intel Corporation 82371FB Datasheet HTML 9Page - Intel Corporation 82371FB Datasheet HTML 10Page - Intel Corporation 82371FB Datasheet HTML 11Page - Intel Corporation 82371FB Datasheet HTML 12Page - Intel Corporation 82371FB Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 122 page
background image
E
82371FB (PIIX) AND 82371SB (PIIX3)
9
1.0.
SIGNAL DESCRIPTION
This section contains a detailed description of each signal. The signals are arranged in functional groups
according to their interface.
Note that the ’#’ symbol at the end of a signal name indicates that the active, or asserted state occurs when
the signal is at a low voltage level. When ’#’ is not present after the signal name, the signal is asserted when
at the high voltage level.
The terms assertion and negation are used extensively. This is done to avoid confusion when working with a
mixture of ’active-low’ and ’active-high’ signals. The term assert, or assertion indicates that a signal is active,
independent of whether that level is represented by a high or low voltage. The term negate, or negation
indicates that a signal is inactive.
Note that certain signal pins provide two separate functions. At the system level, these pins drive other
signals with different functions through external buffers or transceivers. These pins have two different signal
names depending on the function. These signal names have been noted in the signal description tables, with
the signal whose function is being described in bold font. (For example, LA23/CS1S is in the section
describing CS1S and LA23/CS1S is in the section describing LA23).
The following notations are used to describe the signal type.
I
Input is a standard input-only signal.
O
Totem Pole Output is a standard active driver.
I/O
Input/Output is a bi-directional, tri-state signal.
od
Open Drain allows multiple devices to share as a wire-OR.
st
Schmitt Trigger input.
t/s
Tri-State is a bi-directional, tri-state input/output pin.
s/t/s
Sustained Tri-state is an active low tri-state signal owned and driven by one and only one agent at a
time. The agent that drives a s/t/s pin low must drive it high for at least one clock before letting it float.
A new agent can not start driving a s/t/s signal any sooner than one clock after the previous owner tri-
states it. An external pull-up is required to sustain the inactive state until another agent drives it and
must be provided by the central resource.
1.1.
PCI Interface Signals
Signal Name
Type
Description
PCICLK
I
PCI CLOCK: PCICLK provides timing for all transactions on the PCI Bus.
All other PCI signals are sampled on the rising edge of PCICLK, and all
timing parameters are defined with respect to this edge. PCI frequencies of
25–33 MHz are supported.
AD[31:0]
I/O
PCI ADDRESS/DATA: The standard PCI address and data lines. The
address is driven with FRAME# assertion and data is driven or received in
following clocks
C/BE[3:0]#
I/O
BUS COMMAND AND BYTE ENABLES: The command is driven with
FRAME# assertion. Byte enables corresponding to supplied or requested
data is driven on following clocks.
FRAME#
I/O
(s/t/s)
FRAME: Assertion indicates the address phase of a PCI transfer.
Negation indicates that one more data transfer is desired by the cycle
initiator.


Similar Part No. - 82371FB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82371AB INTEL-82371AB Datasheet
1Mb / 284P
   PCI-TO-ISA / IDE XCELERATOR PIIX4
More results

Similar Description - 82371FB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82371AB INTEL-82371AB Datasheet
1Mb / 284P
   PCI-TO-ISA / IDE XCELERATOR PIIX4
I82371MX INTEL-I82371MX Datasheet
1Mb / 133P
   INTEL 430MX PCISET 82371MX MOBILE PCI I/O IDE XCELERATOR (MPIIX)
logo
Advantech Co., Ltd.
PCA-6104-0C2E ADVANTECH-PCA-6104-0C2E Datasheet
131Kb / 1P
   PCI/ISA Backplanes
PCA-6115QP2X-0A2E ADVANTECH-PCA-6115QP2X-0A2E Datasheet
176Kb / 1P
   PCI/ISA Backplanes
PCA-6120P4-0B2E ADVANTECH-PCA-6120P4-0B2E Datasheet
128Kb / 1P
   PCI/ISA Backplanes
PCA-6104-0C1 ADVANTECH-PCA-6104-0C1 Datasheet
174Kb / 1P
   ISA/PCI Backplanes
PCA-6103P2V-0A2E ADVANTECH-PCA-6103P2V-0A2E Datasheet
138Kb / 1P
   PCI/ISA Backplanes
logo
Silicon image
SII0680A SILICONIMAGE-SII0680A Datasheet
781Kb / 124P
   PCI to IDE/ATA
logo
Nuvoton Technology Corp...
W83628AG NUVOTON-W83628AG Datasheet
857Kb / 65P
   PCI TO ISA BRIDGE
logo
Motorola, Inc
PV1000 MOTOROLA-PV1000 Datasheet
303Kb / 3P
   PCI/ISA Processor Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com