Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

82371AB Datasheet(PDF) 91 Page - Intel Corporation

Part # 82371AB
Description  PCI-TO-ISA / IDE XCELERATOR PIIX4
Download  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82371AB Datasheet(HTML) 91 Page - Intel Corporation

Back Button 82371AB Datasheet HTML 87Page - Intel Corporation 82371AB Datasheet HTML 88Page - Intel Corporation 82371AB Datasheet HTML 89Page - Intel Corporation 82371AB Datasheet HTML 90Page - Intel Corporation 82371AB Datasheet HTML 91Page - Intel Corporation 82371AB Datasheet HTML 92Page - Intel Corporation 82371AB Datasheet HTML 93Page - Intel Corporation 82371AB Datasheet HTML 94Page - Intel Corporation 82371AB Datasheet HTML 95Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 284 page
background image
82371AB (PIIX4)
91
4/9/97 2:23 PM PIIX4aDS
INTEL CONFIDENTIAL
(until publication date)
PRELIMINARY
5.1.5.
RID—REVISION IDENTIFICATION REGISTER (FUNCTION 1)
Address Offset:
08h
Default Value:
Initial Stepping=00h. Refer to PIIX4 Specification Updates for other values
programmed here.
Attribute:
Read Only
This 8-bit register contains device stepping information. Writes to this register have no effect.
Bit
Description
7:0
Revision ID Byte. The register is hardwired to the default value.
5.1.6.
CLASSC—CLASS CODE REGISTER (FUNCTION 1)
Address Offset:
09
−0Bh
Default Value:
010180h
Attribute:
Read Only
This register identifies the Base Class Code, Sub Class Code, and Device Programming interface for PIIX4 PCI
function 1.
Bit
Description
23:16
Base Class Code (BASEC). 01h=Mass storage device.
15:8
Sub Class Code (SCC). 01h=IDE controller.
7:0
Programming Interface (PI). 80h=Capable of IDE bus master operation.
5.1.7.
MLT—MASTER LATENCY TIMER REGISTER (FUNCTION 1)
Address Offset:
0Dh
Default Value:
00h
Attribute:
Read/Write
MLT controls the amount of time PIIX4, as a bus master, can burst data on the PCI Bus. The count value is an 8-
bit quantity. However, MLT[3:0] are reserved and 0 when determining the count value. The Master Latency
Timer is cleared and suspended when PIIX4 is not asserting FRAME#. When PIIX4 asserts FRAME#, the
counter begins counting. If PIIX4 finishes its transaction before the count expires, the MLT count is ignored. If
the count expires before the transaction completes (count=# of clocks programmed in MLT), PIIX4 initiates a
transaction termination as soon as its PHLDA# is removed. The number of clocks programmed in the MLT
represents the guaranteed time slice (measured in PCI clocks) allotted to PIIX4.
Bit
Description
7:4
Master Latency Timer Count Value (MLTC). PIIX4-initiated PCI burst cycles can last indefinitely,
as long as PHLDA# remains active. However, if PHLDA# is negated after the burst cycle is initiated,
PIIX4 limits the burst cycle to the number of PCI Bus clocks specified by
this field.
3:0
Reserved.


Similar Part No. - 82371AB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82371FB INTEL-82371FB Datasheet
751Kb / 122P
   82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
82371SB INTEL-82371SB Datasheet
751Kb / 122P
   82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
More results

Similar Description - 82371AB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
82371FB INTEL-82371FB Datasheet
751Kb / 122P
   82371FB (PIIX) AND 82371SB (PIIX3) PCI ISA IDE XCELERATOR
logo
Silicon image
SII0680A SILICONIMAGE-SII0680A Datasheet
781Kb / 124P
   PCI to IDE/ATA
logo
Intel Corporation
I82371MX INTEL-I82371MX Datasheet
1Mb / 133P
   INTEL 430MX PCISET 82371MX MOBILE PCI I/O IDE XCELERATOR (MPIIX)
logo
Nuvoton Technology Corp...
W83628AG NUVOTON-W83628AG Datasheet
857Kb / 65P
   PCI TO ISA BRIDGE
logo
Winbond
W83628F WINBOND-W83628F Datasheet
255Kb / 25P
   PCI TO ISA BRIDGE SET
logo
National Semiconductor ...
PC87200 NSC-PC87200 Datasheet
114Kb / 33P
   PC87200 PCI to ISA Bridge
logo
Winbond
W83628F WINBOND-W83628F Datasheet
271Kb / 25P
   PCI TO ISA BRIDGE SET
logo
Advantech Co., Ltd.
PCA-6104-0C2E ADVANTECH-PCA-6104-0C2E Datasheet
131Kb / 1P
   PCI/ISA Backplanes
PCA-6115QP2X-0A2E ADVANTECH-PCA-6115QP2X-0A2E Datasheet
176Kb / 1P
   PCI/ISA Backplanes
PCA-6120P4-0B2E ADVANTECH-PCA-6120P4-0B2E Datasheet
128Kb / 1P
   PCI/ISA Backplanes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com