Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFD31 Datasheet(PDF) 3 Page - Hongfa Technology

Part # HFD31
Description  SUBMINIATURE SIGNAL RELAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFD31 Datasheet(HTML) 3 Page - Hongfa Technology

  HFD31 Datasheet HTML 1Page - Hongfa Technology HFD31 Datasheet HTML 2Page - Hongfa Technology HFD31 Datasheet HTML 3Page - Hongfa Technology HFD31 Datasheet HTML 4Page - Hongfa Technology HFD31 Datasheet HTML 5Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
S_g[leA 81 Kh ][m_ i` hi nif_l[h]_ mbiqh ch ionfch_ ^cg_hmcihA ionfch_ ^cg_hmcih \8gg3 nif_l[h]_ mbiof^ \_ v759ggB ionfch_ ^cg_hmcih ^8gg
[h^ \<gg3 nif_l[h]_ mbiof^ \_ v75:ggB ionfch_ ^cg_hmcih ^<gg3 nif_l[h]_ mbiof^ \_ v75;gg5
91 Ub_ nif_l[h]_ qcnbion ch^c][ncha `il QED f[sion cm [fq[sm v758gg5
:1 Ub_ qc^nb i` nb_ alc^^cha cm 95<;gg5
8;
95<;
75<
@
>5=9
759<
2WUVRPJT USJHMFO HRIJ
8;
95<;
75<
@
>5;9
8859
95<;
8
81
=?34?8<6 8<5=?;0A8=<
2RMO XROVFKJ
85<3 95;3 :3 ;5<3 <3 =3 @3 893 9;WFE
JHF:8 6
9;
4M8
@RTV
AYSJ
0YYY1
S
T
?/
U[j_ [h^ l__f j[]echa 0Phfs `il TNU nsj_1
<MO/
Uo\_ j[]echa0Phfs `il FKQ nsj_1
:,/
8 ]icf f[n]bcha
:-/
9 ]icfm f[n]bcha
<MO/
Tchaf_ mc^_ mn[\f_
AJTPMQFO VYSJ
@/
Tn[h^[l^ TNU
<MO/
FKQ
Ponfch_ Fcg_hmcihm
=BA:8<4 38;4<@8=<@* D8?8<6 3806?0; 0<3 >2 1=0?3 :0E=BA
VhcnA gg
0Dinnig pc_q1
QED M[sion
>FHNMQK UVYOJ
<?
Tn[h^[l^
TNU nsj_
FKQ nsj_
<RVJU/
81 Hil nb_ S nsj_3 nb_ f_nn_l ,S, qcff ihfs \_ jlchn_^ ih j[]echa n[a [h^ qcff hin [jj_[l ih l_f[s ]ip_l5
95<;
874 8
874 x8


Similar Part No. - HFD31

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
HFD3141-203 FINISAR-HFD3141-203 Datasheet
348Kb / 6P
   4.25Gbps 1310nm PIN Preamp, LC ROSA
HFD3180-103 FINISAR-HFD3180-103 Datasheet
92Kb / 7P
   2.5Gbps 850nm PIN Preamp, LC ROSA
HFD3180-108 FINISAR-HFD3180-108 Datasheet
82Kb / 7P
   2.5Gbps 850nm PIN Preamp, LC ROSA
HFD3180-203 FINISAR-HFD3180-203 Datasheet
93Kb / 7P
   4.25Gbps 850nm PIN Preamp, LC ROSA
More results

Similar Description - HFD31

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFD3 HONGFA-HFD3 Datasheet
211Kb / 6P
   SUBMINIATURE SIGNAL RELAY
HFD17 HONGFA-HFD17 Datasheet
609Kb / 3P
   SUBMINIATURE SIGNAL RELAY
HFD42 HONGFA-HFD42 Datasheet
865Kb / 5P
   SUBMINIATURE SIGNAL RELAY
HFD41 HONGFA-HFD41 Datasheet
60Kb / 3P
   SUBMINIATURE SIGNAL RELAY
HFD4 HONGFA-HFD4 Datasheet
191Kb / 5P
   SUBMINIATURE SIGNAL RELAY
logo
Sanyou Corporation Limi...
SYS SANYOU-SYS Datasheet
183Kb / 3P
   Subminiature Signal Relay
logo
Hongfa Technology
HFD41HFD41A HONGFA-HFD41HFD41A Datasheet
60Kb / 3P
   SUBMINIATURE SIGNAL RELAY
logo
List of Unclassifed Man...
HK4100F ETC-HK4100F Datasheet
416Kb / 3P
   SUBMINIATURE SIGNAL RELAY
HFD3 ETC2-HFD3 Datasheet
108Kb / 6P
   SUBMINIATURE SIGNAL RELAY
HFD23 ETC2-HFD23 Datasheet
54Kb / 2P
   SUBMINIATURE SIGNAL RELAY
logo
Sanyou Corporation Limi...
SYS1K SANYOU-SYS1K Datasheet
167Kb / 3P
   Subminiature Signal Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com