Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N80C51BH Datasheet(PDF) 1 Page - Intel Corporation

Part # N80C51BH
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

N80C51BH Datasheet(HTML) 1 Page - Intel Corporation

  N80C51BH Datasheet HTML 1Page - Intel Corporation N80C51BH Datasheet HTML 2Page - Intel Corporation N80C51BH Datasheet HTML 3Page - Intel Corporation N80C51BH Datasheet HTML 4Page - Intel Corporation N80C51BH Datasheet HTML 5Page - Intel Corporation N80C51BH Datasheet HTML 6Page - Intel Corporation N80C51BH Datasheet HTML 7Page - Intel Corporation N80C51BH Datasheet HTML 8Page - Intel Corporation N80C51BH Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Other brands and names are the property of their respective owners
Information in this document is provided in connection with Intel products Intel assumes no liability whatsoever including infringement of any patent or
copyright for sale and use of Intel products except as provided in Intel’s Terms and Conditions of Sale for such products Intel retains the right to make
changes to these specifications at any time without notice Microcomputer Products may have minor variations to this specification known as errata
January 1995
COPYRIGHT
INTEL CORPORATION 1995
Order Number 270419-007
80C31BH80C51BH87C51
MCS
51
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
Automotive
Y
Extended Automotive Temperature
Range (b40 Cto a125 C Ambient)
Y
High Performance CHMOS Process
Y
Power Control Modes
Y
4 Kbyte On-Chip ROMEPROM
Y
128 x 8-bit RAM
Y
32 Programmable IO Lines
Y
Two 16-Bit TimerCounters
Y
5 Interrupt Sources
Y
Quick-Pulse EPROM Programming
Y
2-Level Program Memory Lock EPROM
Y
Boolean Processor
Y
Programmable Serial Port
Y
TTL- and CMOS-Compatible Logic
Levels
Y
64K External Program Memory Space
Y
64K External Data Memory Space
Y
IDLE and POWER DOWN Modes
Y
ONCE Mode Facilitates System Testing
Y
Available in 12 MHz and 16 MHz
Versions
Y
Available in PLCC and DIP Packages
(See Packaging Specification Order
231369)
The MCS
51 CHMOS microcontroller products are fabricated on Intel’s reliable CHMOS process and are
functionally compatible with the standard MCS 51 HMOS microcontroller products This technology combines
the high speed and density characteristics of HMOS with the low power attributes of CHMOS This combina-
tion expands the effectiveness of the powerful MCS 51 microcontroller architecture and instruction set
Like the MCS 51 HMOS microcontroller versions the MCS 51 CHMOS microcontroller products have the
following features 4 Kbytes of EPROMROM (87C5180C51BH respectively) 128 bytes of RAM 32 IO lines
two 16-bit timercounters a five-source two-level interrupt structure a full duplex serial port and on-chip
oscillator and clock circuitry In addition the MCS 51 CHMOS microcontroller products exhibit low operating
power along with two software selectable modes of reduced activity for further power reductionIdle and
Power Down
The Idle mode freezes the CPU while allowing the RAM timercounters serial port and interrupt system to
continue functioning The Power Down mode saves the RAM contents but freezes the oscillator causing all
other chip functions to be inoperative
The 87C51 is the EPROM version of the 80C51BH It contains 4 Kbytes of on-chip program memory that can
be electrically programmed and can be erased by exposure to ultraviolet light The 87C51 EPROM array uses
a modified Quick-Pulse Programming algorithm by which the entire 4 Kbyte array can be programmed in about
12 seconds
NOTICE
This datasheet contains information on products in full production Specifications within this datasheet
are subject to change without notice Verify with your local Intel sales office that you have the latest
datasheet before finalizing a design


Similar Part No. - N80C51BH

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
N80C51FA ROCHESTER-N80C51FA Datasheet
1,007Kb / 1P
   POWERFUL MICROCONTROLLER from the MCS 51 controller family 40 pin DIP
N80C51FA1 ROCHESTER-N80C51FA1 Datasheet
1,007Kb / 1P
   POWERFUL MICROCONTROLLER from the MCS 51 controller family 40 pin DIP
logo
Intel Corporation
N80C51GB INTEL-N80C51GB Datasheet
311Kb / 22P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results

Similar Description - N80C51BH

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TD87C54 INTEL-TD87C54 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com