Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N80C31BH Datasheet(PDF) 4 Page - Intel Corporation

Part # N80C31BH
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

N80C31BH Datasheet(HTML) 4 Page - Intel Corporation

  N80C31BH Datasheet HTML 1Page - Intel Corporation N80C31BH Datasheet HTML 2Page - Intel Corporation N80C31BH Datasheet HTML 3Page - Intel Corporation N80C31BH Datasheet HTML 4Page - Intel Corporation N80C31BH Datasheet HTML 5Page - Intel Corporation N80C31BH Datasheet HTML 6Page - Intel Corporation N80C31BH Datasheet HTML 7Page - Intel Corporation N80C31BH Datasheet HTML 8Page - Intel Corporation N80C31BH Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AUTOMOTIVE 80C31BH80C51BH87C51
Diagrams are for pin reference only Package sizes are not to scale
270419 – 3
Pin (PDIP)
EPROM only
Do not connect reserved pins
270419 – 4
Pad (PLCC)
Figure 3 Pin Connections
PIN DESCRIPTION
VCC Supply voltage during normal Idle and Power
Down operations
VSS Circuit ground
VSS1
VSS1 (EPROM PLCC only) secondary
ground Provided to reduce ground bounce and im-
prove power supply bypassing
NOTE
This pin is not a substitute for the VSS pin (pin 22)
For ROM and ROMless pin 1 is reserveddo not
connect
Port 0
Port 0 is an 8-bit open drain bidirectional IO
port As an output port each pin can sink 8 LS TTL
inputs Port 0 pins that have 1s written to them float
and in that state can be used as high-impedance
inputs
Port 0 is also the multiplexed low-order address and
data bus during accesses to external memory In this
application it uses strong internal pullups when emit-
ting 1s
Port 0 also receives the code bytes during EPROM
programming and outputs the code bytes during
program verification External pullups are required
during program verification
Port 1
Port 1 is an 8-bit bidirectional IO port with
internal pullups Port 1 pins that have 1s written to
them are pulled high by the internal pullups and in
that state can be used as inputs As inputs Port 1
pins that are externally being pulled low will source
current (IIL on the datasheet) because of the inter-
nal pullups
Port 1 also receives the low-order address bytes
during EPROM programming and program verifica-
tion
Port 2
Port 2 is an 8-bit bidirectional IO port with
internal pullups Port 2 pins that have 1s written to
them are pulled high by the internal pullups and in
that state can be used as inputs As inputs Port 2
pins that are externally being pulled low will source
current (IIL on the data sheet) because of the inter-
nal pullups
Port 2 emits the high-order address byte during
fetches from external Program memory and during
accesses to external Data Memory that use 16-bit
address (MOVX
DPTR) In this application it uses
strong internal pullups when emitting 1s
During accesses to external Data Memory that use
8-bit addresses (MOVX
Ri) Port 2 emits the con-
tents of the P2 Special Function Register
Port 2 also receives some control signals and the
high-order address bits during EPROM programming
and program verification
Port 3
Port 3 is an 8-bit bidirectional IO port with
internal pullups Port 3 pins that have 1s written to
them are pulled high by the internal pullups and in
that state can be used as inputs As inputs Port 3
pins that are externally being pulled low will source
current (IIL on the datasheet) because of the pull-
ups
4


Similar Part No. - N80C31BH

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
N80C32 INTEL-N80C32 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
N80C32-1 INTEL-N80C32-1 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
N80C32-2 INTEL-N80C32-2 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
N80C32-24 INTEL-N80C32-24 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
N80C32-33 INTEL-N80C32-33 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results

Similar Description - N80C31BH

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TD87C54 INTEL-TD87C54 Datasheet
312Kb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
   CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com