Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80C188XL25 Datasheet(PDF) 6 Page - Intel Corporation

Part # 80C188XL25
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C188XL25 Datasheet(HTML) 6 Page - Intel Corporation

Back Button 80C188XL25 Datasheet HTML 2Page - Intel Corporation 80C188XL25 Datasheet HTML 3Page - Intel Corporation 80C188XL25 Datasheet HTML 4Page - Intel Corporation 80C188XL25 Datasheet HTML 5Page - Intel Corporation 80C188XL25 Datasheet HTML 6Page - Intel Corporation 80C188XL25 Datasheet HTML 7Page - Intel Corporation 80C188XL25 Datasheet HTML 8Page - Intel Corporation 80C188XL25 Datasheet HTML 9Page - Intel Corporation 80C188XL25 Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
80C186XL80C188XL
The 80C186XL provides a chip select for low memo-
ry called LCS The bottom of memory contains the
interrupt vector table starting at location 00000H
The 80C186XL provides four MCS lines which are
active within a user-locatable memory block This
block can be located within the 80C186XL 1 Mbyte
memory address space exclusive of the areas de-
fined by UCS and LCS Both the base address and
size of this memory block are programmable
The 80C186XL can generate chip selects for up to
seven peripheral devices These chip selects are ac-
tive for seven contiguous blocks of 128 bytes above
a programmable base address The base address
may be located in either memory or IO space
The 80C186XL can generate a READY signal inter-
nally for each of the memory or peripheral CS lines
The number of WAIT states to be inserted for each
peripheral or memory is programmable to provide
0 – 3 wait states for all accesses to the area for
which the chip select is active In addition the
80C186XL may be programmed to either ignore ex-
ternal READY for each chip-select range individually
or to factor external READY with the integrated
ready generator
Upon RESET the Chip-SelectReady Logic will per-
form the following actions
 All chip-select outputs will be driven HIGH
 Upon leaving RESET the UCS line will be pro-
grammed to provide chip selects to a 1K block
with the accompanying READY control bits set at
011 to insert 3 wait states in conjunction with ex-
ternal READY (ie UMCS resets to FFFBH)
 No other chip select or READY control registers
have any predefined values after RESET They
will not become active until the CPU accesses
their control registers
DMA Unit
The 80C186XL DMA controller provides two inde-
pendent high-speed DMA channels Data transfers
can occur between memory and IO spaces (eg
Memory to IO) or within the same space (eg
Memory to Memory or IO to IO) Data can be
transferred either in bytes (8 bits) or in words (16
bits) to or from even or odd addresses
NOTE
Only byte transfers are possible on the 80C188XL
Each DMA channel maintains both a 20-bit source
and destination pointer which can be optionally in-
cremented or decremented after each data transfer
(by one or two depending on byte or word transfers)
Each data transfer consumes 2 bus cycles (a mini-
mum of 8 clocks) one cycle to fetch data and the
other to store data
TimerCounter Unit
The 80C186XL provides three internal 16-bit pro-
grammable timers Two of these are highly flexible
and are connected to four external pins (2 per timer)
They can be used to count external events time ex-
ternal events generate nonrepetitive waveforms
etc The third timer is not connected to any external
pins and is useful for real-time coding and time de-
lay applications In addition the third timer can be
used as a prescaler to the other two or as a DMA
request source
Interrupt Control Unit
The 80C186XL can receive interrupts from a number
of
sources
both
internal
and
external
The
80C186XL has 5 external and 2 internal interrupt
sources (TimerCouners and DMA) The internal in-
terrupt controller serves to merge these requests on
a priority basis for individual service by the CPU
Enhanced Mode Operation
In Compatible Mode the 80C186XL operates with all
the features of the NMOS 80186 with the exception
of 8087 support (ie no math coprocessing is possi-
ble in Compatible Mode) Queue-Status information
is still available for design purposes other than 8087
support
All the Enhanced Mode features are completely
masked when in Compatible Mode A write to any of
the Enhanced Mode registers will have no effect
while a read will not return any valid data
In Enhanced Mode the 80C186XL will operate with
Power-Save DRAM refresh and numerics coproc-
essor support (80C186XL only) in addition to all the
Compatible Mode features
If connected to a math coprocessor (80C186XL
only) this mode will be invoked automatically With-
out an NPX this mode can be entered by tying the
RESET output signal from the 80C186XL to the
TEST BUSY input
Queue-Status Mode
The queue-status mode is entered by strapping the
RD pin low RD is sampled at RESET and if LOW
the 80C186XL will reconfigure the ALE and WR pins
to be QS0 and QS1 respectively This mode is avail-
able on the 80C186XL in both Compatible and En-
hanced Modes
6
6


Similar Part No. - 80C188XL25

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C188XL INTEL-80C188XL Datasheet
561Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C188XL INTEL-80C188XL Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
More results

Similar Description - 80C188XL25

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C186XL INTEL-80C186XL Datasheet
561Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EA INTEL-80C186EA Datasheet
709Kb / 50P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EB INTEL-80C186EB Datasheet
779Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
A80C186XL20 INTEL-A80C186XL20 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C188XL12 INTEL-EE80C188XL12 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
QU80C186EC25 INTEL-QU80C186EC25 Datasheet
1Mb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EE80C186XL20 INTEL-EE80C186XL20 Datasheet
405Kb / 48P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
EG80C186EC25 INTEL-EG80C186EC25 Datasheet
1Mb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
TS80C186EB20 INTEL-TS80C186EB20 Datasheet
576Kb / 59P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
80C186EC INTEL-80C186EC Datasheet
790Kb / 57P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com