Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS-2340AWG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # SPS-2340AWG
Description  10.3 Gb/s / 40 km / 1550 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-2340AWG Datasheet(HTML) 1 Page - Optoway Technology Inc

  SPS-2340AWG Datasheet HTML 1Page - Optoway Technology Inc SPS-2340AWG Datasheet HTML 2Page - Optoway Technology Inc SPS-2340AWG Datasheet HTML 3Page - Optoway Technology Inc SPS-2340AWG Datasheet HTML 4Page - Optoway Technology Inc SPS-2340AWG Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
SPS-2340WG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
12/1/2010 V2.0
1
SPS-2340WG / SPS-2340BWG / SPS-2340AWG
(RoHS Compliant)
10.3 Gb/s / 40 km / 1550 nm Digital Diagnostic SFP+ LC SINGLE-MODE TRANSCEIVER
***********************************************************************************************************************************************************************
FEATURES
l Support 9.95 Gbps to 10.5 Gbps
l Complaint with SFP+ MSA
l Compliant to IEEE 802.3ae 10GBASE-ER
l SFF-8472 Digital Diagnostic Function
l Temperature-stabilized 1550 nm EML Transmitter
l Distance up to 40 km at SM Fiber
l AC/AC Coupling according to MSA
l Single +3.3 V Power Supply
l Low Power consumption
l RoHS 6/6 Compliant
l 0 to 70oC Operating: SPS-2340WG
l -5 to 85oC Operating: SPS-2340BWG
l -40 to 85oC Operating: SPS-2340AWG
l Class 1 Laser International Safety Standard IEC-60825
Compliant
APPLICATIONS
l 10GBASE-ER/EW
l 40 km 10G Fibre Channel
DESCRIPTION
The SPS-2340WG series single mode transceiver is small
form factor pluggable module for bi-directional serial
optical data communications such as IEEE 802.3ae
10GBASE-ER/EW and 10G FC. It is with the SFP+ 20-pin
connector to allow hot plug capability. Digital diagnostic
functions are available via an I
2C. This module is designed
for single mode fiber and operates at a nominal wavelength
of
1550
nm.
The
transmitter
section
uses
a
temperature-stabilized 1550 nm electrical-modulated laser
(EML) and is a class 1 laser compliant according to
International Safety Standard IEC-60825. The receiver
section uses an integrated InGaAs detector preamplifier
(IDP) mounted in an optical header and a limiting
post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC-60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
10GBASE
Distance
(km)
Wavelength
(nm)
Package
Temp.
(
oC)
RoHS
Compliant
SPS-2340WG
10.3
ER / EW
40
1550 EML
SFP+ with DMI
0 to 70
Yes
SPS-2340BWG
10.3
ER / EW
40
1550 EML
SFP+ with DMI
-5 to 85
Yes
SPS-2340AWG
10.3
ER / EW
40
1550 EML
SFP+ with DMI
-40 to 85
Yes
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Relative Humidity
RH
5
85
%
Non-condensing
0
70
SPS-2340WG
-5
85
SPS-2340BWG
Operating Case Temperature
Topr
-40
85
oC
SPS-2340AWG
Power Supply Voltage
Vcc
-0.5
3.6
V
Receiver Input Optical Power
Mip
3
dBm
Average power


Similar Part No. - SPS-2340AWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-2340AWG OPTOWAY-SPS-2340AWG Datasheet
192Kb / 5P
   10.3 Gb/s / 40 km / 1550 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2340AWG OPTOWAY-SPS-2340AWG Datasheet
192Kb / 5P
   10.3 Gb/s / 40 km / 1550 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-2340AWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-2340WG OPTOWAY-SPS-2340WG Datasheet
192Kb / 5P
   10.3 Gb/s / 40 km / 1550 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2340AWG OPTOWAY-SPS-2340AWG Datasheet
192Kb / 5P
   10.3 Gb/s / 40 km / 1550 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-23100AWG OPTOWAY-SPS-23100AWG Datasheet
192Kb / 5P
   10.3 Gb/s / 100 km / 1550 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-23100BWG OPTOWAY-SPS-23100BWG Datasheet
192Kb / 5P
   10.3 Gb/s / 100 km / 1550 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2380BWG OPTOWAY-SPS-2380BWG Datasheet
192Kb / 5P
   10.3 Gb/s / 80 km / 1550 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2380AWG OPTOWAY-SPS-2380AWG Datasheet
192Kb / 5P
   10.3 Gb/s / 80 km / 1550 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2380WG OPTOWAY-SPS-2380WG Datasheet
192Kb / 5P
   10.3 Gb/s / 80 km / 1550 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-23100WG OPTOWAY-SPS-23100WG Datasheet
192Kb / 5P
   10.3 Gb/s / 100 km / 1550 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2140WG OPTOWAY-SPS-2140WG Datasheet
188Kb / 5P
   10.3 Gb/s / 40 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-2140AWG OPTOWAY-SPS-2140AWG Datasheet
188Kb / 5P
   10.3 Gb/s / 40 km / 1310 nm Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com