Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFD23009-1ZP Datasheet(PDF) 3 Page - Hongfa Technology

Part # HFD23009-1ZP
Description  SUBMINIATURE SIGNAL RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFD23009-1ZP Datasheet(HTML) 3 Page - Hongfa Technology

  HFD23009-1ZP Datasheet HTML 1Page - Hongfa Technology HFD23009-1ZP Datasheet HTML 2Page - Hongfa Technology HFD23009-1ZP Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Fdn^g\dh`m
Uc` nk`^dad^\odji dn ajm m`a`m`i^` jigt5 T`` oj ,U`mhdijgjbt \i_ Ipd_`gdi`n, ajm hjm` diajmh\odji5 Tk`^dad^\odjin np]e`^o oj ^c\ib` rdocjpo ijod^`5
X` ^jpg_ ijo `q\gp\o` \gg oc` k`majmh\i^` \i_ \gg oc` k\m\h`o`mn ajm `q`mt kjnnd]g` \kkgd^\odji5 Ucpn oc` pn`m ncjpg_ ]` di \ mdbco kjndodji oj
^cjjn` oc` npdo\]g` kmj_p^o ajm oc`dm jri \kkgd^\odji5 Ka oc`m` dn \it lp`mt3 kg`\n` ^jio\^o Jjiba\ ajm oc` o`^cid^\g n`mqd^`5 Jjr`q`m3 do dn oc` pn`mxn
m`nkjind]dgdot oj _`o`mhdi` rcd^c kmj_p^o ncjpg_ ]` pn`_ jigt5
v Yd\h`i Jjiba\ Gg`^omj\^jpnod^ Ej53 Mo_5 Cgg mdbcon ja Jjiba\ \m` m`n`mq`_5
.3,:,.<0:4;<4. .=:>0;
NCYKNVN TXKUEJKOI QPXGS
GOFVSCOEG EVSWG
Ejio\^o Wjgo\b` 0W1
Ejio\^o Epmm`io 0C1
7KOGCE
7
759
857
75;
75=
75?
859
<
>
<77
877
<7
87
89<WCE
:7WFE
85=
85;
957
85?
959
CE
FE
:7
87
97
;7 <7
;77
877
977
:77
<77
758
75<
75>
8
759
<
9
:;
81 Uj \qjd_ pndib m`g\tn pi_`m nomjib h\bi`od^ ad`g_ rcd^c rdgg ^c\ib` oc` k\m\h`o`mn ja m`g\tn np^c \n kd^f4pk qjgo\b` \i_ _mjk4jpo qjgo\b`5
91 Uc` m`g\t h\t ]` _\h\b`_ ]`^\pn` ja a\ggdib jm rc`i ncj^fdib ^ji_dodjin `s^``_ oc` m`lpdm`h`io5
:1 Ejio\^o dn m`^jhh`i_`_ ajm npdo\]g` ^ji_dodji \i_ nk`^dad^\odjin da r\o`m ^g`\idib jm npma\^` kmj^`nn dn diqjgq`_ di \nn`h]gdib m`g\tn ji QED5
;1 S`b\m_dib oc` kg\nod^ n`\g`_ m`g\t3 r` ncjpg_ g`\q` do ^jjgdib i\opm\ggt piodgg ]`gjr ;7
j
E \ao`m r`g_dib3 oc`i ^g`\i do \i_ _`\g rdoc ^j\odib3 m`h\mf\]gt
oc` o`hk`m\opm` ja njgq`ion ncjpg_ \gnj ]` ^jiomjgg`_ ]`gjr ;7
j
E5Qg`\n` \qjd_ ^g`\idib oc` m`g\t ]t pgom\njid^3 \qjd_ pndib oc` njgq`ion gdf` b\njgdi`3
Hm`ji3 \i_ nj ji3 rcd^c rjpg_ \aa`^o oc` ^jiadbpm\odji ja m`g\t jm diagp`i^` oc` `iqdmjih`io5
<1 Gi`mbdudib ^jdg rdoc m\o`_ qjgo\b` dn ]\nd^ ajm ijmh\g jk`m\odji ja \ m`g\t3 kg`\n` h\f` npm` oc` `i`mbdu`_ qjgo\b` oj m`g\t ^jdg c\q` m`\^c`_
oc` m\o`_ qjgo\b`5 S`b\m_dib g\o^cdib m`g\t3 di jm_`m oj h\dio\di oc` ,n`o, jm ,m`n`o, no\opn3 dhkpgn` rd_oc ja oc` m\o`_ qjgo\b` \kkgd`_ oj ^jdg
ncjpg_ ]` hjm` oc\i < odh`n ja ,n`o, jm ,m`n`o, odh`5
=1 C]jpo km`a`m\]g` ^ji_dodji ja jk`m\odji3 nojm\b` \i_ om\inkjmo\odji3 kg`\n` m`a`m oj ,Gskg\i\odji oj o`mhdijgjbt \i_ bpd_`odi`n ja m`g\t,5
<ENO CKJDGOGKJN+
S`ndnodq` gj\_3 Sjjh o`hk53 8n ji @n jaa5
J otk`
[ otk`
J otk`
[ otk`


Similar Part No. - HFD23009-1ZP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HFD23 ETC2-HFD23 Datasheet
54Kb / 2P
   SUBMINIATURE SIGNAL RELAY
HFD23/01.5-1ZP ETC2-HFD23/01.5-1ZP Datasheet
54Kb / 2P
   SUBMINIATURE SIGNAL RELAY
HFD23/01.5-1ZS ETC2-HFD23/01.5-1ZS Datasheet
54Kb / 2P
   SUBMINIATURE SIGNAL RELAY
logo
Hongfa Technology
HFD23/012-1Z-S HONGFA-HFD23/012-1Z-S Datasheet
60Kb / 3P
   Max. 4A switching capability
logo
List of Unclassifed Man...
HFD23/03-1ZP ETC2-HFD23/03-1ZP Datasheet
54Kb / 2P
   SUBMINIATURE SIGNAL RELAY
More results

Similar Description - HFD23009-1ZP

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFD3 HONGFA-HFD3 Datasheet
211Kb / 6P
   SUBMINIATURE SIGNAL RELAY
HFD17 HONGFA-HFD17 Datasheet
609Kb / 3P
   SUBMINIATURE SIGNAL RELAY
HFD42 HONGFA-HFD42 Datasheet
865Kb / 5P
   SUBMINIATURE SIGNAL RELAY
HFD41 HONGFA-HFD41 Datasheet
60Kb / 3P
   SUBMINIATURE SIGNAL RELAY
HFD4 HONGFA-HFD4 Datasheet
191Kb / 5P
   SUBMINIATURE SIGNAL RELAY
logo
Sanyou Corporation Limi...
SYS SANYOU-SYS Datasheet
183Kb / 3P
   Subminiature Signal Relay
logo
Hongfa Technology
HFD41HFD41A HONGFA-HFD41HFD41A Datasheet
60Kb / 3P
   SUBMINIATURE SIGNAL RELAY
logo
List of Unclassifed Man...
HK4100F ETC-HK4100F Datasheet
416Kb / 3P
   SUBMINIATURE SIGNAL RELAY
HFD3 ETC2-HFD3 Datasheet
108Kb / 6P
   SUBMINIATURE SIGNAL RELAY
HFD23 ETC2-HFD23 Datasheet
54Kb / 2P
   SUBMINIATURE SIGNAL RELAY
logo
Sanyou Corporation Limi...
SYS1K SANYOU-SYS1K Datasheet
167Kb / 3P
   Subminiature Signal Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com