Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFD23006-1HP Datasheet(PDF) 2 Page - Hongfa Technology

Part # HFD23006-1HP
Description  SUBMINIATURE SIGNAL RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFD23006-1HP Datasheet(HTML) 2 Page - Hongfa Technology

  HFD23006-1HP Datasheet HTML 1Page - Hongfa Technology HFD23006-1HP Datasheet HTML 2Page - Hongfa Technology HFD23006-1HP Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
S`h\mfA 81 Ki ^\n` ja ij ojg`m\i^` ncjri di jpogdi` _dh`indjiA jpogdi` _dh`indji W8hh3 ojg`m\i^` ncjpg_ ]` w759hhB jpogdi` _dh`indji Y8hh
\i_ W<hh3 ojg`m\i^` ncjpg_ ]` w75:hhB jpogdi` _dh`indji Y<hh3 ojg`m\i^` ncjpg_ ]` w75;hh5
91 Uc` ojg`m\i^` rdocjpo di_d^\odib ajm QED g\tjpo dn \gr\tn w758hh5
:1 Uc` rd_oc ja oc` bmd__dib dn 95<;hh5
0Djoojh qd`r1
8J otk`
8[ otk`
.KGH LKREM
;+ T`indodq` otk`
9+ To\i_\m_ otk`
.KGH QKHOBFE
85<3 95;3 :3 ;5<3 <3 =3 @3 893 9;WFE
JHF9: 6
789
48[
T
8:/0:472 4718:6,<487
<SLE
.KJOBCO BMMBJFEIEJO
}3A 8 Hjmh C
}A+ 8 Hjmh E
8=<5470 /4607;487;{ ?4:472 /4,2:,6 ,7/ 9. -8,:/ 5,@8=<
Ppogdi` Fdh`indjin
QED M\tjpo
Xdmdib Fd\bm\h
0YYY1
VidoA hh
0Djoojh qd`r1
::
.PNOKIEM NLECGBH CKDE
895< 75:
75<
:5< 75:
75<
>5< 75:
=4
8
95<;
7KOEN+ Ejio\^o dn m`^jhh`i_`_ ajm npdo\]g` ^ji_dodji \i_ nk`^dad^\odjin da r\o`m ^g`\idib jm npma\^` kmj^`nn dn diqjgq`_ di \nn`h]gdib m`g\tn
ji QED5


Similar Part No. - HFD23006-1HP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HFD23 ETC2-HFD23 Datasheet
54Kb / 2P
   SUBMINIATURE SIGNAL RELAY
HFD23/01.5-1ZP ETC2-HFD23/01.5-1ZP Datasheet
54Kb / 2P
   SUBMINIATURE SIGNAL RELAY
HFD23/01.5-1ZS ETC2-HFD23/01.5-1ZS Datasheet
54Kb / 2P
   SUBMINIATURE SIGNAL RELAY
logo
Hongfa Technology
HFD23/012-1Z-S HONGFA-HFD23/012-1Z-S Datasheet
60Kb / 3P
   Max. 4A switching capability
logo
List of Unclassifed Man...
HFD23/03-1ZP ETC2-HFD23/03-1ZP Datasheet
54Kb / 2P
   SUBMINIATURE SIGNAL RELAY
More results

Similar Description - HFD23006-1HP

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFD3 HONGFA-HFD3 Datasheet
211Kb / 6P
   SUBMINIATURE SIGNAL RELAY
HFD17 HONGFA-HFD17 Datasheet
609Kb / 3P
   SUBMINIATURE SIGNAL RELAY
HFD42 HONGFA-HFD42 Datasheet
865Kb / 5P
   SUBMINIATURE SIGNAL RELAY
HFD41 HONGFA-HFD41 Datasheet
60Kb / 3P
   SUBMINIATURE SIGNAL RELAY
HFD4 HONGFA-HFD4 Datasheet
191Kb / 5P
   SUBMINIATURE SIGNAL RELAY
logo
Sanyou Corporation Limi...
SYS SANYOU-SYS Datasheet
183Kb / 3P
   Subminiature Signal Relay
logo
Hongfa Technology
HFD41HFD41A HONGFA-HFD41HFD41A Datasheet
60Kb / 3P
   SUBMINIATURE SIGNAL RELAY
logo
List of Unclassifed Man...
HK4100F ETC-HK4100F Datasheet
416Kb / 3P
   SUBMINIATURE SIGNAL RELAY
HFD3 ETC2-HFD3 Datasheet
108Kb / 6P
   SUBMINIATURE SIGNAL RELAY
HFD23 ETC2-HFD23 Datasheet
54Kb / 2P
   SUBMINIATURE SIGNAL RELAY
logo
Sanyou Corporation Limi...
SYS1K SANYOU-SYS1K Datasheet
167Kb / 3P
   Subminiature Signal Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com