Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT54FCT543CTLB Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT54FCT543CTLB
Description  FAST CMOS OCTAL LATCHED TRANSCEIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT543CTLB Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT54FCT543CTLB Datasheet HTML 1Page - Integrated Device Technology IDT54FCT543CTLB Datasheet HTML 2Page - Integrated Device Technology IDT54FCT543CTLB Datasheet HTML 3Page - Integrated Device Technology IDT54FCT543CTLB Datasheet HTML 4Page - Integrated Device Technology IDT54FCT543CTLB Datasheet HTML 5Page - Integrated Device Technology IDT54FCT543CTLB Datasheet HTML 6Page - Integrated Device Technology IDT54FCT543CTLB Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IDT54/74FCT543T/AT/CT/DT - 2543T/AT/CT
FAST CMOS OCTAL LATCHED TRANSCEIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.17
2
PIN CONFIGURATIONS
DIP/SOIC/SSOP/QSOP/CERPACK
TOP VIEW
5
6
7
8
9
10
11
12
GND
A0
A1
A2
1
2
3
4
24
23
22
21
20
19
18
17
Vcc
16
15
14
13
P24-1
D24-1
SO24-2
SO24-7
SO24-8
&
E24-1
B0
A3
A4
A5
A6
A7
B1
B2
B3
B4
B5
B6
B7
LEAB
OEAB
LEBA
OEBA
CEAB
CEBA
LCC
TOP VIEW
5
6
7
8
9
10
11
L28-1
25
24
23
22
21
20
19
INDEX
A1
A2
A3
A4
A5
A6
NC
NC
B1
B2
B3
B4
B5
B6
12 13 14 15 16 17 18
43
2
1
28 27 26
2613 drw 02
2613 drw 03
FUNCTION TABLE
(1, 2)
For A-to-B (Symmetric with B-to-A)
Latch
Output
Inputs
Status
Buffers
CEAB
CEAB
LEAB
LEAB
OEAB
OEAB
A-to-B
B0–B7
H
Storing
High Z
H
Storing
H
High Z
L
L
L
Transparent
Current A Inputs
L
H
L
Storing
Previous* A Inputs
NOTES:
2613 tbl 02
1. * Before
LEAB LOW-to-HIGH Transition
H = HIGH Voltage Level
L = LOW Voltage Level
— = Don’t Care or Irrelevant
2. A-to-B data flow shown; B-to-A flow control is the same, except using
CEBA, LEBA and OEBA.
ABSOLUTE MAXIMUM RATINGS
(1)
Symbol
Rating
Commercial
Military
Unit
VTERM(2) Terminal Voltage
with Respect to
GND
–0.5 to +7.0
–0.5 to +7.0
V
VTERM(3) Terminal Voltage
with Respect to
GND
–0.5 to
VCC +0.5
–0.5 to
VCC +0.5
V
TA
Operating
Temperature
0 to +70
–55 to +125
°C
TBIAS
Temperature
Under Bias
–55 to +125
–65 to +135
°C
TSTG
Storage
Temperature
–55 to +125
–65 to +150
°C
PT
Power Dissipation
0.5
0.5
W
IOUT
DC Output
Current
–60 to +120
–60 to +120
mA
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RAT-
INGS may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is
not implied.
Exposure to absolute maximum rating conditions for
extended periods may affect reliability. No terminal voltage may exceed
VCC by +0.5V unless otherwise noted.
2. Input and VCC terminals only.
3. Outputs and I/O terminals only.
2613 lnk 03
PIN DESCRIPTION
Pin Names
Description
OEAB
A-to-B Output Enable Input (Active LOW)
OEBA
B-to-A Output Enable Input (Active LOW)
CEAB
A-to-B Enable Input (Active LOW)
CEBA
B-to-A Enable Input (Active LOW)
LEAB
A-to-B Latch Enable Input (Active LOW)
LEBA
B-to-A Latch Enable Input (Active LOW)
A0–A7
A-to-B Data Inputs or B-to-A 3-State Outputs
B0–B7
B-to-A Data Inputs or A-to-B 3-State Outputs
2613 tbl 01
CAPACITANCE (TA = +25
°C, f = 1.0MHz)
Symbol
Parameter(1)
Conditions
Typ.
Max. Unit
CIN
Input
Capacitance
VIN = 0V
6
10
pF
COUT
Output
Capacitance
VOUT = 0V
8
12
pF
NOTE:
1. This parameter is measured at characterization but not tested.
2613 lnk 04


Similar Part No. - IDT54FCT543CTLB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT543C IDT-IDT54FCT543C Datasheet
71Kb / 7P
   FAST CMOS OCTAL LATCHED TRANSCEIVER
IDT54FCT543CD IDT-IDT54FCT543CD Datasheet
71Kb / 7P
   FAST CMOS OCTAL LATCHED TRANSCEIVER
IDT54FCT543CDB IDT-IDT54FCT543CDB Datasheet
71Kb / 7P
   FAST CMOS OCTAL LATCHED TRANSCEIVER
IDT54FCT543CE IDT-IDT54FCT543CE Datasheet
71Kb / 7P
   FAST CMOS OCTAL LATCHED TRANSCEIVER
IDT54FCT543CEB IDT-IDT54FCT543CEB Datasheet
71Kb / 7P
   FAST CMOS OCTAL LATCHED TRANSCEIVER
More results

Similar Description - IDT54FCT543CTLB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT543 IDT-IDT74FCT543 Datasheet
71Kb / 7P
   FAST CMOS OCTAL LATCHED TRANSCEIVER
logo
Renesas Technology Corp
74FCT543AT RENESAS-74FCT543AT Datasheet
167Kb / 8P
   FAST CMOS OCTAL LATCHED TRANSCEIVER
Feb.11.20
logo
Integrated Device Techn...
IDT74FCT543AT IDT-IDT74FCT543AT Datasheet
89Kb / 7P
   FAST CMOS OCTAL LATCHED TRANSCEIVER
IDT74FCT543AT IDT-IDT74FCT543AT_06 Datasheet
75Kb / 7P
   FAST CMOS OCTAL LATCHED TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT16543AT RENESAS-IDT74FCT16543AT Datasheet
220Kb / 8P
   FAST CMOS 16-BIT LATCHED TRANSCEIVER
JULY 2017
logo
Integrated Device Techn...
IDT74FCT16543T IDT-IDT74FCT16543T Datasheet
127Kb / 8P
   FAST CMOS 16-BIT LATCHED TRANSCEIVER
IDT74FCT16543AT IDT-IDT74FCT16543AT Datasheet
96Kb / 7P
   FAST CMOS 16-BIT LATCHED TRANSCEIVER
logo
Pericom Semiconductor C...
PI74LPT543 PERICOM-PI74LPT543 Datasheet
69Kb / 5P
   Fast CMOS 3.3V 8-Bit Latched Transceiver
logo
Integrated Device Techn...
74FCT245T IDT-74FCT245T Datasheet
58Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
IDT74FCT645T IDT-IDT74FCT645T Datasheet
110Kb / 6P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com