Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A80960HD32SL2GG Datasheet(PDF) 11 Page - Intel Corporation

Part # A80960HD32SL2GG
Description  80960HA/HD/HT 32-Bit High-Performance Superscalar Processor
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

A80960HD32SL2GG Datasheet(HTML) 11 Page - Intel Corporation

Back Button A80960HD32SL2GG Datasheet HTML 7Page - Intel Corporation A80960HD32SL2GG Datasheet HTML 8Page - Intel Corporation A80960HD32SL2GG Datasheet HTML 9Page - Intel Corporation A80960HD32SL2GG Datasheet HTML 10Page - Intel Corporation A80960HD32SL2GG Datasheet HTML 11Page - Intel Corporation A80960HD32SL2GG Datasheet HTML 12Page - Intel Corporation A80960HD32SL2GG Datasheet HTML 13Page - Intel Corporation A80960HD32SL2GG Datasheet HTML 14Page - Intel Corporation A80960HD32SL2GG Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 102 page
background image
80960HA/HD/HT
Advance Information Datasheet
5
2.3
Instruction Set Summary
Table 4 summarizes the 80960Hx instruction set by logical groupings.
Table 4.
80960Hx Instruction Set
Data Movement
Arithmetic
Logical
Bit / Bit Field / Byte
Load
Store
Move
Load Address
Conditional Select(2)
Add
Subtract
Multiply
Divide
Remainder
Modulo
Shift
Extended Shift
Extended Multiply
Extended Divide
Add with Carry
Subtract with Carry
Rotate
Conditional Add(2)
Conditional Subtract(2)
And
Not And
And Not
Or
Exclusive Or
Not Or
Or Not
Nor
Exclusive Nor
Not
Nand
Set Bit
Clear Bit
Not Bit
Alter Bit
Scan For Bit
Span Over Bit
Extract
Modify
Scan Byte for Equal
Byte Swap(2)
Comparison
Branch
Call/Return
Fault
Compare
Conditional Compare
Compare and Increment
Compare and Decrement
Compare Byte(2)
Compare Short(2)
Test Condition Code
Check Bit
Unconditional Branch
Conditional Branch
Compare and Branch
Call
Call Extended
Call System
Return
Branch and Link
Conditional Fault
Synchronize Faults
Debug
Processor Mgmt
Atomic
Cache Control
Modify Trace Controls
Mark
Force Mark
Flush Local Registers
Modify Arithmetic
Controls
Modify Process Controls
Interrupt Enable/
Disable(1,2)
System Control(1)
Atomic Add
Atomic Modify
Instruction Cache
Control(1,2)
Data Cache Control(1,2)
NOTES:
1. 80960Hx extensions to the 80960 core instruction set.
2. 80960Hx extensions to the 80960Cx instruction set.


Similar Part No. - A80960HD32SL2GG

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
A80960CF33 INTEL-A80960CF33 Datasheet
1Mb / 70P
   80960CF-40, -33, -25 32-Bit High-Performance Superscalar Embedded Microprocessor
A80960JA-16 INTEL-A80960JA-16 Datasheet
1Mb / 78P
   EMBEDDED 32-BIT MICROPROCESSOR
A80960JA-25 INTEL-A80960JA-25 Datasheet
1Mb / 78P
   EMBEDDED 32-BIT MICROPROCESSOR
A80960JA-33 INTEL-A80960JA-33 Datasheet
1Mb / 78P
   EMBEDDED 32-BIT MICROPROCESSOR
A80960JD INTEL-A80960JD Datasheet
744Kb / 59P
   3.3 V EMBEDDED 32-BIT MICROPROCESSOR
More results

Similar Description - A80960HD32SL2GG

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80960CF-30 INTEL-80960CF-30 Datasheet
1Mb / 62P
   SPECIAL ENVIRONMENT 80960CF-30, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR PROCESSOR
logo
Silicon Laboratories
EFM32GG232 SILABS-EFM32GG232 Datasheet
1Mb / 71P
   High Performance 32-bit processor
logo
Freescale Semiconductor...
MC68060RC50 FREESCALE-MC68060RC50 Datasheet
86Kb / 10P
   Superscalar 32-Bit Microprocessors
logo
Intel Corporation
A80960CF33 INTEL-A80960CF33 Datasheet
1Mb / 70P
   80960CF-40, -33, -25 32-Bit High-Performance Superscalar Embedded Microprocessor
80960CF-40 INTEL-80960CF-40 Datasheet
1Mb / 77P
   80960CF-40, -33, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR EMBEDDED MICROPROCESSOR
376 INTEL-376 Datasheet
1Mb / 95P
   376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
logo
STMicroelectronics
STLS2F01 STMICROELECTRONICS-STLS2F01 Datasheet
679Kb / 48P
   Loongson 2F: High performance 64-bit superscalar MIPS짰 microprocessor
STLS2F02 STMICROELECTRONICS-STLS2F02 Datasheet
725Kb / 49P
   Loongson 2F high performance 64-bit superscalar MIPS짰 microprocessor
logo
List of Unclassifed Man...
EFM32GG332F512 ETC2-EFM32GG332F512 Datasheet
1Mb / 67P
   High Performance 32-bit processor @ up to 48 MHz
EFM32GG230 ETC2-EFM32GG230 Datasheet
3Mb / 66P
   High Performance 32-bit processor up to 48 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com