Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TE28F400CVT80 Datasheet(PDF) 1 Page - Intel Corporation

Part # TE28F400CVT80
Description  4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

TE28F400CVT80 Datasheet(HTML) 1 Page - Intel Corporation

  TE28F400CVT80 Datasheet HTML 1Page - Intel Corporation TE28F400CVT80 Datasheet HTML 2Page - Intel Corporation TE28F400CVT80 Datasheet HTML 3Page - Intel Corporation TE28F400CVT80 Datasheet HTML 4Page - Intel Corporation TE28F400CVT80 Datasheet HTML 5Page - Intel Corporation TE28F400CVT80 Datasheet HTML 6Page - Intel Corporation TE28F400CVT80 Datasheet HTML 7Page - Intel Corporation TE28F400CVT80 Datasheet HTML 8Page - Intel Corporation TE28F400CVT80 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
E
PRELIMINARY
July 1997
Order Number: 290530-005
n Intel SmartVoltage Technology
5V or 12V Program/Erase
2.7V, 3.3V or 5V Read Operation
Increased Programming Throughput
at 12V VPP
n Very High-Performance Read
5V: 60/80/120 ns Max. Access Time,
30/40 ns Max. Output Enable Time
3V: 110/150/180 ns Max Access
65/90 ns Max. Output Enable Time
2.7V: 120 ns Max Access 65 ns Max.
Output Enable Time
n Low Power Consumption
Max 60 mA Read Current at 5V
Max 30 mA Read Current at
2.7V–3.6V
n x8/x16-Selectable Input/Output Bus
28F400 for High Performance 16- or
32-bit CPUs
n x8-Only Input/Output Architecture
28F004B for Space-Constrained
8-bit Applications
n Optimized Array Blocking Architecture
One 16-KB Protected Boot Block
Two 8-KB Parameter Blocks
One 96-KB Main Block
Three 128-KB Main Blocks
Top or Bottom Boot Locations
n Absolute Hardware-Protection for Boot
Block
n Software EEPROM Emulation with
Parameter Blocks
n Extended Temperature Operation
–40°C to +85°C
n Extended Cycling Capability
100,000 Block Erase Cycles
(Commercial Temperature)
10,000 Block Erase Cycles
(Extended Temperature)
n Automated Word/Byte Program and
Block Erase
Industry-Standard Command User
Interface
Status Registers
Erase Suspend Capability
n SRAM-Compatible Write Interface
n Automatic Power Savings Feature
1 mA Typical ICC Active Current in
Static Operation
n Reset/Deep Power-Down Input
0.2 µA ICCTypical
Provides Reset for Boot Operations
n Hardware Data Protection Feature
Write Lockout during Power
Transitions
n Industry-Standard Surface Mount
Packaging
40-Lead TSOP
44-Lead PSOP: JEDEC ROM
Compatible
48-Lead TSOP
56-Lead TSOP
n Footprint Upgradeable from 2-Mbit and
to 8-Mbit Boot Block Flash Memories
n ETOX™ IV Flash Technology
4-MBIT (256K X 16, 512K X 8)
SmartVoltage BOOT BLOCK FLASH
MEMORY FAMILY
28F400BV-T/B, 28F400CV-T/B, 28F004BV-T/B
28F400CE-T/B, 28F004BE-T/B


Similar Part No. - TE28F400CVT80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
TE28F400CV-B60 INTEL-TE28F400CV-B60 Datasheet
638Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
TE28F400CV-B80 INTEL-TE28F400CV-B80 Datasheet
638Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
TE28F400CV-T60 INTEL-TE28F400CV-T60 Datasheet
638Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
TE28F400CV-T80 INTEL-TE28F400CV-T80 Datasheet
638Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
More results

Similar Description - TE28F400CVT80

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
A28F400BR-TB INTEL-A28F400BR-TB Datasheet
457Kb / 36P
   4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
   4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F200BR-TB INTEL-A28F200BR-TB Datasheet
440Kb / 36P
   2-MBIT (128K X 16, 256K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
Winbond
W28V400B WINBOND-W28V400B Datasheet
1Mb / 48P
   4M(512K x 8/256K x 16) SMARTVOLTAGE FLASH MEMORY
logo
Intel Corporation
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F200BX-T INTEL-A28F200BX-T Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
28F400BL-TB INTEL-28F400BL-TB Datasheet
496Kb / 44P
   4-MBlT (256K x 16, 512K x 8) LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
28F200BL-TB INTEL-28F200BL-TB Datasheet
496Kb / 42P
   2-MBIT (128K x 16, 256K x 8)LOW-POWER BOOT BLOCK FLASH MEMORY FAMILY
28F002BV-B INTEL-28F002BV-B Datasheet
638Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
logo
Integrated Silicon Solu...
IS28F400BLV ISSI-IS28F400BLV Datasheet
1Mb / 43P
   262,144 x 16/524,288 x 8 SmartVoltage BOOT BLOCK FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com