Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSU11 Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

Part # SSU11
Description  1.0 AMP SURFACE MOUNT SUPER FAST RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

SSU11 Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  SSU11 Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . SSU11 Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 1.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Maximum Reverse Recovery Time (Note 1)
Typical Junction Capacitance (Note 2)
-65
+150
pF
VOLTAGE RANGE
50 to 600 Volts
CURRENT
1.0 Ampere
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Metallurgically bonded construction
* Polarity: Color band denotes cathode end
* Mounting position: Any
FEATURES
* Ideal for surface mount applications
* Easy pick and place
* Built-in strain relief
* Fast switching speed
Operating and Storage Temperature Range TJ, TSTG
C
at Ta=25 C
Dimensions in inches and (millimeters)
.106(2.7)
.098(2.5)
.144(3.65)
.136(3.45)
.007(0.17)
.005(0.13)
.067(1.7)
.059(1.5)
.033(0.85)
.022(0.55)
.051(1.3)
.043(1.1)
.037(0.95)
.033(0.85)
SS
80
C/W
Typical Thermal Resistance R JA (Note 3)
SSU11 THRU SSU17
1.0 AMP SURFACE MOUNT SUPER FAST RECTIFIERS
15
nS
pF
35
NOTES:
1. Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
3. Thermal Resistance from Junction to Ambient.
Marking Code
U11
U12
U13
U14
U15
U16
U17
1.0
30
5.0
500
A
A
V
SSU11 SSU12 SSU13 SSU14 SSU15 SSU16 SSU17 UNITS
50
100
150
200
300
400
600
V
50
100
150
200
300
400
600
V
35
70
105
140
210
280
420
V
0.95
1.3
1.7
A
A
440


Similar Part No. - SSU11

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSU10N20-C SECOS-SSU10N20-C Datasheet
672Kb / 4P
   N-Ch Enhancement Mode Power MOSFET
logo
DONGGUAN YOU FENG WEI E...
SSU13S YFWDIODE-SSU13S Datasheet
480Kb / 3P
   SURFACE MOUNT SCHOTTKY RECTIFIERS
SSU14 YFWDIODE-SSU14 Datasheet
434Kb / 3P
   SURFACE MOUNT SCHOTTKY RECTIFIERS
logo
Fairchild Semiconductor
SSU1N50A FAIRCHILD-SSU1N50A Datasheet
265Kb / 7P
   N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
SSU1N50A ISC-SSU1N50A Datasheet
345Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - SSU11

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SUF11M SECOS-SUF11M Datasheet
152Kb / 2P
   1.0 Amp Surface Mount Super Fast Rectifiers
logo
Goodwork Semiconductor ...
SMU11A GWSEMI-SMU11A Datasheet
68Kb / 2P
   1.0 AMP SURFACE MOUNT SUPER FAST RECTIFIERS
logo
SeCoS Halbleitertechnol...
SUF11MH SECOS-SUF11MH Datasheet
152Kb / 2P
   1.0 Amp Surface Mount Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
ES1A TSC-ES1A Datasheet
58Kb / 2P
   1.0 AMP. Super Fast Surface Mount Rectifiers
ES1A TSC-ES1A_10 Datasheet
440Kb / 2P
   1.0 AMP. Surface Mount Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SUF101RT SECOS-SUF101RT Datasheet
323Kb / 2P
   1.0 Amp Surface Mount Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
ES1AL TSC-ES1AL_10 Datasheet
461Kb / 2P
   1.0 AMP. Surface Mount Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SUF11M SECOS-SUF11M_15 Datasheet
152Kb / 2P
   1.0 Amp Surface Mount Super Fast Rectifiers
SUF11FL SECOS-SUF11FL_15 Datasheet
279Kb / 3P
   1.0 Amp Surface Mount Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
ES1A TSC-ES1A_1 Datasheet
132Kb / 2P
   1.0 AMP. Surface Mount Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com