Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80960CF-40 Datasheet(PDF) 59 Page - Intel Corporation

Part # 80960CF-40
Description  80960CF-40, -33, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR EMBEDDED MICROPROCESSOR
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-40 Datasheet(HTML) 59 Page - Intel Corporation

Back Button 80960CF-40 Datasheet HTML 55Page - Intel Corporation 80960CF-40 Datasheet HTML 56Page - Intel Corporation 80960CF-40 Datasheet HTML 57Page - Intel Corporation 80960CF-40 Datasheet HTML 58Page - Intel Corporation 80960CF-40 Datasheet HTML 59Page - Intel Corporation 80960CF-40 Datasheet HTML 60Page - Intel Corporation 80960CF-40 Datasheet HTML 61Page - Intel Corporation 80960CF-40 Datasheet HTML 62Page - Intel Corporation 80960CF-40 Datasheet HTML 63Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 77 page
background image
PRELIMINARY
53
A
80960CF-40, -33, -25, -16
Figure 30. Burst, Non-Pipelined Write Request Without Wait States, 32-Bit Bus
Byte
Order
Bus
Width
NWDD
NWAD
NXDA
NRDD
NRAD
Pipe-
Lining
External
Ready
Control
Burst
31-23
22
18-17
21
20-19
16-12
7-3
11-10
9-8
2
1
0
X
x
0
0
0
00
32-bit
10
0
00
0
00000
X
xx
X
xxxxx
OFF
0
Enabled
1
0
0..0
Disabled
0
ADS
A31:4, SUP,
DMA, D/C,
BE3:0, LOCK
W/R
BLAST
DT/R
DEN
A3:2
WAIT
D31:0
PCLK
AD
DD
DA
Function
Bit
Value
00
01
10
11
Out0
Valid
Out3
Out2
Out1
F_CX031A


Similar Part No. - 80960CF-40

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80960CF-16 INTEL-80960CF-16 Datasheet
1Mb / 62P
   SPECIAL ENVIRONMENT 80960CF-30, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR PROCESSOR
80960CF-25 INTEL-80960CF-25 Datasheet
1Mb / 62P
   SPECIAL ENVIRONMENT 80960CF-30, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR PROCESSOR
80960CF-30 INTEL-80960CF-30 Datasheet
1Mb / 62P
   SPECIAL ENVIRONMENT 80960CF-30, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR PROCESSOR
More results

Similar Description - 80960CF-40

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
A80960CF33 INTEL-A80960CF33 Datasheet
1Mb / 70P
   80960CF-40, -33, -25 32-Bit High-Performance Superscalar Embedded Microprocessor
80960CF-30 INTEL-80960CF-30 Datasheet
1Mb / 62P
   SPECIAL ENVIRONMENT 80960CF-30, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR PROCESSOR
80960CA-33 INTEL-80960CA-33 Datasheet
977Kb / 68P
   80960CA-33, -25, -16 32-BIT HIGH-PERFORMANCE EMBEDDED PROCESSOR
80960CA-25 INTEL-80960CA-25 Datasheet
1Mb / 62P
   SPECIAL ENVIRONMENT 80960CA-25, -16 32-BIT HIGH-PERFORMANCE EMBEDDED PROCESSOR
80960JD INTEL-80960JD Datasheet
2Mb / 61P
   EMBEDDED 32-BIT MICROPROCESSOR
A80960KA INTEL-A80960KA Datasheet
2Mb / 41P
   EMBEDDED 32-BIT MICROPROCESSOR
80960JA INTEL-80960JA Datasheet
1Mb / 63P
   EMBEDDED 32-BIT MICROPROCESSOR
A80960JF-33 INTEL-A80960JF-33 Datasheet
1Mb / 78P
   EMBEDDED 32-BIT MICROPROCESSOR
80960KA INTEL-80960KA Datasheet
861Kb / 43P
   EMBEDDED 32-BIT MICROPROCESSOR
logo
STMicroelectronics
STLS2F01 STMICROELECTRONICS-STLS2F01 Datasheet
679Kb / 48P
   Loongson 2F: High performance 64-bit superscalar MIPS짰 microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com