Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D8088-2 Datasheet(PDF) 11 Page - Intel Corporation

Part # D8088-2
Description  8-BIT HMOS MICROPROCESSOR
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

D8088-2 Datasheet(HTML) 11 Page - Intel Corporation

Back Button D8088-2 Datasheet HTML 7Page - Intel Corporation D8088-2 Datasheet HTML 8Page - Intel Corporation D8088-2 Datasheet HTML 9Page - Intel Corporation D8088-2 Datasheet HTML 10Page - Intel Corporation D8088-2 Datasheet HTML 11Page - Intel Corporation D8088-2 Datasheet HTML 12Page - Intel Corporation D8088-2 Datasheet HTML 13Page - Intel Corporation D8088-2 Datasheet HTML 14Page - Intel Corporation D8088-2 Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
8088
ing the direction of the bus during read operations In
the event that a ‘‘NOT READY’’ indication is given
by the addressed device ‘‘wait’’ states (Tw) are in-
serted between T3 and T4 Each inserted ‘‘wait’’
state is of the same duration as a CLK cycle Periods
can occur between 8088 driven bus cycles These
are referred to as ‘‘idle’’ states (Ti) or inactive CLK
cycles The processor uses these cycles for internal
housekeeping
During T1 of any bus cycle the ALE (address latch
enable) signal is emitted (by either the processor or
the 8288 bus controller depending on the MNMX
strap) At the trailing edge of this pulse a valid ad-
dress and certain status information for the cycle
may be latched
Status bits S0 S1 and S2 are used by the bus con-
troller in maximum mode to identify the type of bus
transaction according to the following table
S2
S1
S0
Characteristics
0(LOW)
0
0
Interrupt Acknowledge
0
0
1
Read IO
0
1
0
Write IO
0
1
1
Halt
1(HIGH)
0
0
Instruction Fetch
1
0
1
Read Data from Memory
1
1
0
Write Data to Memory
1
1
1
Passive (No Bus Cycle)
Status bits S3 through S6 are multiplexed with high
order address bits and are therefore valid during T2
through T4 S3 and S4 indicate which segment reg-
ister was used for this bus cycle in forming the ad-
dress according to the following table
S4
S3
Characteristics
0(LOW)
0
Alternate Data (Extra Segment)
0
1
Stack
1(HIGH)
0
Code or None
1
1
Data
S5 is a reflection of the PSW interrupt enable bit S6
is always equal to 0
IO Addressing
In the 8088 IO operations can address up to a
maximum of 64K IO registers The IO address ap-
pears in the same format as the memory address on
bus lines A15 – A0 The address lines A19 – A16 are
zero in IO operations The variable IO instructions
which use register DX as a pointer have full address
capability while the direct IO instructions directly
address one or two of the 256 IO byte locations in
page 0 of the IO address space IO ports are ad-
dressed in the same manner as memory locations
Designers familiar with the 8085 or upgrading an
8085 design should note that the 8085 addresses
IO with an 8-bit address on both halves of the 16-
bit address bus The 8088 uses a full 16-bit address
on its lower 16 address lines
EXTERNAL INTERFACE
Processor Reset and Initialization
Processor initialization or start up is accomplished
with activation (HIGH) of the RESET pin The 8088
RESET is required to be HIGH for greater than four
clock cycles The 8088 will terminate operations on
the high-going edge of RESET and will remain dor-
mant as long as RESET is HIGH The low-going
transition of RESET triggers an internal reset se-
quence for approximately 7 clock cycles After this
interval the 8088 operates normally beginning with
the instruction in absolute locations FFFF0H (See
Figure 4) The RESET input is internally synchroniz-
ed to the processor clock At initialization the HIGH
to LOW transition of RESET must occur no sooner
than 50 ms after power up to allow complete initiali-
zation of the 8088
NMI asserted prior to the 2nd clock after the end of
RESET will not be honored If NMI is asserted after
that point and during the internal reset sequence
the processor may execute one instruction before
responding to the interrupt A hold request active
immediately after RESET will be honored before the
first instruction fetch
All 3-state outputs float to 3-state OFF during
RESET Status is active in the idle state for the first
clock after RESET becomes active and then floats
to 3-state OFF ALE and HLDA are driven low
Interrupt Operations
Interrupt operations fall into two classes software or
hardware initiated The software initiated interrupts
and software aspects of hardware interrupts are
specified in the instruction set description in the
iAPX 88 book or the iAPX 8688 User’s Manual
Hardware interrupts can be classified as nonmaska-
ble or maskable
11


Similar Part No. - D8088-2

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
D8085AH INTEL-D8085AH Datasheet
1Mb / 20P
   8-BIT HMOS MICROPROCESSORS
logo
3M Electronics
D8085AH 3M-D8085AH Datasheet
1Mb / 21P
   8-BIT HMOS MICROPROCESSORS
D8085AH-1 3M-D8085AH-1 Datasheet
1Mb / 21P
   8-BIT HMOS MICROPROCESSORS
D8085AH-2 3M-D8085AH-2 Datasheet
1Mb / 21P
   8-BIT HMOS MICROPROCESSORS
More results

Similar Description - D8088-2

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
M8085AH INTEL-M8085AH Datasheet
1Mb / 8P
   8-BIT HMOS MICROPROCESSOR
8086 INTEL-8086 Datasheet
623Kb / 30P
   16-BIT HMOS MICROPROCESSOR
logo
STMicroelectronics
TS68000 STMICROELECTRONICS-TS68000 Datasheet
4Mb / 76P
   HMOS 16/32-BIT MICROPROCESSOR
logo
Intel Corporation
8085AH INTEL-8085AH Datasheet
664Kb / 20P
   8 BIT HMOS MICROPROCESSORS
D8085AH INTEL-D8085AH Datasheet
1Mb / 20P
   8-BIT HMOS MICROPROCESSORS
logo
3M Electronics
8085AH 3M-8085AH Datasheet
1Mb / 21P
   8-BIT HMOS MICROPROCESSORS
logo
Intel Corporation
P8748H INTEL-P8748H Datasheet
704Kb / 13P
   HMOS SINGLE-COMPONENT 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
SAB8085AH SIEMENS-SAB8085AH Datasheet
569Kb / 28P
   8-Bit Microprocessor
logo
Toshiba Semiconductor
TMP8085AP-2 TOSHIBA-TMP8085AP-2 Datasheet
549Kb / 25P
   8-Bit Microprocessor
logo
Intel Corporation
8085A INTEL-8085A Datasheet
542Kb / 11P
   8-Bit Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com