![]() |
Electronic Components Datasheet Search |
|
80960CA-25 Datasheet(PDF) 1 Page - Intel Corporation |
|
80960CA-25 Datasheet(HTML) 1 Page - Intel Corporation |
1 / 62 page ![]() December 1994 Order Number 271327-001 SPECIAL ENVIRONMENT 80960CA-25 -16 32-BIT HIGH-PERFORMANCE EMBEDDED PROCESSOR Two InstructionsClock Sustained Execution Four 59 Mbytess DMA Channels with Data Chaining Demultiplexed 32-bit Burst Bus with Pipelining Y 32-bit Parallel Architecture Two Instructionsclock Execution LoadStore Architecture Sixteen 32-bit Global Registers Sixteen 32-bit Local Registers Manipulates 64-bit Bit Fields 11 Addressing Modes Full Parallel Fault Model Supervisor Protection Model Y Fast Procedure CallReturn Model Full Procedure Call in 4 Clocks Y On-Chip Register Cache Caches Registers on CallRet Minimum of 6 Frames Provided Up to 15 Programmable Frames Y On-Chip instruction Cache 1 Kbyte Two-Way Set Associative 128-bit Path to instruction Sequencer Cache-Lock Modes Cache-Off Mode Y High Bandwidth On-Chip Data RAM 1 Kbyte On-Chip Data RAM Sustains 128 bits per Clock Access Y Four On-Chip DMA Channels 59 Mbytess Fly-by Transfers 32 Mbytess Two-Cycle Transfers Data Chaining Data PackingUnpacking Programmable Priority Method Y 32-Bit Demultiplexed Burst Bus 128-bit internal Data Paths to and from Registers Burst Bus for DRAM Interfacing Address Pipelining Option Fully Programmable Wait States Supports 8- 16- or 32-bit Bus Widths Supports Unaligned Accesses Supervisor Protection Pin Y Selectable Big or Little Endian Byte Ordering Y High-Speed Interrupt Controller Up to 248 External interrupts 32 Fully Programmable Priorities Multi-mode 8-bit Interrupt Port Four internal DMA Interrupts Separate Non-maskable interrupt Pin Context Switch in 750 ns Typical Y Product Grades Available SE3 b40 Cto a110 C |