Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80960CA-25 Datasheet(PDF) 8 Page - Intel Corporation

Part # 80960CA-25
Description  SPECIAL ENVIRONMENT 80960CA-25, -16 32-BIT HIGH-PERFORMANCE EMBEDDED PROCESSOR
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80960CA-25 Datasheet(HTML) 8 Page - Intel Corporation

Back Button 80960CA-25 Datasheet HTML 4Page - Intel Corporation 80960CA-25 Datasheet HTML 5Page - Intel Corporation 80960CA-25 Datasheet HTML 6Page - Intel Corporation 80960CA-25 Datasheet HTML 7Page - Intel Corporation 80960CA-25 Datasheet HTML 8Page - Intel Corporation 80960CA-25 Datasheet HTML 9Page - Intel Corporation 80960CA-25 Datasheet HTML 10Page - Intel Corporation 80960CA-25 Datasheet HTML 11Page - Intel Corporation 80960CA-25 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
SPECIAL ENVIRONMENT 80960CA-25 -16
30 PACKAGE INFORMATION
31 Package Introduction
This section describes the pins pinouts and thermal
characteristics for the 80960CA in the 168-pin Ce-
ramic Pin Grid Array (PGA) package For complete
package specifications and information
see the
Packaging Handbook (Order No 240800)
32 Pin Descriptions
The 80960CA pins are described in this section Ta-
ble 2 presents the legend for interpreting the pin de-
scriptions in the following tables Pins associated
with the 32-bit demultiplexed processor bus are de-
scribed in Table 3 Pins associated with basic proc-
essor configuration and control are described in Ta-
ble 4 Pins associated with the 80960CA DMA Con-
troller and Interrupt Unit are described in Table 5
All pins float while the processor is in the ONCE
mode
Table 2 Pin Description Nomenclature
Symbol
Description
I
Input only pin
O
Output only pin
IO
Pin can be either an input or output
Pins ‘‘must be’’ connected as described
S()
Synchronous Inputs must meet setup
and hold times relative to PCLK21 for
proper operation All outputs are
synchronous to PCLK21
S(E)
Edge sensitive input
S(L)
Level sensitive input
A()
Asynchronous Inputs may be
asynchronous to PCLK21
A(E)
Edge sensitive input
A(L)
Level sensitive input
H()
While the processor’s bus is in the Hold
Acknowledge or Bus Backoff state the
pin
H(1)
is driven to VCC
H(0)
is driven to VSS
H(Z)
floats
H(Q) continues to be a valid input
R()
While the processor’s RESET pin is low
the pin
R(1)
is driven to VCC
R(0)
is driven to VSS
R(Z)
floats
R(Q) continues to be a valid output
8


Similar Part No. - 80960CA-25

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80960CA-25 INTEL-80960CA-25 Datasheet
977Kb / 68P
   80960CA-33, -25, -16 32-BIT HIGH-PERFORMANCE EMBEDDED PROCESSOR
More results

Similar Description - 80960CA-25

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80960CA-33 INTEL-80960CA-33 Datasheet
977Kb / 68P
   80960CA-33, -25, -16 32-BIT HIGH-PERFORMANCE EMBEDDED PROCESSOR
80960CF-30 INTEL-80960CF-30 Datasheet
1Mb / 62P
   SPECIAL ENVIRONMENT 80960CF-30, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR PROCESSOR
376 INTEL-376 Datasheet
1Mb / 95P
   376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
80960CF-40 INTEL-80960CF-40 Datasheet
1Mb / 77P
   80960CF-40, -33, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR EMBEDDED MICROPROCESSOR
logo
Silicon Laboratories
EFM32GG232 SILABS-EFM32GG232 Datasheet
1Mb / 71P
   High Performance 32-bit processor
logo
Microchip Technology
MM7150 MICROCHIP-MM7150 Datasheet
316Kb / 28P
   High Performance 32-bit Embedded Controller
01/27/15
logo
Intel Corporation
M80C186XL20 INTEL-M80C186XL20 Datasheet
556Kb / 44P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSOR
A80960CF33 INTEL-A80960CF33 Datasheet
1Mb / 70P
   80960CF-40, -33, -25 32-Bit High-Performance Superscalar Embedded Microprocessor
M80C186EB-16 INTEL-M80C186EB-16 Datasheet
855Kb / 56P
   16-BIT HIGH-INTEGRATION EMBEDDED PROCESSOR
logo
ATMEL Corporation
TSC695F ATMEL-TSC695F_04 Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com