Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5231BRU10-REEL7 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5231BRU10-REEL7
Description  Nonvolatile Memory, 1024-Position Digital Potentiometer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5231BRU10-REEL7 Datasheet(HTML) 4 Page - Analog Devices

  AD5231BRU10-REEL7 Datasheet HTML 1Page - Analog Devices AD5231BRU10-REEL7 Datasheet HTML 2Page - Analog Devices AD5231BRU10-REEL7 Datasheet HTML 3Page - Analog Devices AD5231BRU10-REEL7 Datasheet HTML 4Page - Analog Devices AD5231BRU10-REEL7 Datasheet HTML 5Page - Analog Devices AD5231BRU10-REEL7 Datasheet HTML 6Page - Analog Devices AD5231BRU10-REEL7 Datasheet HTML 7Page - Analog Devices AD5231BRU10-REEL7 Datasheet HTML 8Page - Analog Devices AD5231BRU10-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD5231
Data Sheet
Rev. D | Page 4 of 28
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
POWER SUPPLIES
Single-Supply Power Range
VDD
VSS = 0 V
2.7
5.5
V
Dual-Supply Power Range
VDD/VSS
±2.25
±2.75
V
Positive Supply Current
IDD
VIH = VDD or VIL = GND
2.7
10
µA
Negative Supply Current
ISS
VIH = VDD or VIL = GND,
VDD = +2.5 V, VSS = −2.5 V
0.5
10
µA
EEMEM Store Mode Current
IDD (store)
VIH = VDD or VIL = GND,
VSS = GND, ISS ≈ 0
40
mA
ISS (store)
VDD = +2.5 V, VSS = −2.5 V
−40
mA
EEMEM Restore Mode Current7
IDD (restore)
VIH = VDD or VIL = GND,
VSS = GND, ISS ≈ 0
0.3
3
9
mA
ISS (restore)
VDD = +2.5 V, VSS = −2.5 V
−0.3
−3
−9
mA
Power Dissipation8
PDISS
VIH = VDD or VIL = GND
0.018
0.05
mW
Power Supply Sensitivity5
PSS
ΔVDD = 5 V ± 10%
0.002
0.01
%/%
DYNAMIC CHARACTERISTICS5, 9
Bandwidth
BW
−3 dB, RAB = 10 kΩ/50 kΩ/
100 kΩ
370/85/44
kHz
Total Harmonic Distortion
THDW
VA = 1 V rms, VB = 0 V, f = 1 kHz,
RAB = 10 kΩ
0.045
%
VA = 1 V rms, VB = 0 V, f = 1 kHz,
RAB = 50 kΩ, 100 kΩ
0.022
%
VW Settling Time
tS
VA = VDD, VB = 0 V,
VW = 0.50% error band,
Code 0x000 to 0x200
for RAB = 10 kΩ/50 kΩ/100 kΩ
1.2/3.7/7
µs
Resistor Noise Voltage
eN_WB
RWB = 5 kΩ, f = 1 kHz
9
nV/√Hz
1
Typical values represent average readings at 25°C and VDD = 5 V.
2
Resistor position nonlinearity error (R-INL) is the deviation from an ideal value measured between the maximum resistance and the minimum resistance wiper
positions. R-DNL measures the relative step change from ideal between successive tap positions. IW ~ 50 µA @ VDD = 2.7 V and IW ~ 400 µA @ VDD = 5 V for the
RAB = 10 kΩ version, IW ~ 50 µA for the RAB = 50 kΩ, and IW ~ 25 µA for the RAB = 100 kΩ version (see Figure 26).
3
INL and DNL are measured at VW with the RDAC configured as a potentiometer divider similar to a voltage output DAC. VA = VDD and VB = VSS. DNL specification limits of
−1 LSB minimum are guaranteed monotonic operating condition (see Figure 27).
4
Resistor Terminal A, Resistor Terminal B, and Resistor Terminal W have no limitations on polarity with respect to each other. Dual-supply operation enables ground-
referenced bipolar signal adjustment.
5
Guaranteed by design and not subject to production test.
6
Common-mode leakage current is a measure of the dc leakage from any Terminal B–W to a common-mode bias level of VDD/2.
7
EEMEM restore mode current is not continuous. Current consumed while EEMEM locations are read and transferred to the RDAC register (see Figure 23). To minimize
power dissipation, a NOP Instruction 0 (0x0) should be issued immediately after Instruction 1 (0x1).
8
PDISS is calculated from (IDD × VDD) + (ISS × VSS).
9
All dynamic characteristics use VDD = +2.5 V and VSS = −2.5 V.


Similar Part No. - AD5231BRU10-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5231BRU10-REEL7 AD-AD5231BRU10-REEL7 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
AD5231BRU10-REEL7 AD-AD5231BRU10-REEL7 Datasheet
221Kb / 14P
   Nonvolatile Memory Digital Potentiometers
REV PrF, 22 MAR 01
More results

Similar Description - AD5231BRU10-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5235-EP AD-AD5235-EP Datasheet
376Kb / 16P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
REV. 0
AD5235BRUZ250 AD-AD5235BRUZ250 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5231 AD-AD5231 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
ADN2850BRUZ25-RL7 AD-ADN2850BRUZ25-RL7 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
ADN2850 AD-ADN2850_15 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
ADN2850 AD-ADN2850_16 Datasheet
749Kb / 30P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com