Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX85C9V1 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # BZX85C9V1
Description  Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX85C9V1 Datasheet(HTML) 4 Page - Vishay Siliconix

  BZX85C9V1 Datasheet HTML 1Page - Vishay Siliconix BZX85C9V1 Datasheet HTML 2Page - Vishay Siliconix BZX85C9V1 Datasheet HTML 3Page - Vishay Siliconix BZX85C9V1 Datasheet HTML 4Page - Vishay Siliconix BZX85C9V1 Datasheet HTML 5Page - Vishay Siliconix BZX85C9V1 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BZX85-Series
www.vishay.com
Vishay Semiconductors
Rev. 2.2, 02-Jun-14
4
Document Number: 85607
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Pulse Thermal Resistance vs. Pulse Duration
Fig. 2 - Dynamic Resistance vs. Zener Current
Fig. 3 - Dynamic Resistance vs. Zener Current
Fig. 4 - Thermal Resistance vs. Lead Length
Fig. 5 - Admissible Power Dissipation vs. Ambient Temperature
Fig. 6 - Dynamic Resistance vs. Zener Current
10-5
10-4
10-3 10-2
10-1
110 s
103
102
10
1
°C/W
2
5
4
3
2
5
4
3
2
5
4
3
r
thA
t
P
18458
t
P
v =
T
P
I
___
T
t
P
0.5
0.2
0.1
0.05
0.02
0.01
0.1
2
110 mA
103
102
10
Ω
2
5
4
3
r
zj
I
Z
18459
5
4
32
5
4
3
56
43
7
2
5
4
3
7
1
2
10
100 mA
100
10
1
Ω
2
5
4
3
r
zj
I
Z
18460
5
4
32
5
4
3
7
2
5
4
3
7
43
36
30
24
22
18
010
20
30 mm
200
100
0
°C/W
R
thA
lead length
18461
max.
typ.
0100
200 °C
2
1
0
W
P
tot
T
amb
18462
1
2
10
100 mA
103
102
1
Ω
r
zj
I
Z
18463
5
4
32
5
4
3
2
5
4
3
2
5
4
3
2
5
4
3
10
7
7
5V1
4V3
18
12
10
7V5
6V2


Similar Part No. - BZX85C9V1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX85C9V1 VISHAY-BZX85C9V1 Datasheet
58Kb / 5P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Rectron Semiconductor
BZX85C9V1 RECTRON-BZX85C9V1 Datasheet
88Kb / 2P
   1.3W DO-41 Zener Diode
logo
Continental Device Indi...
BZX85C9V1 CDIL-BZX85C9V1 Datasheet
108Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Fairchild Semiconductor
BZX85C9V1 FAIRCHILD-BZX85C9V1 Datasheet
49Kb / 3P
   Zeners
logo
Taiwan Semiconductor Co...
BZX85C9V1 TSC-BZX85C9V1 Datasheet
764Kb / 3P
   1.3W,5% Tolerance Zener Diode
More results

Similar Description - BZX85C9V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com