Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT162H501ATEB Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT74FCT162H501ATEB
Description  FAST CMOS 18-BIT REGISTERED TRANSCEIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT162H501ATEB Datasheet(HTML) 6 Page - Integrated Device Technology

  IDT74FCT162H501ATEB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT162H501ATEB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT162H501ATEB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT162H501ATEB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT162H501ATEB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT162H501ATEB Datasheet HTML 6Page - Integrated Device Technology IDT74FCT162H501ATEB Datasheet HTML 7Page - Integrated Device Technology IDT74FCT162H501ATEB Datasheet HTML 8Page - Integrated Device Technology IDT74FCT162H501ATEB Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
5.10
6
IDT54/74FCT16501AT/CT/ET, 162501AT/CT/ET, 162H501AT/CT/ET
FAST CMOS 18-BIT REGISTERED TRANSCEIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25
°C ambient.
3. Per TTL driven input (VIN = 3.4V). All other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (fCPNCP/2 + fiNi)
ICC = Quiescent Current (ICCL
, ICCH and ICCZ)
∆ICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
NCP = Number of Clock Inputs at fCP
fi = Input Frequency
Ni = Number of Inputs at fi
POWER SUPPLY CHARACTERISTICS
Symbol
Parameter
Test Conditions
(1)
Min.
Typ.
(2)
Max.
Unit
∆ICC
Quiescent Power Supply
VCC = Max.
0.5
1.5
mA
Current TTL Inputs HIGH
VIN = 3.4V
(3)
ICCD
Dynamic Power Supply Current
(4)
VCC = Max., Outputs Open
VIN = VCC
75
120
µA/
OEAB =
OEBA = VCC or GND VIN = GND
MHz
One Input Toggling
50% Duty Cycle
IC
Total Power Supply Current
(6)
VCC = Max., Outputs Open
VIN = VCC
0.8
1.7
mA
fCP = 10MHz (CLKAB)
VIN = GND
50% Duty Cycle
OEAB =
OEBA = VCC
LEAB = GND
VIN = 3.4V
1.3
3.2
One Bit Toggling
VIN = GND
fi = 5MHz
50% Duty Cycle
VCC = Max., Outputs Open
VIN = VCC
3.8
6.5
(5)
fCP = 10MHz (CLKAB)
VIN = GND
50% Duty Cycle
OEAB =
OEBA = VCC
LEAB = GND
VIN = 3.4V
8.5
20.8
(5)
Eighteen Bits Toggling
VIN = GND
fi = 2.5MHz
50% Duty Cycle
2547 tbl 09


Similar Part No. - IDT74FCT162H501ATEB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT162H244AT IDT-IDT74FCT162H244AT Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT162H244ATE IDT-IDT74FCT162H244ATE Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT162H244ATEB IDT-IDT74FCT162H244ATEB Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT162H244ATPA IDT-IDT74FCT162H244ATPA Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT162H244ATPAB IDT-IDT74FCT162H244ATPAB Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
More results

Similar Description - IDT74FCT162H501ATEB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT162501AT RENESAS-IDT74FCT162501AT Datasheet
241Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT16501AT IDT-IDT74FCT16501AT_06 Datasheet
79Kb / 7P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT16501AT RENESAS-IDT74FCT16501AT Datasheet
241Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
IDT74FCT162500AT RENESAS-IDT74FCT162500AT Datasheet
243Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT16500AT IDT-IDT74FCT16500AT Datasheet
122Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
IDT74FCT163501 IDT-IDT74FCT163501 Datasheet
111Kb / 7P
   3.3V CMOS 18-BIT REGISTERED TRANSCEIVER
logo
Pericom Semiconductor C...
PI74LPT16501 PERICOM-PI74LPT16501 Datasheet
56Kb / 5P
   Fast CMOS 18-Bit Registered Transceivers
logo
Integrated Device Techn...
IDT74FCT16952AT IDT-IDT74FCT16952AT_18 Datasheet
90Kb / 7P
   FAST CMOS 16-BIT REGISTERED TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT16952AT RENESAS-IDT74FCT16952AT Datasheet
219Kb / 8P
   FAST CMOS 16-BIT REGISTERED TRANSCEIVER
MAY 2018
logo
Integrated Device Techn...
IDT74FCT16952AT IDT-IDT74FCT16952AT Datasheet
66Kb / 7P
   FAST CMOS 16-BIT REGISTERED TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com