Electronic Components Datasheet Search |
|
BA979S Datasheet(PDF) 1 Page - Vishay Siliconix |
|
BA979S Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 4 page BA979, BA979S www.vishay.com Vishay Semiconductors Rev. 1.6, 21-May-12 1 Document Number: 85533 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 RF PIN Diodes - Single in QuadroMELF SOD-80 FEATURES • Wide frequency range 10 MHz to 1 GHz • AEC-Q101 qualified • Material categorization: For definitions of compliance please see www.vishay.com/doc?99912 APPLICATIONS • Current controlled HF resistance in adjustable attenuators MECHANICAL DATA Case: QuadroMELF SOD-80 Weight: approx. 34 mg Cathode band color: black Packaging codes/options: GS18/10K per 13" reel (8 mm tape), 10K/box GS08/2.5K per 7" reel (8 mm tape), 12.5K/box PARTS TABLE PART TYPE DIFFERENTIATION ORDERING CODE TYPE MARKING INTERNAL CONSTRUCTION REMARKS BA979 zr > 5 k BA979-GS18 or BA979-GS08 - Single diode Tape and reel BA979S zr > 9 k BA979S-GS18 or BA979S-GS08 - Single diode Tape and reel ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified) PART TEST CONDITION SYMBOL VALUE UNIT Reverse voltage VR 30 V Forward continuous current IF 50 mA THERMAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified) PARAMETER TEST CONDITION SYMBOL VALUE UNIT Thermal resistance junction to ambient air on PC board 50 mm x 50 mm x 1.6 mm RthJA 500 K/W Junction temperature Tj 125 °C Storage temperature range Tstg - 55 to + 150 °C ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified) PARAMETER TEST CONDITION PART SYMBOL MIN. TYP. MAX. UNIT Forward voltage IF = 20 mA VF 1V Reverse current VR = 30 V IR 0.05 μA Diode capacitance f = 100 MHz, VR = 0 V CD 0.5 pF Differential forward resistance f = 100 MHz, IF = 1.5 mA rf 50 Reverse impedance f = 100 MHz, VR = 0 V BA979 zr 5k BA979S zr 9k Minority carrier lifetime IF = 10 mA, IR = 10 mA 4μs |
Similar Part No. - BA979S |
|
Similar Description - BA979S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |