Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P28F010-90 Datasheet(PDF) 4 Page - Intel Corporation

Part # P28F010-90
Description  28F010 1024K (128K X 8) CMOS FLASH MEMORY
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

P28F010-90 Datasheet(HTML) 4 Page - Intel Corporation

  P28F010-90 Datasheet HTML 1Page - Intel Corporation P28F010-90 Datasheet HTML 2Page - Intel Corporation P28F010-90 Datasheet HTML 3Page - Intel Corporation P28F010-90 Datasheet HTML 4Page - Intel Corporation P28F010-90 Datasheet HTML 5Page - Intel Corporation P28F010-90 Datasheet HTML 6Page - Intel Corporation P28F010-90 Datasheet HTML 7Page - Intel Corporation P28F010-90 Datasheet HTML 8Page - Intel Corporation P28F010-90 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
28F010
E
4
REVISION HISTORY
Number
Description
-007
Removed 200 ns Speed Bin
Revised Erase Maximum Pulse Count for Figure 4 from 3000 to 1000
Clarified AC and DC Test Conditions
Added “dimple” to F TSOP Package
Corrected Serpentine Layout
-008
Corrected AC Waveforms
Added Extended Temperature Options
-009
Added 28F010-65 and 28F010-90 speeds
————
———
Revised Symbols, i.e., CE, OE, etc. to CE#, OE#, etc.
-010
Completion of Read Operation Table
Labelling of Program Time in Erase/Program Table
Textual Changes or Edits
Corrected Erase/Program Times
-011
Minor changes throughout document
-012
Removed 65 ns speed bin
Removed TSOP package
Added Extended Temperature options
Modified
AC Test Conditions
Modified
AC Characteristics


Similar Part No. - P28F010-90

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
P28F010-90 INTEL-P28F010-90 Datasheet
405Kb / 30P
   1024K (128K x 8) CMOS FLASH MEMORY
More results

Similar Description - P28F010-90

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
A28F010 INTEL-A28F010 Datasheet
300Kb / 23P
   1024K (128K x 8) CMOS FLASH MEMORY
M28F010 INTEL-M28F010 Datasheet
317Kb / 22P
   1024K (128K x 8) CMOS FLASH MEMORY
28F010 INTEL-28F010 Datasheet
405Kb / 30P
   1024K (128K x 8) CMOS FLASH MEMORY
logo
Winbond
W29EE012 WINBOND-W29EE012 Datasheet
242Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W29EE011 WINBOND-W29EE011 Datasheet
183Kb / 20P
   128K X 8 CMOS FLASH MEMORY
W29C011A WINBOND-W29C011A Datasheet
153Kb / 19P
   128K X 8 CMOS FLASH MEMORY
W39L010 WINBOND-W39L010 Datasheet
780Kb / 27P
   128K X 8 CMOS FLASH MEMORY
logo
Macronix International
MX29F001T MCNIX-MX29F001T Datasheet
587Kb / 42P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
List of Unclassifed Man...
MX28F1000P ETC-MX28F1000P Datasheet
213Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
logo
Macronix International
MX28F1000P MCNIX-MX28F1000P Datasheet
127Kb / 33P
   1M-BIT [128K x 8] CMOS FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com