Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

28F016XS Datasheet(PDF) 45 Page - Intel Corporation

Part # 28F016XS
Description  16-MBIT (1 MBIT x 16, 2 MBIT x 8) SYNCHRONOUS FLASH MEMORY
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F016XS Datasheet(HTML) 45 Page - Intel Corporation

Back Button 28F016XS Datasheet HTML 41Page - Intel Corporation 28F016XS Datasheet HTML 42Page - Intel Corporation 28F016XS Datasheet HTML 43Page - Intel Corporation 28F016XS Datasheet HTML 44Page - Intel Corporation 28F016XS Datasheet HTML 45Page - Intel Corporation 28F016XS Datasheet HTML 46Page - Intel Corporation 28F016XS Datasheet HTML 47Page - Intel Corporation 28F016XS Datasheet HTML 48Page - Intel Corporation 28F016XS Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 54 page
background image
E
28F016XS FLASH MEMORY
45
4/15/97 9:41 AM
9053204.DOC
INTEL CONFIDENTIAL
(until publication date)
5.9
AC Characteristics for CEX#—Controlled Write Operations(1) (Continued)
VCC = 5.0V ± 5%, TA = 0°C to +70°C
Versions
28F016XS-15
28F016XS-20
Symbol
Parameter
Notes
Min
Typ
Max
Min
Typ
Max
Unit
tAVAV
Write Cycle Time
60
60
ns
tVPEH1,2
VPP Setup to CEX# Going
High
3,7
100
100
ns
tPHWL
RP# Setup to WE# Going
Low
3
300
300
ns
tWLEL
WE# Setup to CEX# Going
Low
3,7
0
0
ns
tAVEH
Address Setup to CEX#
Going High
2,6,7
45
45
ns
tDVEH
Data Setup to CEX# Going
High
2,6,7
45
45
ns
tELEH
CEX# Pulse Width
7
50
50
ns
tEHDX
Data Hold from CEX# High
2,7
0
0
ns
tEHAX
Address Hold from CEX#
High
2,7
5
5
ns
tEHWH
WE hold from CEX# High
3,7
5
5
ns
tEHEL
CEX# Pulse Width High
7
15
15
ns
tGHEL
Read Recovery before
Write
30
0
ns
tEHRL
CEX# High to RY/BY#
Going Low
3,7
100
100
ns
tRHPL
RP# Hold from Valid Status
Register (CSR, GSR, BSR)
Data and RY/BY# High
30
0
ns
tPHEL
RP# High Recovery to
CEX# Going Low
3,7
300
300
ns
tEHCH
Write Recovery before
Read
20
20
ns
tQVVL1,2
VPP Hold from Valid Status
Register (CSR, GSR, BSR)
Data and RY/BY# High
30
0
µs
tEHQV1
Duration of Program
Operation
3,4,5,8
4.5
6
TBD
4.5
6
TBD
µs
tEHQV2
Duration of Block Erase
Operation
3,4
0.6
1.2
20
0.6
1.2
20
sec


Similar Part No. - 28F016XS

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F016XD INTEL-28F016XD Datasheet
1Mb / 54P
   16-MBIT (1 MBIT x 16) DRAM-INTERFACE FLASH MEMORY
More results

Similar Description - 28F016XS

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
VS28F016SV INTEL-VS28F016SV Datasheet
612Kb / 50P
   16-Mbit (1-Mbit x 16, 2-Mbit x 8) FlashFileTM MEMORY
28F016SV INTEL-28F016SV Datasheet
635Kb / 63P
   16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
28F016SA INTEL-28F016SA Datasheet
840Kb / 55P
   28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
logo
Sharp Corporation
LH28F016SANS SHARP-LH28F016SANS Datasheet
2Mb / 41P
   16 Mbit(1 Mbit x 16, 2 Mbit x 8)
logo
Intel Corporation
28F016XD INTEL-28F016XD Datasheet
1Mb / 54P
   16-MBIT (1 MBIT x 16) DRAM-INTERFACE FLASH MEMORY
DD28F032SA INTEL-DD28F032SA Datasheet
1Mb / 49P
   32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY
M28F008 INTEL-M28F008 Datasheet
401Kb / 28P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
VE28F008 INTEL-VE28F008 Datasheet
381Kb / 26P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
logo
Sharp Corporation
LH28F008SAHR SHARP-LH28F008SAHR Datasheet
1Mb / 29P
   8 MBIT(1 MBIT x 8)FLASH MEMORY
LH28F008SAT SHARP-LH28F008SAT Datasheet
2Mb / 34P
   8 MBIT(1 MBIT x 8) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com