Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

28F016XS Datasheet(PDF) 19 Page - Intel Corporation

Part # 28F016XS
Description  16-MBIT (1 MBIT x 16, 2 MBIT x 8) SYNCHRONOUS FLASH MEMORY
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F016XS Datasheet(HTML) 19 Page - Intel Corporation

Back Button 28F016XS Datasheet HTML 15Page - Intel Corporation 28F016XS Datasheet HTML 16Page - Intel Corporation 28F016XS Datasheet HTML 17Page - Intel Corporation 28F016XS Datasheet HTML 18Page - Intel Corporation 28F016XS Datasheet HTML 19Page - Intel Corporation 28F016XS Datasheet HTML 20Page - Intel Corporation 28F016XS Datasheet HTML 21Page - Intel Corporation 28F016XS Datasheet HTML 22Page - Intel Corporation 28F016XS Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
E
28F016XS FLASH MEMORY
19
4/15/97 9:41 AM
9053204.DOC
INTEL CONFIDENTIAL
(until publication date)
4.4
28F016XS—Enhanced Command Bus Definitions
First Bus Cycle
Second Bus Cycle
Command
Notes
Oper
Addr
Data
(4)
Oper
Addr
Data
(4)
Read Extended Status Register
1
Write
X
xx71H
Read
RA
GSRD
BSRD
Lock Block/Confirm
Write
X
xx77H
Write
BA
xxD0H
Upload Status Bits/Confirm
2
Write
X
xx97H
Write
X
xxD0H
Device Configuration
3
Write
X
xx96H
Write
X
DCCD
ADDRESS
DATA
BA = Block Address
AD = Array Data
RA = Extended Register Address
BSRD = BSR Data
PA = Program Address
GSRD = GSR Data
X = Don’t Care
DCCD = Device Configuration Code Data
NOTES:
1. RA can be the GSR address or any BSR address. See Figures 5 and 6 for Extended Status Register memory maps.
2. Upon device power-up, all BSR lock-bits come up locked. The Upload Status Bits command must be written to reflect the
actual lock-bit status.
3. This command sets the SFI Configuration allowing the device to be optimized for the specific sytem operating frequency.
4. The upper byte of the Data bus (D8–15) during command writes is a “Don’t Care” in x16 operation of the device.


Similar Part No. - 28F016XS

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F016XD INTEL-28F016XD Datasheet
1Mb / 54P
   16-MBIT (1 MBIT x 16) DRAM-INTERFACE FLASH MEMORY
More results

Similar Description - 28F016XS

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
VS28F016SV INTEL-VS28F016SV Datasheet
612Kb / 50P
   16-Mbit (1-Mbit x 16, 2-Mbit x 8) FlashFileTM MEMORY
28F016SV INTEL-28F016SV Datasheet
635Kb / 63P
   16-MBIT (1 MBIT x 16, 2 MBIT x 8) FlashFile MEMORY
28F016SA INTEL-28F016SA Datasheet
840Kb / 55P
   28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
logo
Sharp Corporation
LH28F016SANS SHARP-LH28F016SANS Datasheet
2Mb / 41P
   16 Mbit(1 Mbit x 16, 2 Mbit x 8)
logo
Intel Corporation
28F016XD INTEL-28F016XD Datasheet
1Mb / 54P
   16-MBIT (1 MBIT x 16) DRAM-INTERFACE FLASH MEMORY
DD28F032SA INTEL-DD28F032SA Datasheet
1Mb / 49P
   32-MBIT (2 MBIT X 16, 4 MBIT X 8) FlashFile MEMORY
M28F008 INTEL-M28F008 Datasheet
401Kb / 28P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
VE28F008 INTEL-VE28F008 Datasheet
381Kb / 26P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
logo
Sharp Corporation
LH28F008SAHR SHARP-LH28F008SAHR Datasheet
1Mb / 29P
   8 MBIT(1 MBIT x 8)FLASH MEMORY
LH28F008SAT SHARP-LH28F008SAT Datasheet
2Mb / 34P
   8 MBIT(1 MBIT x 8) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com