Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7205S65D Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT7205S65D
Description  CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7205S65D Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT7205S65D Datasheet HTML 1Page - Integrated Device Technology IDT7205S65D Datasheet HTML 2Page - Integrated Device Technology IDT7205S65D Datasheet HTML 3Page - Integrated Device Technology IDT7205S65D Datasheet HTML 4Page - Integrated Device Technology IDT7205S65D Datasheet HTML 5Page - Integrated Device Technology IDT7205S65D Datasheet HTML 6Page - Integrated Device Technology IDT7205S65D Datasheet HTML 7Page - Integrated Device Technology IDT7205S65D Datasheet HTML 8Page - Integrated Device Technology IDT7205S65D Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
5.04
4
IDT7203/7204/7205/7206 CMOS ASYNCHRONOUS FIFO
2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
MILITARY AND COMMERCIAL TEMPERATURE RANGES
Commercial
Com'l & Mil.
Com'l
Military
Com'l
7203S/L12
7203S/L15
7203S/L20
7203S/L25
7203S/L30 7203S/L35
7204S/L12
7204S/L15
7204S/L20
7204S/L25
7204S/L30 7204S/L35
7205L15
7205L20
7205L25
7205L30
7205L35
7206L15
7206L20
7206L25
7206L30
7206L35
Symbol
Parameters
Min. Max. Min. Max. Min.
Max.
Min. Max. Min. Max. Min. Max. Unit
fS
Shift Frequency
50
40
33.3
28.5
25
22.2 MHz
tRC
Read Cycle Time
20
25
30
35
40
45
ns
tA
Access Time
12
15
20
25
30
35
ns
tRR
Read Recovery Time
8
10
10
10
10
10
ns
tRPW
Read Pulse Width(2)
12
15
20
25
30
35
ns
tRLZ
Read LOW to Data Bus LOW(3)
3—
5—
5
5—
5
5—
ns
tWLZ
Write HIGH to Data Bus Low-Z(3, 4)
3—
5—
5
5—
5
10
ns
tDV
Data Valid from Read HIGH
5
5
5
5
5
5
ns
tRHZ
Read HIGH to Data Bus High-Z(3)
12
15
15
18
20
20
ns
tWC
Write Cycle Time
20
25
30
35
40
45
ns
tWPW
Write Pulse Width(2)
12
15
20
25
30
35
ns
tWR
Write Recovery Time
8
10
10
10
10
10
ns
tDS
Data Set-up Time
9
11
12
15
18
18
ns
tDH
Data Hold Time
0
0
0
0
0
0
ns
tRSC
Reset Cycle Time
20
25
30
35
40
45
ns
tRS
Reset Pulse Width(2)
12
15
20
25
30
35
ns
tRSS
Reset Set-up Time(3)
12
15
20
25
30
35
ns
tRTR
Reset Recovery Time
8
10
10
10
10
10
ns
tRTC
Retransmit Cycle Time
20
25
30
35
40
45
ns
tRT
Retransmit Pulse Width(2)
12
15
20
25
30
35
ns
tRTS
Retransmit Set-up Time(3)
12
15
20
25
30
35
ns
tRSR
Retransmit Recovery Time
8
10
10
10
10
10
ns
tEFL
Reset to
EF LOW
12
25
30
35
40
45
ns
tHFH, tFFH Reset to
HF and FF HIGH
17
25
30
35
40
45
ns
tRTF
Retransmit LOW to Flags Valid
20
25
30
35
40
45
ns
tREF
Read LOW to
EF LOW
12
15
20
25
30
30
ns
tRFF
Read HIGH to
FF HIGH
14
15
20
25
30
30
ns
tRPE
Read Pulse Width after
EF HIGH
12
15
20
25
30
35
ns
tWEF
Write HIGH to
EF HIGH
12
15
20
25
30
30
ns
tWFF
Write LOW to
FF LOW
14
15
20
25
30
30
ns
tWHF
Write LOW to
HF Flag LOW
17
25
30
35
40
45
ns
tRHF
Read HIGH to
HF Flag HIGH
17
25
30
35
40
45
ns
tWPF
Write Pulse Width after
FF HIGH
12
15
20
25
30
35
ns
tXOL
Read/Write LOW to
XO LOW
12
15
20
25
30
35
ns
tXOH
Read/Write HIGH to
XO HIGH
12
15
20
25
30
35
ns
tXI
XI Pulse Width(2)
12
15
20
25
30
35
ns
tXIR
XI Recovery Time
8
10
10
10
10
10
ns
tXIS
XI Set-up Time
8
10
10
10
10
15
ns
AC ELECTRICAL CHARACTERISTICS(1)
(Commercial: VCC = 5V
± 10%, TA = 0°C to +70°C; Military: VCC = 5V ± 10%, TA = –55°C to +125°C)
NOTES:
2661 tbl 05
1. Timings referenced as in AC Test Conditions.
2. Pulse widths less than minimum are not allowed.
3. Values guaranteed by design, not currently tested.
4. Only applies to read data flow-through mode.


Similar Part No. - IDT7205S65D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7205 IDT-IDT7205 Datasheet
112Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7205 IDT-IDT7205 Datasheet
213Kb / 14P
   First-In/First-Out Dual-Port memory
IDT7205 IDT-IDT7205 Datasheet
143Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7205L12DG IDT-IDT7205L12DG Datasheet
112Kb / 14P
   CMOS ASYNCHRONOUS FIFO
IDT7205L12DGI IDT-IDT7205L12DGI Datasheet
112Kb / 14P
   CMOS ASYNCHRONOUS FIFO
More results

Similar Description - IDT7205S65D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
   CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
logo
Sharp Corporation
LH540205 SHARP-LH540205 Datasheet
136Kb / 17P
   CMOS 8192 x 9 Asynchronous FIFO
LH540204 SHARP-LH540204 Datasheet
156Kb / 18P
   CMOS 4096 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT72131 IDT-IDT72131 Datasheet
126Kb / 13P
   CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
logo
Sharp Corporation
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
   CMOS 2048 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72132 IDT-IDT72132 Datasheet
137Kb / 13P
   CMOS SERIAL-TO-PARALLEL FIFO 2048 x 9 4096 x 9
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
   CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com