Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HF9216 Datasheet(PDF) 2 Page - Hongfa Technology

Part No. HF9216
Description  HERMETICALLY SEALED ELECTRO MAGNETIC RELAUY
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HONGFA [Hongfa Technology]
Homepage  http://www.hongfa.com
Logo 

HF9216 Datasheet(HTML) 2 Page - Hongfa Technology

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
794 Sh2c2i2
794 Sh2c2i2
794 Sh2c2i2
794 Sh2c2i2
794 Sh2c2i2
944 Sh2c2i2
944 Sh2c2i2
944 Sh2c2i2
944 Sh2c2i2
944 Sh2c2i2
944 Sh2c2i2
944 Sh2c2i2
944 Sh2c2i2
944 Sh2c2i2
944 Sh2c2i2
694 Sh2c2i2
694 Sh2c2i2
694 Sh2c2i2
5n 54
*x NWuYc73i
8 ci
8ci
8]
5n 54
*7 NWuYc73i
5 NWuYc
73i
89
J[WaW][ hWj[ cWn2
@cX_[dj ]hWZ[
HdikbWj_ed h[i_ijWdY[ c_d2
C_[b[Yjh_Y
ijh[d]j^ c_d2
.LehcWb
YedZ_j_ed/
Mf[hWj[ j_c[ cWn2
C_[b[Yjh_Y ijh[d]j^ c_d2
.Jem W_h fh[iikh[ YedZ_j_ed/
Kekdj_d] ijob[
Q[hc_dWbi
Teha fei_j_ed
T[_]^j cWn2
O[b[Wi[ j_c[ cWn2
OWdZec
P[[ j^[ j[hc_dWb ijob[i
P[[ j^[ cekdj_d] Z_c[di_ed
Lehc_dWb Ye_b fem[h
6SOP FMUVOSR
Be_b lebjW][
MhZ[h
LkcX[h
SWbk[
cWn2
?SWMV3 T[ YWd e\\[h cWdo a_dZi e\ e\ Ye_b lebjW][ kdZ[h j^[ h[gk_h[c[dj e\ ki[hi2
5444 K .? 944 SZ2Y2/
5444 K .? 944 SZ2Y2/
5444 K .? 944 SZ2Y2/
GE=65:
1468
1`
14
5
{|
}
68
6=
64
42;
SZ2Y2
`
a_b
65
526
5644
56
a_b
`
592:
468
@ULMU ?XQJMU
468
;
54
CA86<9<64D<@?
6@<= 74D4
Be_b h[i_ijWdY[
.5 54,/
Wj 69
Lec_dWb
lebjW][
GebZ
lebjW][
cWn2
Chef1ekj
lebjW][
c_d2
N_Ya1kf lebjW][ cWn2 GebZ
lebjW][
cWn2
Chef1ekj
lebjW][
c_d2
N_Ya1kf lebjW][ cWn2
1:9 je 569
4QJOMRW :UILM
`yayb
@B78B<?: <?9@B>4D<@?
DYTM
>SXRWORN CWYPM
40 60 7 .P[[ j^[ cekdj_d] Z_c[di_ed/
DMUQORIPV CWYPM
5 .P[[ + Q[hc_dWb ijob[i + X[bem/
@ffhen2428<T
A[jm[[d ef[d YedjWYji
A[jm[[d YedjWYj - Ye_b
A[jm[[d YedjWYj - Yel[h
A[jm[[d YedjWYj ]hekf
A[jm[[d Ye_b - Yel[h


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn