Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM712N Datasheet(PDF) 1 Page - Frontier Electronics.

Part # KM712N
Description  10mm ADJUSTABLE RF COILS (UNSHIELDED)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

KM712N Datasheet(HTML) 1 Page - Frontier Electronics.

  KM712N Datasheet HTML 1Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KM703N to KM720N Series
10mm ADJUSTABLE RF COILS (UNSHIELDED)
Rev. A
A. Electrical Specifications:
Part No.
Color
L (uH) Min.
L (uH) Nom.
L (uH) Max. Test Freq. (MHz)
Q (Min.)
KM703N
Brown
0.80
1.2
1.70
7.9
47
KM704N
Red
1.25
2.0
2.75
7.9
48
KM705N
Orange
1.75
2.9
4.00
7.9
48
KM706N
Yellow
2.40
3.9
5.40
7.9
47
KM707N
Green
3.50
5.6
7.80
7.9
47
KM708N
Blue
4.70
7.8
10.6
7.9
46
KM709N
Violet
7.40
11.5
15.6
2.5
38
KM710N
Gray
11
18.2
25
2.5
40
KM711N
White
16
25.3
35
2.5
40
KM712N
Black
22
36.5
50
2.5
40
KM713N
Brown *
33
52.5
72
2.5
39
KM714N
Red *
46
74.8
103
2.5
51
KM715N
Orange *
66
100
136
0.79
40
KM716N
Yellow *
95
146
198
0.79
44
KM717N
Green *
136
216
297
0.79
40
KM718N
Blue *
198
312
426
0.79
45
KM719N
Violet *
286
530
630
0.79
33
KM720N
Gray *
418
790
927
0.79
38
* -
Denotes Color Dot
(Unshielded With Ferrite TH Core)
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
KM703N to KM720N
7.0
(0.276)
7.0
(0.276)
9.8
(0.386)
12.5
(0.492)
3.5
(0.138)
Ø0.7
(0.028)
Tol.
±0.3
(0.012)
±0.3
(0.012)
±0.5
(0.020)
±0.5
(0.020)
+1.0 (0.039)
-0.5 (0.020)
+0.2 (0.008)
-0.1 (0.004)
Frontier Electronics Corp.
®
Page 1 of 1
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - KM712N

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
KM712N FRONTIER-KM712N Datasheet
109Kb / 1P
   10mm Adjustable Unshielded IFT Coils
KM712N-LFR FRONTIER-KM712N-LFR Datasheet
109Kb / 1P
   10mm Adjustable Unshielded IFT Coils
More results

Similar Description - KM712N

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
KM703N FRONTIER-KM703N Datasheet
109Kb / 1P
   10mm Adjustable Unshielded IFT Coils
KM721N FRONTIER-KM721N_15 Datasheet
133Kb / 1P
   10mm ADJUSTABLE RF COILS (SHIELDED)
KM739N FRONTIER-KM739N_15 Datasheet
133Kb / 1P
   10mm ADJUSTABLE RF COILS (III) (SHIELDED)
logo
API Delevan
511R API-511R Datasheet
1Mb / 1P
   Molded Unshielded RF Coils
0819R API-0819R Datasheet
1Mb / 1P
   Molded Unshielded RF Coils
2534R API-2534R Datasheet
1Mb / 1P
   Molded Unshielded RF Coils
logo
List of Unclassifed Man...
2534-00K ETC1-2534-00K Datasheet
40Kb / 1P
   Molded Unshielded RF Coils
logo
API Delevan
1537-00M API-1537-00M Datasheet
51Kb / 1P
   Molded Unshielded RF Coils
1840-00M API-1840-00M Datasheet
52Kb / 1P
   Molded Unshielded RF Coils
4470-01K API-4470-01K Datasheet
53Kb / 1P
   Molded Unshielded RF Coils
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com