Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM743N Datasheet(PDF) 1 Page - Frontier Electronics.

Part # KM743N
Description  10mm ADJUSTABLE RF COILS (III) (SHIELDED)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

KM743N Datasheet(HTML) 1 Page - Frontier Electronics.

  KM743N Datasheet HTML 1Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KM739N to KM756N Series
10mm ADJUSTABLE RF COILS (III) (SHIELDED)
Rev. A
A. Electrical Specifications:
Part No.
Color
L (uH) Min.
L (uH) Nom.
L (uH) Max
Test Freq. (MHz)
Q (Min.)
KM739N
Brown
0.85
1.04
2.00
7.9
43
KM740N
Red
1.27
2.25
3.25
7.9
44
KM741N
Orange
1.83
3.25
4.60
7.9
41
KM742N
Yellow
2.48
4.50
6.40
7.9
40
KM743N
Green
3.58
6.50
9.30
7.9
40
KM744N
Blue
5.00
8.80
12.70
7.9
38
KM745N
Violet
7.70
13.0
18.40
2.5
30
KM746N
Gray
12
20.9
30
2.5
35
KM747N
White
16
29.4
42
2.5
34
KM748N
Black
25
42.3
60
2.5
32
KM749N
Brown *
36
62.8
90
2.5
30
KM750N
Red *
48
87.2
126
2.5
42
KM751N
Orange *
72
116
163
0.79
35
KM752N
Yellow *
102
168
238
0.79
36
KM753N
Green *
147
252
360
0.79
38
KM754N
Blue *
215
312
522
0.79
45
KM755N
Violet *
303
530
765
0.79
33
KM756N
Gray *
440
790
1143
0.79
38
* - Denotes Color Dot
(With Ferrite TH Core and Ferrite Sleeve)
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
h
KM739N to KM756N
7.0
(0.276)
7.0
(0.276)
10.2
(0.402)
12.6
0.496)
3.5
(0.138)
1.5
(0.059)
Ø0.7
(0.028)
Ø6.0
(0.236)
Tol.
±0.3
(0.012)
±0.3
(0.012)
±0.5
(0.020)
±0.5
(0.020)
+1.0 (0.039)
-0.5 (0.020)
±0.2
(0.008)
+0.2 (0.008)
-0.1 (0.004)
±0.5
(0.020)
Frontier Electronics Corp.
®
Page 1 of 1
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - KM743N

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
KM743N FRONTIER-KM743N Datasheet
109Kb / 1P
   10mm Adjustable Shielded RF Coil (II)
KM743N FRONTIER-KM743N Datasheet
41Kb / 1P
   10mm Adjustable Shielded RF Coil (II).P/N KM739N to KM756N
KM743N-LFR FRONTIER-KM743N-LFR Datasheet
109Kb / 1P
   10mm Adjustable Shielded RF Coil (II)
More results

Similar Description - KM743N

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
KM721N FRONTIER-KM721N_15 Datasheet
133Kb / 1P
   10mm ADJUSTABLE RF COILS (SHIELDED)
KM703N FRONTIER-KM703N_15 Datasheet
134Kb / 1P
   10mm ADJUSTABLE RF COILS (UNSHIELDED)
logo
List of Unclassifed Man...
9106 ETC1-9106 Datasheet
127Kb / 1P
   SHIELDED ADJUSTABLE RF COILS
logo
Frontier Electronics.
KM721N FRONTIER-KM721N Datasheet
110Kb / 1P
   10mm Adjustable Shielded RF Coil (I)
KM739N FRONTIER-KM739N Datasheet
109Kb / 1P
   10mm Adjustable Shielded RF Coil (II)
KM703N FRONTIER-KM703N Datasheet
109Kb / 1P
   10mm Adjustable Unshielded IFT Coils
KM739N FRONTIER-KM739N_10 Datasheet
41Kb / 1P
   10mm Adjustable Shielded RF Coil (II).P/N KM739N to KM756N
KM57A FRONTIER-KM57A_15 Datasheet
122Kb / 1P
   5mm ADJUSTABLE IFT COILS (SHIELDED)
KM51A FRONTIER-KM51A_15 Datasheet
122Kb / 1P
   5mm ADJUSTABLE IFT COILS (SHIELDED)
logo
API Delevan
0925-101K API-0925-101K Datasheet
49Kb / 1P
   Molded Shielded RF Coils
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com