Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32776G5506K000 Datasheet(PDF) 8 Page - TDK Electronics

Part # B32776G5506K000
Description  Metallized Polypropylene Film Capacitors
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B32776G5506K000 Datasheet(HTML) 8 Page - TDK Electronics

Back Button B32776G5506K000 Datasheet HTML 4Page - TDK Electronics B32776G5506K000 Datasheet HTML 5Page - TDK Electronics B32776G5506K000 Datasheet HTML 6Page - TDK Electronics B32776G5506K000 Datasheet HTML 7Page - TDK Electronics B32776G5506K000 Datasheet HTML 8Page - TDK Electronics B32776G5506K000 Datasheet HTML 9Page - TDK Electronics B32776G5506K000 Datasheet HTML 10Page - TDK Electronics B32776G5506K000 Datasheet HTML 11Page - TDK Electronics B32776G5506K000 Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
1) Capacitance value measured at 1 kHz
2) Max ripple current IRMS at 70
°C, 10 kHz for ∆T ≤ 20 °C at ∆ESR
typ
≤ ±5%
3) Typical ESL value measured at resonance frequency (see specific graphs of Z vs freq)
Ordering codes and packing units (lead spacing 37.5 mm)
CR1)
µF
Max. dimensions
w
× h × l
mm
P1
mm
Ordering code
(composition see
below)
IRMS,max2)
70
°C
10 kHz
A
ESRtyp
70
°C
10 kHz
m
ESLtyp3)
70
°C
10 kHz
nH
tan
δ
1 kHz
10-3
tan
δ
10 kHz
10-3
pcs.
MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Intermediate capacitance values are available on request.
Composition of ordering code
+ =
Capacitance tolerance code:
J =
±5%
K =
±10%
VR,70 °C = 450 V DC, Vop,85 °C = 450 V DC
12
24.0
× 15.0 × 41.5
B32776T4126K000
7.0
17.1
19.0
2.2
21.0
1040
16
24.0
× 19.0 × 41.5
B32776T4166K000
8.0
13.0
18.0
2.3
21.2
780
30
20.0
× 39.5 × 41.5 10.2 B32776G4306+000 14.0
7.0
11.0
2.3
21.3
640
30
20.0
× 39.5 × 41.5
B32776E4306+000 14.0
7.3
28.0
2.4
22.3
640
35
28.0
× 37.0 × 42.0 10.2 B32776G4356+000 16.5
6.0
10.0
2.3
21.4
440
35
28.0
× 37.0 × 42.0
B32776E4356+000 16.0
6.4
24.0
2.4
22.6
440
40
28.0
× 37.0 × 42.0 10.2 B32776G4406+000 17.5
5.3
11.0
2.3
21.4
440
40
28.0
× 37.0 × 42.0
B32776E4406+000 17.0
5.6
26.0
2.4
22.7
440
40
43.0
× 22.0 × 41.5 20.3 B32776T4406+000 17.0
5.2
13.0
2.3
21.2
280
50
28.0
× 42.5 × 41.5 10.2 B32776G4506+000 20.0
4.3
12.0
2.3
21.7
440
50
28.0
× 42.5 × 41.5
B32776E4506+000 19.0
4.7
30.0
2.5
23.8
440
60
30.0
× 45.0 × 42.0 20.3 B32776G4606+000 23.5
3.6
14.0
2.4
22.3
400
60
30.0
× 45.0 × 42.0
B32776E4606+000 22.0
4.0
32.0
2.5
24.2
400
65
33.0
× 48.0 × 42.0 20.3 B32776G4656+000 25.5
3.3
14.0
2.3
22.2
180
VR,70 °C = 575 V DC, Vop,85 °C = 500 V DC
8.5 24.0
× 15.0 × 41.5
B32776T5855+000
6.5
19.9
19.0
1.9
17.2
1040
12
24.0
× 19.0 × 41.5
B32776T5126K000
8.0
14.4
18.0
1.9
17.4
780
25
20.0
× 39.5 × 41.5 10.2 B32776G5256K000 14.0
7.0
12.0
1.9
17.5
640
25
20.0
× 39.5 × 41.5
B32776E5256K000 13.5
7.4
28.0
2.0
18.3
640
30
28.0
× 37.0 × 42.0 10.2 B32776G5306K000 16.5
5.8
11.0
1.9
17.6
440
30
28.0
× 37.0 × 42.0
B32776E5306K000 16.5
6.1
26.0
2.0
18.5
440
30
43.0
× 22.0 × 41.5 20.3 B32776T5306K000 16.5
5.8
13.0
1.9
17.3
280
35
28.0
× 42.5 × 41.5 10.2 B32776G5356+000 19.0
5.0
12.0
1.9
17.8
440
35
28.0
× 42.5 × 41.5
B32776E5356+000 18.0
5.3
29.0
2.0
19.0
440
45
30.0
× 45.0 × 42.0 20.3 B32776G5456K000 22.0
4.0
13.0
1.9
17.9
400
45
30.0
× 45.0 × 42.0
B32776E5456K000 21.0
4.4
32.0
2.1
19.7
400
50
33.0
× 48.0 × 42.0 20.3 B32776G5506K000 25.0
3.5
14.0
2.0
18.1
180
B32776
MKP DC link
high density series
up to 480
µF
Page 8 of 43
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B32776G5506K000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32776G5506K000 TDK-B32776G5506K000 Datasheet
1Mb / 45P
   Metallized Polypropylene Film Capacitors (MKP)
More results

Similar Description - B32776G5506K000

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
   Metallized Polypropylene Film Capacitors
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
   Metallized Polypropylene Film Capacitors
Revision: 19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPS RUBYCON-MPS Datasheet
80Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com