Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KM57A Datasheet(PDF) 1 Page - Frontier Electronics.

Part # KM57A
Description  5mm ADJUSTABLE IFT COILS (SHIELDED)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

KM57A Datasheet(HTML) 1 Page - Frontier Electronics.

  KM57A_15 Datasheet HTML 1Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KM57A/KM51A Series – 5mm ADJUSTABLE IFT COILS (SHIELDED)
Rev. A
A. Electrical Specifications:
Part No.
L (uH) Nom.
Test Freq. (MHz)
Q Min.
KM57A1287N
1.0
± 5%
7.96
55
KM57A1288N
1.2
± 5%
7.96
55
KM57A1289N
1.5
± 5%
7.96
55
KM57A1290N
1.8
± 5%
7.96
55
KM57A1291N
2.2
± 5%
7.96
55
KM57A1292N
2.7
± 5%
7.96
55
KM57A1293N
3.3
± 5%
7.96
55
KM57A1294N
3.9
± 5%
7.96
55
KM57A1295N
4.7
± 5%
7.96
55
KM57A1296N
5.6
± 5%
7.96
55
KM57A1297N
6.8
± 5%
7.96
55
KM57A1298N
8.2
± 5%
7.96
55
KM57A1299N
10.0
± 5%
2.52
55
KM57A1300N
12.0
± 5%
2.52
55
KM57A1301N
15.0
± 5%
2.52
55
KM57A1302N
18.0
± 5%
2.52
55
KM57A1303N
22.0
± 5%
2.52
55
KM57A1304N
27.0
± 5%
2.52
55
KM51A1202N
33.0
± 5%
2.52
40
KM51A1203N
39.0
± 5%
2.52
40
KM51A1204N
47.0
± 5%
2.52
40
KM51A1205N
56.0
± 5%
2.52
40
KM51A1206N
68.0
± 5%
2.52
40
KM51A1207N
82.0
± 5%
2.52
40
KM51A1208N
100.0
± 5%
0.796
40
KM51A1209N
120.0
± 5%
0.796
40
KM51A1210N
150.0
± 5%
0.796
40
KM51A1211N
180.0
± 5%
0.796
40
KM51A1212N
220.0
± 5%
0.796
40
KM51A1213N
270.0
± 5%
0.796
40
KM51A1214N
330.0
± 5%
0.796
40
KM51A1215N
390.0
± 5%
0.796
40
KM51A1216N
470.0
± 5%
0.796
40
KM51A1217N
560.0
± 5%
0.796
40
KM51A1218N
680.0
± 5%
0.796
40
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
h
KM57A/KM51
A
5.7
(0.224)
3.5
(0.138)
3.5
(0.138)
6.5
(0.256)
2.5
(0.098)
Ø5.0
(0.20)
Ø0.4
(0.016)
0.9
(0.035)
Tol.
±0.3
(0.012)
±0.2
(0.008)
±0.2
(0.008)
Max.
+1.0 (0.039)
-0.5 (0.020)
±0.5
(0.020)
±0.05
(0.002)
Typ.
Frontier Electronics Corp.
®
Page 1 of 1
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - KM57A_15

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
KM57A1287N FRONTIER-KM57A1287N Datasheet
90Kb / 1P
   5mm Adjustable shielded IFT Coil
KM57A1287N FRONTIER-KM57A1287N Datasheet
122Kb / 1P
   5mm ADJUSTABLE IFT COILS (SHIELDED)
KM57A1287N-LFR FRONTIER-KM57A1287N-LFR Datasheet
90Kb / 1P
   5mm Adjustable shielded IFT Coil
KM57A1288N FRONTIER-KM57A1288N Datasheet
90Kb / 1P
   5mm Adjustable shielded IFT Coil
KM57A1288N FRONTIER-KM57A1288N Datasheet
122Kb / 1P
   5mm ADJUSTABLE IFT COILS (SHIELDED)
More results

Similar Description - KM57A_15

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
KM51A FRONTIER-KM51A_15 Datasheet
122Kb / 1P
   5mm ADJUSTABLE IFT COILS (SHIELDED)
KM57A FRONTIER-KM57A Datasheet
90Kb / 1P
   5mm Adjustable shielded IFT Coil
KS1383N FRONTIER-KS1383N_15 Datasheet
153Kb / 1P
   7mm ADJUSTABLE IFT COILS (II) (SHIELDED)
KS1346N FRONTIER-KS1346N_15 Datasheet
123Kb / 1P
   7mm ADJUSTABLE IFT COILS (I) (SHIELDED)
KM703N FRONTIER-KM703N Datasheet
109Kb / 1P
   10mm Adjustable Unshielded IFT Coils
KS1383N FRONTIER-KS1383N Datasheet
97Kb / 1P
   7mm Adjustable shielded IFT Coil (II)
KS1346N FRONTIER-KS1346N Datasheet
105Kb / 1P
   7mm Adjustable shielded IFT Coil (I)
logo
Sumida Corporation
M-10B SUMIDA-M-10B Datasheet
72Kb / 2P
   IFT COILS
MC-129H SUMIDA-MC-129H Datasheet
24Kb / 1P
   IFT COILS
MC-129J SUMIDA-MC-129J Datasheet
82Kb / 3P
   IFT COILS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com