Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FB160808U300 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # FB160808U300
Description  SMD MULTILAYER FERRITE CHIP BEADS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

FB160808U300 Datasheet(HTML) 1 Page - Frontier Electronics.

  FB160808U300 Datasheet HTML 1Page - Frontier Electronics. FB160808U300 Datasheet HTML 2Page - Frontier Electronics. FB160808U300 Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FB160808 (0603) Series – SMD MULTILAYER FERRITE CHIP BEADS
(HIGH IMPEDANCE)
Rev. A
A. Electrical Specifications:
P/N
Impedance (
Ω) ±25% @100MHz
DCR Max. (
Ω)
I rms. Max.(mA)
FB160808Z100
10
0.10
800
FB160808Z300
30
0.10
800
FB160808Z600
60
0.10
800
FB160808Z800
80
0.10
900
FB160808Z121
120
0.10
800
FB160808Z221
220
0.15
600
FB160808Z301
300
0.35
400
FB160808Z601
600
0.45
600
FB160808Z102
1000
0.55
500
FB160808U100
10
0.10
900
FB160808U300
30
0.10
800
FB160808U470
47
0.10
600
FB160808U600
60
0.10
800
FB160808U800
80
0.15
900
FB160808U121
120
0.15
800
FB160808U221
220
0.20
700
FB160808U301
300
0.25
900
FB160808U471
470
0.35
500
FB160808U601
600
0.45
600
FB160808U102
1000
0.55
500
FB160808G100
10
0.08
800
FB160808G310
31
0.08
800
FB160808G470
47
0.15
500
FB160808G600
60
0.20
500
FB160808G750
75
0.20
500
FB160808G121
120
0.20
500
FB160808G221
220
0.20
500
FB160808G301
300
0.35
500
FB160808G541
540
0.40
500
FB160808G601
600
0.40
500
FB160808G102
1000
0.60
300
FB160808G152
1500
0.70
250
FB160808G202
2000
0.80
200
FB160808G252
2500
1.00
200
FB160808G272
2700
1.20
100
FB160808B100
10
0.10
500
FB160808B300
30
0.10
600
FB160808B470
47
0.20
500
FB160808B600
60
0.20
600
FB160808B750
75
0.25
500
FB160808B121
120
0.25
300
FB160808B221
220
0.40
600
FB160808B301
300
0.45
200
FB160808B471
470
0.65
200
FB160808B601
600
0.65
200
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
FB160808
1.6
(0.063)
0.8
(0.031)
0.8
(0.031)
0.3
(0.012)
2.80
(0.110)
1.00
(0.039)
0.60
(0.024)
Tol.
±0.2
(0.008)
±0.2
(0.008)
±0.2
(0.008)
±0.2
(0.008)
Typ.
Typ.
Typ.
Frontier Electronics Corp.
®
Page 1 of 3
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - FB160808U300

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
FB160808U301 FENGJUI-FB160808U301 Datasheet
64Kb / 3P
   EMI SOLOTION PRODUCTS-RoHS
More results

Similar Description - FB160808U300

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FB100505 FRONTIER-FB100505 Datasheet
126Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
FB201209 FRONTIER-FB201209 Datasheet
130Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
FB321611 FRONTIER-FB321611 Datasheet
129Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
TI201209 FRONTIER-TI201209 Datasheet
131Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
FB451616 FRONTIER-FB451616 Datasheet
128Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH IMPEDANCE)
FB453215 FRONTIER-FB453215 Datasheet
128Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH IMPEDANCE)
TI322513 FRONTIER-TI322513 Datasheet
122Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
logo
Sumida Corporation
SHB-1M2012-150 SUMIDA-SHB-1M2012-150 Datasheet
527Kb / 5P
   Multilayer Chip Ferrite Beads
SHB-1T0603-800 SUMIDA-SHB-1T0603-800 Datasheet
394Kb / 2P
   Multilayer Chip Ferrite Beads
logo
Frontier Electronics.
TI321611 FRONTIER-TI321611 Datasheet
127Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS (HIGH CURRENT)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com