Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

28F008C3 Datasheet(PDF) 22 Page - Intel Corporation

Part # 28F008C3
Description  3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008C3 Datasheet(HTML) 22 Page - Intel Corporation

Back Button 28F008C3 Datasheet HTML 18Page - Intel Corporation 28F008C3 Datasheet HTML 19Page - Intel Corporation 28F008C3 Datasheet HTML 20Page - Intel Corporation 28F008C3 Datasheet HTML 21Page - Intel Corporation 28F008C3 Datasheet HTML 22Page - Intel Corporation 28F008C3 Datasheet HTML 23Page - Intel Corporation 28F008C3 Datasheet HTML 24Page - Intel Corporation 28F008C3 Datasheet HTML 25Page - Intel Corporation 28F008C3 Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 59 page
background image
3 VOLT ADVANCED+ BOOT BLOCK
E
22
PRODUCT PREVIEW
Any
attempt
to
address
Protection
Program
commands outside the defined protection register
address space will result in a Status Register error
(Program Error bit SR.4 will be set to 1). Attempting
to program or to a previously locked protection
register segment will result in a status register error
(program error bit SR.4 and lock error bit SR.1 will
be set to 1).
3.4.3
LOCKING THE PROTECTION
REGISTER
The user-programmable segment of the protection
register is lockable by programming Bit 1 of the
PR-LOCK location to 0. Bit 0 of this location is
programmed to 0 at the Intel factory to protect the
unique device number. This bit is set using the
Protection Program command to program “FFFD” to
the PR-LOCK location. After these bits have been
programmed, no further changes can be made to
the
values
stored
in
the
protection
register.
Protection Program commands to a locked section
will result in a status register error (Program Error
bit SR.4 and Lock Error bit SR.1 will be set to 1).
Protection register lockout state is not reversible.
4 Words
Factory Programmed
4 Words
User Programmed
1 Word Lock
88H
85H
84H
81H
80H
0645_05
Figure 5. Protection Register Memory Map
3.5
VPP Program and Erase
Voltages
Intel’s 3 Volt Advanced+ Boot Block products
provide in-system writes plus a VPP pin for 12 V
production
programming
and
complete
write
protection.
3.5.1
EASY-12 V OPERATION FOR FAST
MANUFACTURING PROGRAMMING
Intel’s 3 Volt Advanced+ Boot Block products
provide in-system programming and erase in the
2.7 V–3.6 V
range.
For
fast
production
programming,
3 Volt
Advanced+
Boot
Block
includes a low-cost, backward-compatible 12 V
programming feature.
When VPP is between 1.65 V and 3.6 V, all program
and erase current is drawn through the VCC pin.
Note that if VPP is driven by a logic signal,
VIH = 1.65 V. That is, VPP must remain above 1.65 V
to perform in-system flash modifications. When VPP
is connected to a 12 V power supply, the device
draws program and erase current directly from the
VPP pin. This eliminates the need for an external
switching transistor to control the voltage VPP.
Figure 6 shows examples of how the flash power
supplies can be configured for various usage
models.
The
12 V
VPP mode enhances
programming
performance during the short period of time typically
found in manufacturing processes; however, it is
not intended for extended use. 12 V may be applied
to VPP during program and erase operations for a
maximum of 1000 cycles on the main blocks and
2500 cycles on the parameter blocks. VPP may be
connected to 12 V for a total of 80 hours maximum.
Stressing the device beyond these limits may cause
permanent damage.
3.5.2
VPP
≤ VPPLK FOR COMPLETE
PROTECTION
In addition to the flexible block locking, the VPP
programming voltage can be held low for absolute
hardware write protection of all blocks in the flash
device. When VPP is below VPPLK, any program or
erase operation will result in a error, prompting the
corresponding status register bit (SR.3) to be set.
3.5.3
VPP USAGE
The VPP pin is used for two functions: Absolute data
protection and fast production programming.
When VPP
≤ VPPLK, then all program or erase
operations to the device are inhibited, providing
absolute data protection.


Similar Part No. - 28F008C3

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F008B3 INTEL-28F008B3 Datasheet
408Kb / 49P
   SMART 3 ADVANCED BOOT BLOCK BYTE-WIDE
28F008B3 INTEL-28F008B3 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
28F008SA INTEL-28F008SA Datasheet
466Kb / 33P
   8-MBIT (1-MBIT x 8) FlashFileTM MEMORY
28F008SA INTEL-28F008SA Datasheet
381Kb / 26P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
28F008SA-L INTEL-28F008SA-L Datasheet
437Kb / 28P
   8-MBIT (1 MBIT x 8) FLASHFILETM MEMORY
More results

Similar Description - 28F008C3

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F320B3 INTEL-28F320B3 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
TE28F320 INTEL-TE28F320 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
28F800F3 INTEL-28F800F3 Datasheet
277Kb / 47P
   FAST BOOT BLOCK FLASH MEMORY FAMILY 8 AND 16 MBIT
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
   3 Volt Intel Advanced Boot Block Flash Memory
logo
Numonyx B.V
M29W160FT NUMONYX-M29W160FT Datasheet
1Mb / 57P
   16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory
logo
Intel Corporation
28F002BV-B INTEL-28F002BV-B Datasheet
638Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BV-TB INTEL-28F200BV-TB Datasheet
636Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F200BX-T INTEL-A28F200BX-T Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
   4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com