Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

28F008C3 Datasheet(PDF) 15 Page - Intel Corporation

Part # 28F008C3
Description  3 VOLT ADVANCED BOOT BLOCK 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

28F008C3 Datasheet(HTML) 15 Page - Intel Corporation

Back Button 28F008C3 Datasheet HTML 11Page - Intel Corporation 28F008C3 Datasheet HTML 12Page - Intel Corporation 28F008C3 Datasheet HTML 13Page - Intel Corporation 28F008C3 Datasheet HTML 14Page - Intel Corporation 28F008C3 Datasheet HTML 15Page - Intel Corporation 28F008C3 Datasheet HTML 16Page - Intel Corporation 28F008C3 Datasheet HTML 17Page - Intel Corporation 28F008C3 Datasheet HTML 18Page - Intel Corporation 28F008C3 Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 59 page
background image
E
3 VOLT ADVANCED+ BOOT BLOCK
15
PRODUCT PREVIEW
3.2.6.1
Suspending and Resuming Erase
Since an erase operation requires on the order of
seconds to complete, an Erase Suspend command
is provided to allow erase
-sequence interruption in
order to read data from or program data to another
block in memory. Once the erase sequence is
started, writing the Erase Suspend command to the
CUI
suspends
the
erase
sequence
at
a
predetermined point in the erase algorithm. The
status register will indicate if/when the erase
operation has been suspended. Erase suspend
latency is specified by tWHRH2/tEHRH2.
A Read Array/Program command can now be
written to the CUI to read/program data from/to
blocks other than that which is suspended. This
nested Program command can subsequently be
suspended to read yet another location. The only
valid commands while erase is suspended are
Read Status Register, Read Configuration, Read
Query, Program Setup, Program Resume, Erase
Resume, Lock Block, Unlock Block and Lock-Down
Block. During erase suspend mode, the chip can be
placed in a pseudo
-standby mode by taking CE# to
VIH. This reduces active current consumption.
Erase Resume continues the erase sequence when
CE# = VIL. As with the end of a standard erase
operation, the status register must be read and
cleared before the next instruction is issued.
Table 5. Command Bus Definitions
First Bus Cycle
Second Bus Cycle
Command
Notes
Oper
Addr
Data
Oper
Addr
Data
Read Array
4
Write
X
FFH
Read Configuration
2, 4
Write
X
90H
Read
IA
ID
Read Query
2, 4
Write
X
98H
Read
QA
QD
Read Status Register
4
Write
X
70H
Read
X
SRD
Clear Status Register
4
Write
X
50H
Program
3,4
Write
X
40H/10H
Write
PA
PD
Block Erase/Confirm
4
Write
X
20H
Write
BA
D0H
Program/Erase Suspend
4
Write
X
B0H
Program/Erase Resume
4
Write
X
D0H
Lock Block
4
Write
X
60H
Write
BA
01H
Unlock Block
4
Write
X
60H
Write
BA
D0H
Lock-Down Block
4
Write
X
60H
Write
BA
2FH
Protection Program
4
Write
X
C0H
Write
PA
PD
X = Don’t Care
PA = Prog Addr
BA = Block Addr
IA
= Identifier Addr. QA = Query Addr.
SRD = Status Reg. Data
PD = Prog Data
ID = Identifier Data
QD = Query Data
NOTES:
1.
Bus operations are defined in Table 3.
2.
Following the Read Configuration or Read Query commands, read operations output device configuration or CFI query
information, respectively. See Section 3.2.2 and 3.2.4.
3.
Either 40H or 10H command is valid, but the Intel standard is 40H.
4.
When writing commands, the upper data bus [DQ8–DQ15] should be either VIL or VIH, to minimize current draw.


Similar Part No. - 28F008C3

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F008B3 INTEL-28F008B3 Datasheet
408Kb / 49P
   SMART 3 ADVANCED BOOT BLOCK BYTE-WIDE
28F008B3 INTEL-28F008B3 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
28F008SA INTEL-28F008SA Datasheet
466Kb / 33P
   8-MBIT (1-MBIT x 8) FlashFileTM MEMORY
28F008SA INTEL-28F008SA Datasheet
381Kb / 26P
   8 MBIT (1 MBIT x 8) FLASH MEMORY
28F008SA-L INTEL-28F008SA-L Datasheet
437Kb / 28P
   8-MBIT (1 MBIT x 8) FLASHFILETM MEMORY
More results

Similar Description - 28F008C3

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
28F320B3 INTEL-28F320B3 Datasheet
304Kb / 48P
   SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
TE28F320 INTEL-TE28F320 Datasheet
920Kb / 58P
   3 Volt Advanced Boot Block Flash Memory
28F800F3 INTEL-28F800F3 Datasheet
277Kb / 47P
   FAST BOOT BLOCK FLASH MEMORY FAMILY 8 AND 16 MBIT
28F640C3 INTEL-28F640C3 Datasheet
177Kb / 18P
   3 Volt Intel Advanced Boot Block Flash Memory
logo
Numonyx B.V
M29W160FT NUMONYX-M29W160FT Datasheet
1Mb / 57P
   16 Mbit or 32 Mbit (x 8 or x 16, boot block) 3 V supply Flash memory
logo
Intel Corporation
28F002BV-B INTEL-28F002BV-B Datasheet
638Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BV-TB INTEL-28F200BV-TB Datasheet
636Kb / 55P
   2-MBIT SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY
28F200BX-TB INTEL-28F200BX-TB Datasheet
562Kb / 48P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
A28F200BX-T INTEL-A28F200BX-T Datasheet
459Kb / 33P
   2-MBIT (128K x 16, 256K x 8) BOOT BLOCK FLASH MEMORY FAMILY
28F400BX-TB INTEL-28F400BX-TB Datasheet
559Kb / 50P
   4-MBIT (256K X 16, 512K X 8) BOOT BLOCK FLASH MEMORY FAMILY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com