Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP1624K0603AT Datasheet(PDF) 2 Page - Frontier Electronics.

Part # DP1624K0603AT
Description  Surface mount diplexer with a small size of 1.6 X 0.80 X 0.60 mm, RoHS compliant.
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

DP1624K0603AT Datasheet(HTML) 2 Page - Frontier Electronics.

  DP1624K0603AT Datasheet HTML 1Page - Frontier Electronics. DP1624K0603AT Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DP1624K0603AT DIPLEXER SPECIFICATION
Rev. A
PCB DESIGN/LAYOUT CONSIDERATION
Typical RF Performance
Note:
- Unit in mm
- Design trace width to be 50
Ω impedance.
Frontier Electronics Corp.
®
Page 2 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - DP1624K0603AT

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
DP1624K0603BT FRONTIER-DP1624K0603BT Datasheet
172Kb / 2P
   Surface mount diplexer with a small size of 1.6 X 0.80 X 0.60 mm, RoHS compliant.
More results

Similar Description - DP1624K0603AT

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
DP2549K0603BT FRONTIER-DP2549K0603BT Datasheet
193Kb / 2P
   Surface mount diplexer with a small size of 1.6 X 0.80 X 0.60 mm, RoHS compliant.
DP1624K0603BT FRONTIER-DP1624K0603BT Datasheet
172Kb / 2P
   Surface mount diplexer with a small size of 1.6 X 0.80 X 0.60 mm, RoHS compliant.
DP2549K0603AT FRONTIER-DP2549K0603AT Datasheet
196Kb / 2P
   Surface mount diplexer with a small size of 1.6 X 0.80 X 0.60 mm, RoHS compliant.
DP2549K0603CT FRONTIER-DP2549K0603CT Datasheet
215Kb / 2P
   Surface mount diplexer with a small size of 1.6 X 0.80 X 0.60 mm, RoHS compliant.
DP2552K0805AT FRONTIER-DP2552K0805AT Datasheet
224Kb / 2P
   Surface mount diplexer with a small size of 2.0 X 1.25 X 0.80 mm, RoHS compliant.
DP1624P1008AT FRONTIER-DP1624P1008AT Datasheet
215Kb / 2P
   Surface mount diplexer with a small size of 2.5 X 2.0 X 0.80 mm, RoHS compliant.
DP1624M0603AT FRONTIER-DP1624M0603AT Datasheet
242Kb / 2P
   Surface mount diplexer with a small size of 1.6 X 0.8 X 0.6 mm, RoHS compliant.
DP2549K0805DT FRONTIER-DP2549K0805DT Datasheet
218Kb / 2P
   Surface mount diplexer with a small size of 2.0 X 1.25 X 0.95 mm, RoHS compliant.
DP2549E0805AT FRONTIER-DP2549E0805AT Datasheet
131Kb / 2P
   Surface mount diplexer with a small size of 2.0 X 1.25 X 0.95 mm, RoHS compliant.
DP2549K0805AT FRONTIER-DP2549K0805AT Datasheet
166Kb / 2P
   Surface mount diplexer with a small size of 2.0 X 1.25 X 0.55 mm, RoHS compliant.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com