Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P82510 Datasheet(PDF) 11 Page - InnovASIC, Inc

Part # P82510
Description  ASYNCHRONOUS SERIAL CONTROLLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

P82510 Datasheet(HTML) 11 Page - InnovASIC, Inc

Back Button P82510 Datasheet HTML 6Page - InnovASIC, Inc P82510 Datasheet HTML 7Page - InnovASIC, Inc P82510 Datasheet HTML 8Page - InnovASIC, Inc P82510 Datasheet HTML 9Page - InnovASIC, Inc P82510 Datasheet HTML 10Page - InnovASIC, Inc P82510 Datasheet HTML 11Page - InnovASIC, Inc P82510 Datasheet HTML 12Page - InnovASIC, Inc P82510 Datasheet HTML 13Page - InnovASIC, Inc P82510 Datasheet HTML 14Page - InnovASIC, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
IA82510
Data Sheet
ASYNCHRONOUS SERIAL CONTROLLER
As of Production Ver. 01
Copyright
© 2001
ENG211001219-01
www.innovasic.com
innovASIC
Customer Support:
The End of Obsolescence
Page 11 of 14
1-888-824-4184
ERRATA
PLEASE NOTE:
• When using the -01 version of the IA82510, please refer to the errata section,
"Production Version -01, Errata".
• When using the -00 version of the IA82510, please refer to the errata section,
"Production Version -00, Errata".
Production Version -01, Errata
The following errata are known problems with the -01 version of the IA82510. This is inclusive of
all package types and environment grades. A workaround to the identified problem has been
provided where possible. ALL ERRATA LISTED IN PRODUCTION VERION -00 HAVE
BEEN FIXED IN THIS VERSION OF THE DEVICE UNLESS OTHERWISE NOTED.
-00 Errata not fixed in this Production Version:
1. Problem: Device does not operate at 8 MHz in divide-by-one mode
Analysis: System testing revealed this operational deficiency.
Workaround: Switch to divide-by-two mode using 2X clock input
New Errata for Production Version -01:
2. Problem: RX FIFO locks up unexpectedly just after configuration and before starting
reception.
Analysis: An RCM command is executed with data of xB8. This is an “enable RX”, “flush RX
machine”, “flush RX FIFO”, and “lock RX FIFO” command done in a single instruction. The
“flush RX machine” should unlock the RX FIFO, creating a conflict with the simultaneous
“lock RX FIFO” command. The original Intel device apparently ignores or gives the “lock RX
FIFO” command lower priority in this case. The IA82510 has this priority reversed.
Apparently, the application software in this case expected the “lock RX FIFO” command to
fail.
Workaround: Do not execute a “flush RX FIFO” and “lock RX FIFO” command
simultaneously. Break up into separate RCM commands.
3. Problem: Unreliable transmits in AUTO TX mode.
Analysis: Many systems use the RTS output to activate the line transceiver. When the
Transmit Mode field in the TMD register is set to semi-auto or automatic mode, RTS is
controlled by the TX state machine. On the first character, RTS asserts at the same time as
the start bit on the TXD output, whereas the original Intel device asserts RTS a full bit time
before assertion of the start bit on TXD. At full temperature range, the width of the start bit


Similar Part No. - P82510

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
P82510 INNOVASIC-P82510 Datasheet
374Kb / 25P
   Asynchronous Serial Controller
More results

Similar Description - P82510

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA82510 INNOVASIC-IA82510_11 Datasheet
374Kb / 25P
   Asynchronous Serial Controller
logo
Intel Corporation
M82510 INTEL-M82510 Datasheet
463Kb / 40P
   ASYNCHRONOUS SERIAL CONTROLLER
logo
InnovASIC, Inc
IA82050 INNOVASIC-IA82050 Datasheet
57Kb / 11P
   ASYNCHRONOUS SERIAL CONTROLLER
IA82050 INNOVASIC-IA82050_11 Datasheet
342Kb / 22P
   Asynchronous Serial Controller
logo
Feeling Technology Corp...
FP5139 FEELING-FP5139 Datasheet
432Kb / 15P
   Asynchronous Boost Controller
logo
STMicroelectronics
ST72344XX STMICROELECTRONICS-ST72344XX Datasheet
1Mb / 247P
   SCI asynchronous serial interface
July 2012 Rev 6
logo
Intel Corporation
82050 INTEL-82050 Datasheet
834Kb / 14P
   ASYNCHRONOUS COMMUICATIONS CONTROLLER
logo
STMicroelectronics
ST72325XXX STMICROELECTRONICS-ST72325XXX Datasheet
2Mb / 243P
   SCI asynchronous serial interface
August 2010 Rev 3
logo
Global Mixed-mode Techn...
G5320 GMT-G5320 Datasheet
66Kb / 1P
   Asynchronous Voltage Mode Controller
logo
Major-Power Technology ...
MA5821 MPOWER-MA5821 Datasheet
172Kb / 2P
   58V Asynchronous Buck Controller
Rev.1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com