Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRF10150CT Datasheet(PDF) 1 Page - Goodwork Semiconductor Co., Ltd .

Part # SRF10150CT
Description  10 AMP SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GWSEMI [Goodwork Semiconductor Co., Ltd .]
Direct Link  http://www.goodwork.com.tw/
Logo GWSEMI - Goodwork Semiconductor Co., Ltd .

SRF10150CT Datasheet(HTML) 1 Page - Goodwork Semiconductor Co., Ltd .

  SRF10150CT Datasheet HTML 1Page - Goodwork Semiconductor Co., Ltd . SRF10150CT Datasheet HTML 2Page - Goodwork Semiconductor Co., Ltd .  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10 AMP SCHOTTKY BARRIER RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 5A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=125 C
Typical Junction Capacitance (Note1)
10
150
0.5
15
3.0
-65
+150
-65
+150
A
A
V
mA
mA
pF
0.95
Typical Thermal Resistance R JC (Note 2)
380
Operating
Storage Temperature Range TSTG
Temperature Range TJ
C
C
C/W
FEATURES
MECHANICAL DATA
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202,
method 208 guranteed
* Polarity: As Marked
* Mounting position: Any
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance Junction to Case.
SRF10150CT
SRF10200CT
UNITS
150
200
V
150
200
V
105
140
V
SRF10150CT THRU SRF10200CT
at Tc=95 C
ITO-220(FULLY INSULATED)
Dimensions in inches and (millimeters)
.412
.248
.122
(3.1)
.189
(4.8)
.158
.610
.550
.100
(2.54)
.060
.035
.108
(10.5)
(6.3)
(4.0)
(15.5)
(14.0)
(1.5)
(0.9)
(2.75)
MAX.
MAX.
MAX.
MIN.
MAX.
MAX.
3.4 MAX.
HOLE THRU
f
+
PIN 1
PIN 3
PIN 2
CASE
MAX.
MAX.
.114(2.9)
.098(2.5)
58
VOLTAGE RANGE
CURRENT
150 to 200 Volts
10.0 Amperes


Similar Part No. - SRF10150CT

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
SRF10150CT GXELECTRONICS-SRF10150CT Datasheet
333Kb / 2P
   SCHOTTKY BARRIER RECTIFIER Reverse Voltage - 20 to 200 Volts Forward Current - 10.0Amperes
logo
Inchange Semiconductor ...
SRF10150CT ISC-SRF10150CT Datasheet
356Kb / 2P
   Schottky Barrier Rectifier
logo
HY ELECTRONIC CORP.
SRF10150CT HY-SRF10150CT Datasheet
483Kb / 4P
   Schottky Barrier Recitifiers
logo
SAMYANG ELECTRONICS CO....
SRF10150CT SAMYANG-SRF10150CT Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SRF10150CT DGNJDZ-SRF10150CT Datasheet
1Mb / 7P
   10A 150V SCHOTTKY RECTIFIER
More results

Similar Description - SRF10150CT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MS1002 MICROSEMI-MS1002 Datasheet
131Kb / 2P
   10 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SR10150S SECOS-SR10150S_15 Datasheet
240Kb / 2P
   10 Amp Schottky Barrier Rectifiers
SM10150C SECOS-SM10150C_15 Datasheet
255Kb / 2P
   10 Amp Schottky Barrier Rectifiers
logo
UNIOHM CORPORATION
SR1680 UNIOHM-SR1680 Datasheet
69Kb / 2P
   10 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Goodwork Semiconductor ...
SR1020D GWSEMI-SR1020D Datasheet
66Kb / 2P
   10 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM10150C SECOS-SM10150C Datasheet
266Kb / 2P
   10 Amp Schottky Barrier Rectifiers
SR10200S SECOS-SR10200S Datasheet
208Kb / 2P
   10 Amp Schottky Barrier Rectifiers
logo
UNIOHM CORPORATION
SR1080 UNIOHM-SR1080 Datasheet
68Kb / 2P
   10 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Goodwork Semiconductor ...
SR10150CT GWSEMI-SR10150CT Datasheet
70Kb / 2P
   10 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SMPB1020 SECOS-SMPB1020_15 Datasheet
277Kb / 2P
   10 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com