Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1940 Datasheet(PDF) 5 Page - Analog Devices

Part # AD1940
Description  SigmaDSP Multichannel 28-Bit Audio Processor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1940 Datasheet(HTML) 5 Page - Analog Devices

  AD1940_15 Datasheet HTML 1Page - Analog Devices AD1940_15 Datasheet HTML 2Page - Analog Devices AD1940_15 Datasheet HTML 3Page - Analog Devices AD1940_15 Datasheet HTML 4Page - Analog Devices AD1940_15 Datasheet HTML 5Page - Analog Devices AD1940_15 Datasheet HTML 6Page - Analog Devices AD1940_15 Datasheet HTML 7Page - Analog Devices AD1940_15 Datasheet HTML 8Page - Analog Devices AD1940_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
AD1940/AD1941
Rev. B | Page 5 of
36
PLL
VDD = 2.25 to 2.75 V. Specifications measured across –40°C to 125°C.
Table 5.
Parameter
Min
Typ
Max
Unit
Lock Time
3
20
ms
REGULATOR
VDD = 2.25 to 2.75 V. Specifications measured across –40°C to 125°C.
Table 6.
Parameter
Min
Typ
Max
Unit
VSENSE Output Voltage
2.25
2.5
2.68
V
TEMPERATURE RANGE
Table 7.
Parameter
Min
Typ
Max
Unit
Functionality Guaranteed
–40
+105
°C Ambient
–40
+125
°C Case


Similar Part No. - AD1940_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1940YST AD-AD1940YST Datasheet
690Kb / 32P
   SigmaDSP-TM Multichannel 28-Bit Audio Processor
REV. 0
AD1940YSTRL AD-AD1940YSTRL Datasheet
690Kb / 32P
   SigmaDSP-TM Multichannel 28-Bit Audio Processor
REV. 0
AD1940YSTZ1 AD-AD1940YSTZ1 Datasheet
690Kb / 32P
   SigmaDSP-TM Multichannel 28-Bit Audio Processor
REV. 0
AD1940YSTZRL AD-AD1940YSTZRL Datasheet
690Kb / 32P
   SigmaDSP-TM Multichannel 28-Bit Audio Processor
REV. 0
More results

Similar Description - AD1940_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1941 AD-AD1941_15 Datasheet
421Kb / 36P
   SigmaDSP Multichannel 28-Bit Audio Processor
REV. B
AD1940 AD-AD1940 Datasheet
690Kb / 32P
   SigmaDSP-TM Multichannel 28-Bit Audio Processor
REV. 0
AD1941 AD-AD1941 Datasheet
314Kb / 32P
   SigmaDSP-TM Multichannel 28-Bit Audio Processor
Rev. PrE
ADAU1702 AD-ADAU1702_17 Datasheet
1Mb / 53P
   SigmaDSP 28-/56-Bit Audio Processor
ADAU1701 AD-ADAU1701_16 Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor
ADAU1401A AD-ADAU1401A_17 Datasheet
859Kb / 53P
   SigmaDSP 28-/56-Bit Audio Processor
ADAU1701 AD-ADAU1701 Datasheet
624Kb / 43P
   SigmaDSP 28/56-Bit Audio Processor with 2ADC/4DAC
Rev. PrF
ADAU1401 AD-ADAU1401_15 Datasheet
903Kb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. C
ADAU1401A AD-ADAU1401A Datasheet
1Mb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. 0
ADAU1452 AD-ADAU1452 Datasheet
9Mb / 180P
   SigmaDSP Digital Audio Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com