Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IA82510 Datasheet(PDF) 9 Page - InnovASIC, Inc

Part # IA82510
Description  ASYNCHRONOUS SERIAL CONTROLLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA82510 Datasheet(HTML) 9 Page - InnovASIC, Inc

Back Button IA82510 Datasheet HTML 5Page - InnovASIC, Inc IA82510 Datasheet HTML 6Page - InnovASIC, Inc IA82510 Datasheet HTML 7Page - InnovASIC, Inc IA82510 Datasheet HTML 8Page - InnovASIC, Inc IA82510 Datasheet HTML 9Page - InnovASIC, Inc IA82510 Datasheet HTML 10Page - InnovASIC, Inc IA82510 Datasheet HTML 11Page - InnovASIC, Inc IA82510 Datasheet HTML 12Page - InnovASIC, Inc IA82510 Datasheet HTML 13Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
IA82510
Data Sheet
ASYNCHRONOUS SERIAL CONTROLLER
As of Production Ver. 01
Copyright
© 2001
ENG211001219-01
www.innovasic.com
innovASIC
Customer Support:
The End of Obsolescence
Page 9 of 14
1-888-824-4184
PDIP Package
Lead Count
28 (in Inches)
MIN
MAX
A
-
.200
A1
.015
-
B
.015
.020
B1
.050
.070
C
.008
.012
D
1.380
1.470
E
.580
.610
E1
.520
.560
e
.100 TYP
eA
.580
-
eB
-
.686
L
.100 MIN
B2
-
-
S
-
-
eA
eB
C
SIDE VIEW (WIDTH)
D
L
A1
A
B
B1
e
SIDE VIEW (LENGTH)
LEAD 1
IDENTIFIER
1
LEAD COUNT
DIRECTION
E1
E
TOP


Similar Part No. - IA82510

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA82510 INNOVASIC-IA82510 Datasheet
374Kb / 25P
   Asynchronous Serial Controller
IA82510-PDW28I-R-01 INNOVASIC-IA82510-PDW28I-R-01 Datasheet
374Kb / 25P
   Asynchronous Serial Controller
IA82510PLC28IR2 INNOVASIC-IA82510PLC28IR2 Datasheet
374Kb / 25P
   Asynchronous Serial Controller
IA82510 INNOVASIC-IA82510_11 Datasheet
374Kb / 25P
   Asynchronous Serial Controller
More results

Similar Description - IA82510

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA82510 INNOVASIC-IA82510_11 Datasheet
374Kb / 25P
   Asynchronous Serial Controller
logo
Intel Corporation
M82510 INTEL-M82510 Datasheet
463Kb / 40P
   ASYNCHRONOUS SERIAL CONTROLLER
logo
InnovASIC, Inc
IA82050 INNOVASIC-IA82050 Datasheet
57Kb / 11P
   ASYNCHRONOUS SERIAL CONTROLLER
IA82050 INNOVASIC-IA82050_11 Datasheet
342Kb / 22P
   Asynchronous Serial Controller
logo
Feeling Technology Corp...
FP5139 FEELING-FP5139 Datasheet
432Kb / 15P
   Asynchronous Boost Controller
logo
STMicroelectronics
ST72344XX STMICROELECTRONICS-ST72344XX Datasheet
1Mb / 247P
   SCI asynchronous serial interface
July 2012 Rev 6
logo
Intel Corporation
82050 INTEL-82050 Datasheet
834Kb / 14P
   ASYNCHRONOUS COMMUICATIONS CONTROLLER
logo
STMicroelectronics
ST72325XXX STMICROELECTRONICS-ST72325XXX Datasheet
2Mb / 243P
   SCI asynchronous serial interface
August 2010 Rev 3
logo
Global Mixed-mode Techn...
G5320 GMT-G5320 Datasheet
66Kb / 1P
   Asynchronous Voltage Mode Controller
logo
Major-Power Technology ...
MA5821 MPOWER-MA5821 Datasheet
172Kb / 2P
   58V Asynchronous Buck Controller
Rev.1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com