Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT825CL Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT74FCT825CL
Description  HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT825CL Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT74FCT825CL Datasheet HTML 1Page - Integrated Device Technology IDT74FCT825CL Datasheet HTML 2Page - Integrated Device Technology IDT74FCT825CL Datasheet HTML 3Page - Integrated Device Technology IDT74FCT825CL Datasheet HTML 4Page - Integrated Device Technology IDT74FCT825CL Datasheet HTML 5Page - Integrated Device Technology IDT74FCT825CL Datasheet HTML 6Page - Integrated Device Technology IDT74FCT825CL Datasheet HTML 7Page - Integrated Device Technology IDT74FCT825CL Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IDT54/74FCT821/823/824/825A/B/C
HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
7.19
3
PRODUCT SELECTOR GUIDE
2608 tbl 01
PIN DESCRIPTION
FUNCTION TABLE
(1)
IDT54/74FCT821/823/825
FUNCTION TABLE
(1)
IDT54/74FCT824
2608 tbl 10
Device
10-Bit
9-Bit
8-Bit
Non-inverting
54/74FCT821A/B/C 54/74FCT823A/B/C 54/74FCT825A/B/C
Inverting
54/74FCT824A/B/C
NOTE:
2608 tbl 02
1. H = HIGH, L = LOW, X = Don’t Care, NC = No Change,
↑ = LOW-to-HIGH
Transition, Z = High Impedance
NOTE:
2608 tbl 03
1. H = HIGH, L = LOW, X = Don’t Care, NC = No Change,
↑ = LOW-to-
HIGH Transition, Z = High Impedance
Name
I/O
Description
DI
I
The D flip-flop data inputs.
CLR
I
For both inverting and non-inverting
registers, when the clear input is LOW
and
OE is LOW, the QI outputs are
LOW. When the clear input is HIGH,
data can be entered into the register.
CP
I
Clock Pulse for the Register; enters
data into the register on the LOW-to-
HIGH transition.
YI , YI
O
The register three-state outputs.
EN
I
Clock Enable. When the clock enable
is LOW, data on the D I input
is
transferred to the QI output on the
LOW-to-HIGH clock transition. When
the clock enable is HIGH, the QI
outputs
do
not
change
state,
regardless of the data or clock input
transitions.
OE
I
Output Control. When the
OE input is
HIGH, the Y I outputs are in the high
impedance state. When the
OE input is
LOW,
the
TRUE
register
data
is
present at the Y I outputs.
Inputs
Internal/
Outputs
OE
OE
CLR
CLR
EN
EN
DI
CP
QI
YI
Function
H
H
H
H
L
L
L
H
L
H
Z
Z
High Z
H
L
L
L
X
X
X
X
X
X
L
L
Z
L
Clear
H
L
H
H
H
H
X
X
X
X
NC
NC
Z
NC
Hold
H
H
L
L
H
H
H
H
L
L
L
L
L
H
L
H
L
H
L
H
Z
Z
L
H
Load
Inputs
Internal/
Outputs
OE
OE
CLR
CLR
EN
EN
DI
CP
QI
YI
Function
H
H
H
H
L
L
L
H
H
L
Z
Z
High Z
H
L
L
L
X
X
X
X
X
X
L
L
Z
L
Clear
H
L
H
H
H
H
X
X
X
X
NC
NC
Z
NC
Hold
H
H
L
L
H
H
H
H
L
L
L
L
L
H
L
H
H
L
H
L
Z
Z
H
L
Load


Similar Part No. - IDT74FCT825CL

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT825CT IDT-IDT74FCT825CT Datasheet
178Kb / 9P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT74FCT825CTD IDT-IDT74FCT825CTD Datasheet
178Kb / 9P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT74FCT825CTDB IDT-IDT74FCT825CTDB Datasheet
178Kb / 9P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT74FCT825CTE IDT-IDT74FCT825CTE Datasheet
178Kb / 9P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT74FCT825CTEB IDT-IDT74FCT825CTEB Datasheet
178Kb / 9P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
More results

Similar Description - IDT74FCT825CL

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT821AT IDT-IDT74FCT821AT Datasheet
178Kb / 9P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
logo
Pericom Semiconductor C...
PI74FCT821T PERICOM-PI74FCT821T Datasheet
85Kb / 7P
   Fast CMOS Bus Interface Registers
logo
List of Unclassifed Man...
WS59820 ETC1-WS59820 Datasheet
574Kb / 9P
   CMOS / BI - DIRECTIONAL BUS INTERFACE REGISTERS
logo
Integrated Device Techn...
IDT54FCT821A IDT-IDT54FCT821A Datasheet
77Kb / 7P
   HIGH PERFORMANCE CMOS BUS INTERFACE REGISTER
IDT74FCT823AT IDT-IDT74FCT823AT_06 Datasheet
78Kb / 7P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTER
IDT54FCT823 IDT-IDT54FCT823 Datasheet
89Kb / 7P
   HIGH PERFORMANCE CMOS BUS INTERFACE REGISTER
logo
Renesas Technology Corp
IDT74FCT823AT RENESAS-IDT74FCT823AT Datasheet
678Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTER
February 19, 2009
logo
Integrated Device Techn...
IDT74FCT841A IDT-IDT74FCT841A Datasheet
140Kb / 7P
   HIGH-PERFORMANCE CMOS BUS INTERFACE LATCHES
logo
NXP Semiconductors
74F821 PHILIPS-74F821 Datasheet
140Kb / 18P
   Bus interface registers
1996 Jan 05
logo
Advanced Micro Devices
AM29843 AMD-AM29843 Datasheet
597Kb / 15P
   HIGH PERFORMANCE BUS INTERFACE LATCHES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com