Electronic Components Datasheet Search |
|
AD1886A Datasheet(PDF) 11 Page - Analog Devices |
|
AD1886A Datasheet(HTML) 11 Page - Analog Devices |
11 / 28 page REV. 0 AD1886A –11– Indexed Control Registers Reg Num Name D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 Default 00h Reset X SE4 SE3 SE2 SE1 SE0 ID9 ID8 ID7 ID6 ID5 ID4 ID3 ID2 ID1 ID0 0410h 02h Master Volume MM X LMV5 LMV4 LMV3 LMV2 LMV1 LMV0 X X RMV5 RMV4 RMV3 RMV2 RMV1 RMV0 8000h 04h Headphones Volume HPM X LHV5 LHV4 LHV3 LHV2 LHV1 LHV0 X X RHV5 RHV4 RHV3 RHV2 RHV1 RHV0 8000h 06h Master Volume Mono MMM XXXX XXXX X X MMV4 MMV3 MMV2 MMV1 MMV0 8000h 08h Reserved X XXXX XXXX X X X X X X X X 0Ah PC Beep Volume PCM XXXX XXXX X X PCV3 PCV2 PCV1 PCV0 X 8000h 0Ch Phone-In Volume PHM XXXX XXXX X X PHV4 PHV3 PHV2 PHV1 PHV0 8008h 0Eh Mic Volume MCM XXXX XXXX M20 XMCV4 MCV3 MCV2 MCV1 MCV0 8008h 10h Line-In Volume LM X X LLV4 LLV3 LLV2 LLV1 LLV0 X X X RLV4 RLV3 RLV2 RLV1 RLV0 8808h 12h CD Volume CVM X X LCV4 LCV3 LCV2 LCV1 LCV0 X X X RCV4 RCV3 RCV2 RCV1 RCV0 8808h 14h Video Volume VM X X LVV4 LVV3 LVV2 LVV1 LVV0 X X X RVV4 RVV3 RVV2 RVV1 RVV0 8808h 16h Aux Volume AM X X LAV4 LAV3 LAV2 LAV1 LAV0 X X X RAV4 RAV3 RAV2 RAV1 RAV0 8808h 18h PCM Out Vol OM X X LOV4 LOV3 LOV2 LOV1 LOV0 X X X ROV4 ROV3 ROV2 ROV1 ROV0 8808h 1Ah Record Select X XXXXLS2 LS1 LS0 X X X X X RS2 RS1 RS0 0000h 1Ch Record Gain IM X X X LIM3 LIM2 LIM1 LIM0 X X X X RIM3 RIM2 RIM1 RIM0 8000h 20h General-Purpose POP X 3D X X X MIX MS LPBK X X X X X X X 0000h 22h 3D Control X XXXX XXXX X X X DP3 DP2 DP1 DP0 0000h 26h Power-Down Ctrl/Stat X X PR5 PR4 PR3 PR2 PR1 PR0 X X X X REF ANL DAC ADC 000Xh 28h Ext’d Audio ID ID1 ID0 X X X XXXX X X X X SPDF X VRA 0005h 2Ah Ext’d Audio Stat/Ctrl X XXXX SPCV X X X X SPSA1 SPSA0 X SPDIF X VRA 0000h 2Ch/ PCM DAC Rate (SR1) SR15 SR14 SR13 SR12 SR11 SR10 SR9 SR8 SR7 SR6 SR5 SR4 SR3 SR2 SR1 SR0 BB80h (7Ah) * 32h/ PCM ADC Rate (SR0) SR15 SR14 SR13 SR12 SR11 SR10 SR9 SR8 SR7 SR6 SR5 SR4 SR3 SR2 SR1 SR0 BB80h (78h) * 3Ah SPDIF Control V X SPSR1 SPSR0 L CC6 CC5 CC4 CC3 CC2 CC1 CC0 PRE COPY AUD PRO 0000h 72h Jack Sense/SPDIF SPMIX JSOD SPRZ JSPD X JSOE JSLM JSD X JSC JSMM JSM VWI JS1 JS0 JSI 0000h 74h Serial Configuration SLOT16 REGM2 REGM1 REGM0 DRQEN XXXX X X X X X X X 7000h 76h Misc Control Bits DACZ LPMIX X DAM DMS DLSR X ALSR MOD SRX1 SRX8 X X DRSR X ARSR 0404h EN 0D7 D7 7Ch Vendor ID1 F7 F6 F5 F4 F3 F2 F1 F0 S7 S6 S5 S4 S3 S2 S1 S0 4144h 7Eh Vendor ID2 T7 T6 T5 T4 T3 T2 T1 T0 REV7 REV6 REV5 REV4 REV3 REV2 REV1 REV0 5363h NOTES All registers not shown and bits containing an X are assumed to be reserved. Odd register addresses are aliased to the next lower even address. Reserved registers should not be written. Zeros should be written to reserved bits. *Indicates Aliased register for AD1819, AD1819A backward compatibility |
Similar Part No. - AD1886A_15 |
|
Similar Description - AD1886A_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |