Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IA8237 Datasheet(PDF) 4 Page - InnovASIC, Inc

Part # IA8237
Description  Programmable DMA Controller
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INNOVASIC [InnovASIC, Inc]
Direct Link  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

IA8237 Datasheet(HTML) 4 Page - InnovASIC, Inc

  IA8237 Datasheet HTML 1Page - InnovASIC, Inc IA8237 Datasheet HTML 2Page - InnovASIC, Inc IA8237 Datasheet HTML 3Page - InnovASIC, Inc IA8237 Datasheet HTML 4Page - InnovASIC, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4 of 4
IA8237
Advanced Information Sheet
Programmable DMA Controller
Copyright
© 1999, InnovASIC Inc.
Customer Specific IC Solutions
Package Designator Table
Package Type
innovASIC
Designator
Ceramic side brazed Dual In-line
CDB
Cerdip with window
CDW
Ceramic leaded chip carrier
CLC
Cerdip without window
CD
Ceramic leadless chip carrier
CLL
PLCC
PLC
Plastic DIP standard (300 mil)
PD
Plastic DIP standard (600 mil)
PDW
Plastic metric quad flat pack
PQF
Plastic thin quad flat pack
PTQ
Skinny Cerdip
CDS
Small outline plastic gull-wing(150 mil body)
PSO
Small outline medium plastic gull-wing (207 mil body)
PSM
Small outline narrow plastic gull wing (150 mil body)
PSN
Small outline wide plastic gull wing (300 mil body)
PSW
Skinny Plastic Dip
PDS
Shrink small outline plastic (5.3mm .208 body)
PS
Thin shrink small outline plastic
PTS
Small outline large plastic gull wing (330 mil body)
PSL
Thin small outline plastic gull-wing (8 x 20mm) [TSOP]
PST
PGA
CPGA
BGA
CBGA
Contact innovASIC for other package and processing options.


Similar Part No. - IA8237

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA82050 INNOVASIC-IA82050 Datasheet
57Kb / 11P
   ASYNCHRONOUS SERIAL CONTROLLER
IA82050 INNOVASIC-IA82050 Datasheet
342Kb / 22P
   Asynchronous Serial Controller
IA82050-PDW28C-01 INNOVASIC-IA82050-PDW28C-01 Datasheet
57Kb / 11P
   ASYNCHRONOUS SERIAL CONTROLLER
IA82050-PDW28I-01 INNOVASIC-IA82050-PDW28I-01 Datasheet
57Kb / 11P
   ASYNCHRONOUS SERIAL CONTROLLER
IA82050-PDW28I-R-01 INNOVASIC-IA82050-PDW28I-R-01 Datasheet
342Kb / 22P
   Asynchronous Serial Controller
More results

Similar Description - IA8237

ManufacturerPart #DatasheetDescription
logo
NEC
UPD8257 NEC-UPD8257 Datasheet
608Kb / 11P
   PROGRAMMABLE DMA CONTROLLER
logo
Intel Corporation
M8257 INTEL-M8257 Datasheet
360Kb / 7P
   PROGRAMMABLE DMA CONTROLLER
logo
Advanced Micro Devices
AM8257 AMD-AM8257 Datasheet
519Kb / 8P
   Programmable DMA Controller
logo
Altera Corporation
A8237 ALTERA-A8237 Datasheet
269Kb / 22P
   PROGRAMMABLE DMA CONTROLLER
logo
OKI electronic componet...
MSM82C37B-5RS OKI-MSM82C37B-5RS Datasheet
301Kb / 34P
   PROGRAMMABLE DMA CONTROLLER
logo
Altera Corporation
M-CAS-C8237 ALTERA-M-CAS-C8237 Datasheet
404Kb / 5P
   PROGRAMMABLE DMA CONTROLLER ALTERA CORE
logo
NEC
UPD8237A NEC-UPD8237A Datasheet
973Kb / 17P
   HIGH-PERFORMANCE PROGRAMMABLE DMA CONTROLLER
logo
Harris Corporation
82C37 HARRIS-82C37 Datasheet
204Kb / 23P
   CMOS High Performance Programmable DMA Controller
logo
Intersil Corporation
82C37A INTERSIL-82C37A_06 Datasheet
427Kb / 24P
   CMOS High Performance Programmable DMA Controller
82C237 INTERSIL-82C237 Datasheet
158Kb / 25P
   CMOS High Performance Programmable DMA Controller
March 1997
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com